Zakładka z wyszukiwarką danych komponentów |
|
TS5A3159DCKT Arkusz danych(PDF) 3 Page - Texas Instruments |
|
|
TS5A3159DCKT Arkusz danych(HTML) 3 Page - Texas Instruments |
3 / 26 page TS5A3159 1 W SPDT ANALOG SWITCH SCDS174B − AUGUST 2004 – REVISED MAY 2005 www.ti.com 3 Electrical Characteristics for 5-V Supply V+ = 4.5 V to 5.5 V and TA = −40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP(1) MAX UNIT Analog Switch Analog signal range VCOM, VNO,VNC 0 V+ V Peak ON resistance rpeak 0 ≤ VNO or VNC ≤ V+, Switch ON, 25 °C 4.5 V 1 1.5 Ω Peak ON resistance rpeak 0 ≤ VNO or VNC ≤ V+, ICOM = −30 mA, Switch ON, See Figure 11 Full 4.5 V 1.5 Ω ON-state resistance ron VNO or VNC = 2.5 V, Switch ON, 25 °C 4.5 V 0.75 1.1 Ω ON-state resistance ron VNO or VNC = 2.5 V, ICOM = −30 mA, Switch ON, See Figure 11 Full 4.5 V 1.1 Ω ON-state resistance match between channels ∆ron VNO or VNC = 2.5 V, ICOM = −30 mA, Switch ON, See Figure 11 25 °C 4.5 V 0.1 Ω ON-state resistance ron(flat) 0 ≤ VNO or VNC ≤ V+, ICOM = −30 mA, Switch ON, 25 °C 4.5 V 0.233 Ω ON-state resistance flatness ron(flat) VNO or VNC = 1 V, 1.5 V, 2.5 V, ICOM = −30 mA, Switch ON, See Figure 11 25 °C 4.5 V 0.15 Ω NC, NO INC(OFF), VNC or VNO = 4.5 V, Switch OFF, 25 °C 5.5 V −2 0.2 2 nA NC, NO OFF leakage current INC(OFF), INO(OFF) VNC or VNO = 4.5 V, VCOM = 0, Switch OFF, See Figure 12 Full 5.5 V −20 20 nA NC, NO INC(ON), VNC or VNO = 4.5 V, Switch ON, 25 °C 5.5 V −4 2.8 4 nA NC, NO ON leakage current INC(ON), INO(ON) VNC or VNO = 4.5 V, VCOM = Open, Switch ON, See Figure 13 Full 5.5 V −40 40 nA COM ICOM(ON) VNC or VNO = 4.5 V or Open, Switch ON, 25 °C 5.5 V −4 0.47 4 nA COM ON leakage current ICOM(ON) VNC or VNO = 4.5 V or Open, VCOM = 4.5 V, Switch ON, See Figure 13 Full 5.5 V −40 40 nA Digital Inputs (IN) Input logic high VIH Full 2.4 5.5 V Input logic low VIL Full 0 0.8 V Input leakage current IIH, IIL VIN = 5.5 V or 0 Full 5.5 V −1 1 µA (1) TA = 25°C |
Podobny numer części - TS5A3159DCKT |
|
Podobny opis - TS5A3159DCKT |