Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

7WB383BMX1TCG Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części 7WB383BMX1TCG
Szczegółowy opis  Bus Exchange Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

7WB383BMX1TCG Arkusz danych(HTML) 5 Page - ON Semiconductor

  7WB383BMX1TCG Datasheet HTML 1Page - ON Semiconductor 7WB383BMX1TCG Datasheet HTML 2Page - ON Semiconductor 7WB383BMX1TCG Datasheet HTML 3Page - ON Semiconductor 7WB383BMX1TCG Datasheet HTML 4Page - ON Semiconductor 7WB383BMX1TCG Datasheet HTML 5Page - ON Semiconductor 7WB383BMX1TCG Datasheet HTML 6Page - ON Semiconductor 7WB383BMX1TCG Datasheet HTML 7Page - ON Semiconductor 7WB383BMX1TCG Datasheet HTML 8Page - ON Semiconductor 7WB383BMX1TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
7WB383
http://onsemi.com
5
TYPICAL DC CHARACTERISTICS
Figure 4. Output Voltage High vs Supply Voltage
VCC, SUPPLY VOLTAGE (V)
4.50
4.00
4.25
4.75
5.00
5.50
5.75
IOH =
−0.1 mA
−6 mA
−12 mA
−24 mA
VCC, SUPPLY VOLTAGE (V)
VCC, SUPPLY VOLTAGE (V)
4.25
4.00
3.75
3.50
3.25
3.00
2.75
2.50
2.25
5.25
5.60
TA = +85°C
VIN = VCC
4.50
4.00
4.25
4.75
5.00
5.50
5.75
IOH =
−0.1 mA
−6 mA
−12 mA
−24 mA
4.25
4.00
3.75
3.50
3.25
3.00
2.75
2.50
2.25
5.25
5.60
TA = +25°C
VIN = VCC
4.50
4.00
4.25
4.75
5.00
5.50
5.75
IOH =
−0.1 mA
−6 mA
−12 mA
−24 mA
4.25
4.00
3.75
3.50
3.25
3.00
2.75
2.50
2.25
5.25
5.60
TA = −40°C
VIN = VCC


Podobny numer części - 7WB383BMX1TCG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
7WB383 ONSEMI-7WB383 Datasheet
89Kb / 10P
   Bus Exchange Switch
October, 2014 ??Rev. 1
7WB383DMR2G ONSEMI-7WB383DMR2G Datasheet
89Kb / 10P
   Bus Exchange Switch
October, 2014 ??Rev. 1
7WB383DMUTCG ONSEMI-7WB383DMUTCG Datasheet
89Kb / 10P
   Bus Exchange Switch
October, 2014 ??Rev. 1
7WB383MUTAG ONSEMI-7WB383MUTAG Datasheet
89Kb / 10P
   Bus Exchange Switch
October, 2014 ??Rev. 1
7WB383 ONSEMI-7WB383_14 Datasheet
89Kb / 10P
   Bus Exchange Switch
October, 2014 ??Rev. 1
More results

Podobny opis - 7WB383BMX1TCG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
7WB383 ONSEMI-7WB383_14 Datasheet
89Kb / 10P
   Bus Exchange Switch
October, 2014 ??Rev. 1
7WBD383 ONSEMI-7WBD383_14 Datasheet
110Kb / 12P
   Translating Bus Exchange Switch
October, 2014 ??Rev. 2
7WBD383 ONSEMI-7WBD383 Datasheet
190Kb / 14P
   Translating Bus Exchange Switch
February, 2010 ??Rev. 0
logo
Fairchild Semiconductor
FST16209 FAIRCHILD-FST16209 Datasheet
134Kb / 5P
   18-Bit Bus Exchange Switch
FST16213 FAIRCHILD-FST16213 Datasheet
153Kb / 6P
   24-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163209 IDT-IDT74FST163209 Datasheet
82Kb / 6P
   9-BIT BUS EXCHANGE SWITCH
IDT74FST163212 IDT-IDT74FST163212 Datasheet
81Kb / 6P
   24-BIT BUS EXCHANGE SWITCH
logo
Toshiba Semiconductor
TC7WB383FK TOSHIBA-TC7WB383FK Datasheet
111Kb / 7P
   2-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163383 IDT-IDT74FST163383 Datasheet
93Kb / 6P
   20-BIT BUS EXCHANGE SWITCH
IDT74FST163213 IDT-IDT74FST163213 Datasheet
82Kb / 6P
   24-BIT BUS EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com