Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

7WBD383 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części 7WBD383
Szczegółowy opis  Translating Bus Exchange Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

7WBD383 Arkusz danych(HTML) 1 Page - ON Semiconductor

  7WBD383 Datasheet HTML 1Page - ON Semiconductor 7WBD383 Datasheet HTML 2Page - ON Semiconductor 7WBD383 Datasheet HTML 3Page - ON Semiconductor 7WBD383 Datasheet HTML 4Page - ON Semiconductor 7WBD383 Datasheet HTML 5Page - ON Semiconductor 7WBD383 Datasheet HTML 6Page - ON Semiconductor 7WBD383 Datasheet HTML 7Page - ON Semiconductor 7WBD383 Datasheet HTML 8Page - ON Semiconductor 7WBD383 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2010
February, 2010 − Rev. 0
1
Publication Order Number:
7WBD383/D
7WBD383
Translating Bus Exchange
Switch
The 7WBD383 is an advanced high−speed low−power translating
bus exchange switch in ultra−small footprints.
Features
High Speed: tPD = 0.25 ns (Max) @ VCC = 4.5 V
3 W Switch Connection Between 2 Ports
Power Down Protection Provided on Inputs
Zero Bounce
TTL−Compatible Control Inputs
Ultra−Small Pb−Free Packages
These are Pb−Free Devices
This document contains information on some products that are still under development.
ON Semiconductor reserves the right to change or discontinue these products without
notice.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
1
ULLGA8
1.45 x 1.0
CASE 613AA
1
ULLGA8
1.6 x 1.0
CASE 613AB
1
ULLGA8
1.95 x 1.0
CASE 613AC
6M
G
AQM
G
AQM
G
UDFN8
MU SUFFIX
CASE 517AJ
1
8
ALM
G
1
8
AJ M*G
G
1
UQFN8
MU SUFFIX
CASE 523AN
US8
US SUFFIX
CASE 493
1
8
AG M*G
G
(Note: Microdot may be in either location)
A
= Assembly Location
Y
= Year
W
= Work Week
M
= Date Code
G
= Pb−Free Package
D383
AYWG
G
1
8
Micro8]
DM SUFFIX
CASE 846A
*Date Code orientation may vary depending
upon manufacturing location.


Podobny numer części - 7WBD383

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
7WBD383 ONSEMI-7WBD383 Datasheet
110Kb / 12P
   Translating Bus Exchange Switch
October, 2014 ??Rev. 2
7WBD383AMUTCG ONSEMI-7WBD383AMUTCG Datasheet
110Kb / 12P
   Translating Bus Exchange Switch
October, 2014 ??Rev. 2
7WBD383DMR2G ONSEMI-7WBD383DMR2G Datasheet
110Kb / 12P
   Translating Bus Exchange Switch
October, 2014 ??Rev. 2
7WBD383DMUTCG ONSEMI-7WBD383DMUTCG Datasheet
110Kb / 12P
   Translating Bus Exchange Switch
October, 2014 ??Rev. 2
7WBD383MUTAG ONSEMI-7WBD383MUTAG Datasheet
110Kb / 12P
   Translating Bus Exchange Switch
October, 2014 ??Rev. 2
More results

Podobny opis - 7WBD383

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
7WBD383 ONSEMI-7WBD383_14 Datasheet
110Kb / 12P
   Translating Bus Exchange Switch
October, 2014 ??Rev. 2
7WB383 ONSEMI-7WB383 Datasheet
169Kb / 12P
   Bus Exchange Switch
April, 2010 ??Rev. 0
7WB383 ONSEMI-7WB383_14 Datasheet
89Kb / 10P
   Bus Exchange Switch
October, 2014 ??Rev. 1
logo
Fairchild Semiconductor
FST16209 FAIRCHILD-FST16209 Datasheet
134Kb / 5P
   18-Bit Bus Exchange Switch
FST16213 FAIRCHILD-FST16213 Datasheet
153Kb / 6P
   24-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163209 IDT-IDT74FST163209 Datasheet
82Kb / 6P
   9-BIT BUS EXCHANGE SWITCH
IDT74FST163212 IDT-IDT74FST163212 Datasheet
81Kb / 6P
   24-BIT BUS EXCHANGE SWITCH
logo
Toshiba Semiconductor
TC7WB383FK TOSHIBA-TC7WB383FK Datasheet
111Kb / 7P
   2-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163383 IDT-IDT74FST163383 Datasheet
93Kb / 6P
   20-BIT BUS EXCHANGE SWITCH
IDT74FST163213 IDT-IDT74FST163213 Datasheet
82Kb / 6P
   24-BIT BUS EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com