Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT04 Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części 74HCT04
Szczegółowy opis  Hex Inverter With LSTTL?묬ompatible Inputs High?뭁erformance Silicon?묰ate CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HCT04 Arkusz danych(HTML) 3 Page - ON Semiconductor

  74HCT04 Datasheet HTML 1Page - ON Semiconductor 74HCT04 Datasheet HTML 2Page - ON Semiconductor 74HCT04 Datasheet HTML 3Page - ON Semiconductor 74HCT04 Datasheet HTML 4Page - ON Semiconductor 74HCT04 Datasheet HTML 5Page - ON Semiconductor 74HCT04 Datasheet HTML 6Page - ON Semiconductor 74HCT04 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
74HCT04
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
– 0.5 to + 7.0
V
Vin
DC Input Voltage (Referenced to GND)
– 0.5 to VCC + 0.5
V
Vout
DC Output Voltage (Referenced to GND)
– 0.5 to VCC + 0.5
V
Iin
DC Input Current, per Pin
±20
mA
Iout
DC Output Current, per Pin
±25
mA
ICC
DC Supply Current, VCC and GND Pins
±50
mA
PD
Power Dissipation in Still Air
SOIC Package†
TSSOP Package†
500
450
mW
Tstg
Storage Temperature Range
– 65 to + 150
_C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
SOIC or TSSOP Package
260
_C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress
ratings only. Functional operation above the Recommended Operating Conditions is not implied.
Extended exposure to stresses above the Recommended Operating Conditions may affect device
reliability.
†Derating — SOIC Package: – 7 mW/_C from 65_ to 125_C
TSSOP Package: − 6.1 mW/_C from 65_ to 125_C
For high frequency or heavy load considerations, see Chapter 2 of the ON Semiconductor High−Speed CMOS Data Book (DL129/D).
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
4.5
5.5
V
Vin, Vout DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature Range, All Package Types
– 55
+ 125
_C
tr, tf
Input Rise/Fall Time (Figure 1)
0
500
ns
DC CHARACTERISTICS (Voltages Referenced to GND)
VCC
(V)
Guaranteed Limit
Symbol
Parameter
Condition
−55 to 25°C
≤85°C
≤125°C
Unit
VIH
Minimum High−Level Input Voltage
Vout = 0.1V
|Iout| ≤ 20mA
4.5
5.5
2.0
2.0
2.0
2.0
2.0
2.0
V
VIL
Maximum Low−Level Input Voltage
Vout = VCC − 0.1V
|Iout| ≤ 20mA
4.5
5.5
0.8
0.8
0.8
0.8
0.8
0.8
V
VOH
Minimum High−Level Output
Voltage
Vin = VIL
|Iout| ≤ 20mA
4.5
5.5
4.4
5.4
4.4
5.4
4.4
5.4
V
Vin = VIL
|Iout| ≤ 4.0mA
4.5
3.98
3.84
3.70
VOL
Maximum Low−Level Output
Voltage
Vin = VIH
|Iout| ≤ 20mA
4.5
5.5
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIH
|Iout| ≤ 4.0mA
4.5
0.26
0.33
0.40
Iin
Maximum Input Leakage Current
Vin = VCC or GND
5.5
±0.1
±1.0
±1.0
mA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0mA
5.5
2.0
20
40
mA
DICC
Additional Quiescent Supply
Current
Vin = 2.4V, Any One Input
Vin = VCC or GND, Other Inputs
Iout = 0mA
5.5
≥ −55°C
25 to 125°C
mA
2.9
2.4
1. Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High−Speed CMOS Data Book (DL129/D).
2. Total Supply Current = ICC + ΣDICC.
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high−impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


Podobny numer części - 74HCT04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT04 PHILIPS-74HCT04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
System Logic Semiconduc...
74HCT04 SLS-74HCT04 Datasheet
33Kb / 4P
   Hex Inverter(High-Performance Silicon-Gate CMOS)
logo
NXP Semiconductors
74HCT04 PHILIPS-74HCT04 Datasheet
109Kb / 20P
   Hex inverter
2003 Jul 23
logo
Diodes Incorporated
74HCT04 DIODES-74HCT04 Datasheet
285Kb / 8P
   HEX INVERTERS
logo
NXP Semiconductors
74HCT04 PHILIPS-74HCT04 Datasheet
132Kb / 17P
   Hex inverter
Rev. 4-3 August 2012
More results

Podobny opis - 74HCT04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74HCT14 ONSEMI-74HCT14 Datasheet
130Kb / 8P
   Hex Schmitt?뭈rigger Inverter with LSTTL Compatible Inputs High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
74HCT08 ONSEMI-74HCT08 Datasheet
148Kb / 7P
   Quad 2-Input AND Gate With LSTTL?묬ompatible Inputs High?뭁erformance Silicon?묰ate CMOS
May, 2009 ??Rev. 2
MC74HC04A ONSEMI-MC74HC04A_06 Datasheet
136Kb / 9P
   Hex Inverter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
74HC04 ONSEMI-74HC04 Datasheet
124Kb / 7P
   Hex Inverter High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HCU04A ONSEMI-MC74HCU04A_06 Datasheet
167Kb / 9P
   Hex Unbuffered Inverter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 4
74HC14 ONSEMI-74HC14 Datasheet
133Kb / 9P
   Hex Schmitt?뭈rigger Inverter High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HC14A ONSEMI-MC74HC14A_06 Datasheet
160Kb / 10P
   Hex Schmitt?뭈rigger Inverter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
MC74HCT138A ONSEMI-MC74HCT138A_05 Datasheet
102Kb / 8P
   1?뭥f?? Decoder/ Demultiplexer with LSTTL Compatible Inputs High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 8
MC74VHC4051DTR2G ONSEMI-MC74VHC4051DTR2G Datasheet
206Kb / 17P
   High?뭁erformance Silicon?묰ate CMOS
May, 2011 ??Rev. 6
MC74HC160A ONSEMI-MC74HC160A Datasheet
162Kb / 12P
   High?뭁erformance Silicon?묰ate CMOS
May, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com