Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT08DR2G Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części 74HCT08DR2G
Szczegółowy opis  Quad 2-Input AND Gate With LSTTL?묬ompatible Inputs High?뭁erformance Silicon?묰ate CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HCT08DR2G Arkusz danych(HTML) 1 Page - ON Semiconductor

  74HCT08DR2G Datasheet HTML 1Page - ON Semiconductor 74HCT08DR2G Datasheet HTML 2Page - ON Semiconductor 74HCT08DR2G Datasheet HTML 3Page - ON Semiconductor 74HCT08DR2G Datasheet HTML 4Page - ON Semiconductor 74HCT08DR2G Datasheet HTML 5Page - ON Semiconductor 74HCT08DR2G Datasheet HTML 6Page - ON Semiconductor 74HCT08DR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2009
May, 2009 − Rev. 2
1
Publication Order Number:
74HCT08/D
74HCT08
Quad 2-Input AND Gate
With LSTTL−Compatible Inputs
High−Performance Silicon−Gate CMOS
The 74HCT08 is identical in pinout to the LS08. The device has
TTL−compatible inputs.
Features
Output Drive Capability: 10 LSTTL Loads
TTL/NMOS−Compatible Input Levels
Outputs Directly Interface to CMOS, NMOS and TTL
Operating Voltage Range: 4.5 to 5.5 V
Low Input Current: 1.0 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance With the JEDEC Standard No. 7A Requirements
ESD Performance: HBM > 2000 V; Machine Model > 200 V
Chip Complexity: 24 FETs or 6 Equivalent Gates
These are Pb−Free Devices
3
Y1
1
A1
PIN 14 = VCC
PIN 7 = GND
LOGIC DIAGRAM
2
B1
6
Y2
4
A2
5
B2
8
Y3
9
A3
10
B3
11
Y4
12
A4
13
B4
Y = AB
Pinout: 14−Lead Packages (Top View)
13
14
12
11
10
9
8
2
1
3
4567
VCC
B4
A4
Y4
B3
A3
Y3
A1
B1
Y1
A2
B2
Y2
GND
http://onsemi.com
MARKING
DIAGRAMS
HCT08
= Device Code
A
= Assembly Location
WL or L = Wafer Lot
Y
= Year
WW or W = Work Week
G or G
= Pb−Free Package
TSSOP−14
DT SUFFIX
CASE 948G
14
1
SOIC−14
D SUFFIX
CASE 751A
14
1
HCT08G
AWLYWW
1
14
HCT
08
ALYW G
G
1
14
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
L
L
H
H
L
H
L
H
FUNCTION TABLE
Inputs
Output
AB
L
L
L
H
Y
(Note: Microdot may be in either location)


Podobny numer części - 74HCT08DR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT08D PHILIPS-74HCT08D Datasheet
109Kb / 20P
   Quad 2-input AND gate
2003 Jul 25
74HCT08D PHILIPS-74HCT08D Datasheet
150Kb / 16P
   Complies with JEDEC standard JESD7A
Rev. 4-6 September 2012
74HCT08D PHILIPS-74HCT08D Datasheet
33Kb / 5P
   Quad 2-input AND gate
2003 Jul 25
logo
Shanghai Leiditech Elec...
74HCT08D LEIDITECH-74HCT08D Datasheet
1Mb / 15P
   Quad 2-input AND gate
logo
Nexperia B.V. All right...
74HCT08D NEXPERIA-74HCT08D Datasheet
242Kb / 13P
   Quad 2-input AND gate
Rev. 8 - 10 August 2021
More results

Podobny opis - 74HCT08DR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74HCT04 ONSEMI-74HCT04 Datasheet
125Kb / 7P
   Hex Inverter With LSTTL?묬ompatible Inputs High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HC132A ONSEMI-MC74HC132A_V01 Datasheet
250Kb / 10P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High?뭁erformance Silicon?묰ate CMOS
December, 2021-Rev. 17
74HC08 ONSEMI-74HC08 Datasheet
126Kb / 7P
   Quad 2?묲nput AND Gate High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HC08A ONSEMI-MC74HC08A_06 Datasheet
140Kb / 9P
   Quad 2?묲nput AND Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 10
74HCT32 ONSEMI-74HCT32 Datasheet
128Kb / 8P
   Quad 2?묲nput OR Gate with LSTTL?묬ompatible Inputs
March, 2007 ??Rev. 0
74HC132 ONSEMI-74HC132 Datasheet
140Kb / 9P
   Quad 2?묲nput NAND Gate with Schmitt?뭈rigger Inputs High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HC132A ONSEMI-MC74HC132A_06 Datasheet
115Kb / 10P
   Quad 2?묲nput NAND Gate with Schmitt?뭈rigger Inputs High?뭁erformance Silicon?묰ate CMOS
December, 2006 ??Rev. 12
74HC02 ONSEMI-74HC02 Datasheet
121Kb / 7P
   Quad 2?묲nput NOR Gate High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HC00A ONSEMI-MC74HC00A_06 Datasheet
140Kb / 9P
   Quad 2?묲nput NAND Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
MC74HC32A ONSEMI-MC74HC32A_06 Datasheet
154Kb / 9P
   Quad 2?묲nput OR Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com