Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT14DR2G Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części 74HCT14DR2G
Szczegółowy opis  Hex Schmitt?뭈rigger Inverter with LSTTL Compatible Inputs High?뭁erformance Silicon?묰ate CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HCT14DR2G Arkusz danych(HTML) 4 Page - ON Semiconductor

  74HCT14DR2G Datasheet HTML 1Page - ON Semiconductor 74HCT14DR2G Datasheet HTML 2Page - ON Semiconductor 74HCT14DR2G Datasheet HTML 3Page - ON Semiconductor 74HCT14DR2G Datasheet HTML 4Page - ON Semiconductor 74HCT14DR2G Datasheet HTML 5Page - ON Semiconductor 74HCT14DR2G Datasheet HTML 6Page - ON Semiconductor 74HCT14DR2G Datasheet HTML 7Page - ON Semiconductor 74HCT14DR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74HCT14
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Temperature Limit
VCC *55_C to 25_C
v85_C
v125_C
Symbol
Parameter
Test Conditions
(V)
Min
Max
Min
Max
Min
Max
Unit
VT)max Maximum Positive−Going
Input Threshold Voltage
VO = 0.1 V or VCC – 0.1 V
|Iout| v 20 mA
4.5
5.5
1.9
2.1
1.9
2.1
1.9
2.1
V
VT)min
Minimum Positive−Going
Input Threshold Voltage
VO = 0.1 V or VCC – 0.1 V
|Iout| v 20 mA
4.5
5.5
1.2
1.4
1.2
1.4
1.2
1.4
V
VT*max Maximum Negative−Going
Input Threshold Voltage
VO = 0.1 V or VCC – 0.1 V
|Iout| v 20 mA
4.5
5.5
1.2
1.4
1.2
1.4
1.2
1.4
VT*min
Minimum Negative−Going
Input Threshold Voltage
VO = 0.1 V or VCC – 0.1 V
|Iout| v 20 mA
4.5
5.5
0.5
0.6
0.5
0.6
0.5
0.6
VH max
Maximum Hysteresis
Voltage
VO = 0.1 V or VCC – 0.1 V
|Iout| v 20 mA
4.5
5.5
1.4
1.5
1.4
1.5
1.4
1.5
VH min
Minimum Hysteresis
Voltage
VO = 0.1 V or VCC – 0.1 V
|Iout| v 20 mA
4.5
5.5
0.4
0.4
0.4
0.4
0.4
0 4
VOH
Minimum High−Level
Output Voltage
VI < VT*min
|Iout| v 20 mA
4.5
5.5
4.4
5.4
4.4
5.4
4.4
5.4
V
VI < VT*min
|Iout| v 4.0 mA
4.5
3.98
3.84
3.7
VOL
Maximum Low−Level
Output Voltage
VI ≥ VT)max
|Iout| v 20 mA
4.5
5.5
0.1
0.1
0.1
0.1
0.1
0.1
V
VI ≥ VT)max
|Iout| v 4.0 mA
4.5
0.26
0.33
0.4
IIK
Maximum Input
Leakage Current
VI = VCC or GND
5.5
$0.1
$1.0
$1.0
mA
ICC
Maximum Quiescent
Supply Current
(per package)
VI = VCC or GND
Iout = 0 mA
5.5
2.0
20
40
mA
w*55_C
25_C to 125_C
DICC
Additional Quiescent
Supply Current
VI = 2.4 V, Any One Input
VI = VCC or GND, Other Inputs
lout = 0 mA
5.5
2.9
2.4
mA
7. Information on typical parametric values can be found in the ON Semiconductor High−Speed CMOS Data Book (DL129/D).
AC CHARACTERISTICS (CL = 50 pF; Input tr = tf = 6.0 ns)
Guaranteed Limit
*55_C to 25_C
v85_C
v125_C
Symbol
Parameter
Test Conditions
Figures
Min
Max
Min
Max
Min
Max
Unit
tPLH,
tPHL
Maximum Propagation
Delay, Input A to Output
Y (L to H)
VCC = 5.0 V $10%
CL = 50 pF, Input tr = tf = 6.0 ns
1 & 2
32
40
48
ns
tTLH,
tTHL
Maximum Output
Transition Time, Any
Output
VCC = 5.0 V $10%
CL = 50 pF, Input tr = tf = 6.0 ns
1 & 2
15
19
22
ns
8. For propagation delays with loads other than 50 pF, and information on typical parametric values, see the ON Semiconductor High−Speed
CMOS Data Book (DL129/D).
Typical @ 25°C, VCC = 5.0 V
CPD
Power Dissipation Capacitance, per Inverter (Note 9)
32
pF
9. Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see the ON
Semiconductor High−Speed CMOS Data Book (DL129/D).


Podobny numer części - 74HCT14DR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT14D PHILIPS-74HCT14D Datasheet
120Kb / 23P
   Hex inverting Schmitt trigger
2003 Oct 30
74HCT14D NXP-74HCT14D Datasheet
167Kb / 21P
   Hex inverting Schmitt trigger
Rev. 6-19 September 2012
74HCT14D NXP-74HCT14D Datasheet
167Kb / 21P
   Hex inverting Schmitt trigger
Rev. 6-19 September 2012
logo
Toshiba Semiconductor
74HCT14D TOSHIBA-74HCT14D Datasheet
156Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-05-24 Rev.2.0
logo
Nexperia B.V. All right...
74HCT14D NEXPERIA-74HCT14D Datasheet
268Kb / 16P
   Hex inverting Schmitt trigger
Rev. 9 - 13 August 2021
More results

Podobny opis - 74HCT14DR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74HC14 ONSEMI-74HC14 Datasheet
133Kb / 9P
   Hex Schmitt?뭈rigger Inverter High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HC14A ONSEMI-MC74HC14A_06 Datasheet
160Kb / 10P
   Hex Schmitt?뭈rigger Inverter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
74HCT04 ONSEMI-74HCT04 Datasheet
125Kb / 7P
   Hex Inverter With LSTTL?묬ompatible Inputs High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HC04A ONSEMI-MC74HC04A_06 Datasheet
136Kb / 9P
   Hex Inverter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
74HC04 ONSEMI-74HC04 Datasheet
124Kb / 7P
   Hex Inverter High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
74HC132 ONSEMI-74HC132 Datasheet
140Kb / 9P
   Quad 2?묲nput NAND Gate with Schmitt?뭈rigger Inputs High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HC132A ONSEMI-MC74HC132A_06 Datasheet
115Kb / 10P
   Quad 2?묲nput NAND Gate with Schmitt?뭈rigger Inputs High?뭁erformance Silicon?묰ate CMOS
December, 2006 ??Rev. 12
MC74HCT14ADG ONSEMI-MC74HCT14ADG Datasheet
148Kb / 9P
   Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
May, 2011 ??Rev. 12
MC74HCT138A ONSEMI-MC74HCT138A_05 Datasheet
102Kb / 8P
   1?뭥f?? Decoder/ Demultiplexer with LSTTL Compatible Inputs High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 8
MC74HCT14A ONSEMI-MC74HCT14A Datasheet
140Kb / 8P
   Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
March, 2000 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com