Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT157 Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części 74HCT157
Szczegółowy opis  Quad 2?묲nput Data Selectors / Multiplexers High?뭁erformance Silicon?묰ate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HCT157 Arkusz danych(HTML) 5 Page - ON Semiconductor

  74HCT157 Datasheet HTML 1Page - ON Semiconductor 74HCT157 Datasheet HTML 2Page - ON Semiconductor 74HCT157 Datasheet HTML 3Page - ON Semiconductor 74HCT157 Datasheet HTML 4Page - ON Semiconductor 74HCT157 Datasheet HTML 5Page - ON Semiconductor 74HCT157 Datasheet HTML 6Page - ON Semiconductor 74HCT157 Datasheet HTML 7Page - ON Semiconductor 74HCT157 Datasheet HTML 8Page - ON Semiconductor 74HCT157 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
74HCT157
http://onsemi.com
5
PIN DESCRIPTIONS
INPUTS
A0, A1, A2, A3 (Pins 2, 5, 11, 14)
Nibble A inputs. The data present on these pins is
transferred to the outputs when the Select input is at a low
level and the Output Enable input is at a low level. The data
is presented to the outputs in noninverted form.
B0, B1, B2, B3 (Pins 3, 6, 10, 13)
Nibble B inputs. The data present on these pins is
transferred to the outputs when the Select input is at a high
level and the Output Enable input is at a low level. The data
is presented to the outputs in noninverted form.
OUTPUTS
Y0, Y1, Y2, Y3 (Pins 4, 7, 9, 12)
Data outputs. The selected input Nibble is presented at
these outputs when the Output Enable input is at a low level.
The data present on these pins is in its noninverted form. For
the Output Enable input at a high level, the outputs are at a
low level.
CONTROL INPUTS
Select (Pin 1)
Nibble select. This input determines the data word to be
transferred to the outputs. A low level on this input selects
the A inputs and a high level selects the B inputs.
Output Enable (Pin 15)
Output Enable input. A low level on this input allows the
selected input data to be presented at the outputs. A high
level on this input sets all outputs to a low level.
SWITCHING WAVEFORMS
INPUT A OR B
OUTPUT
ENABLE
tPLH
tPHL
tr
tf
VCC
GND
tTHL
tTLH
10%
50%
90%
10%
50%
90%
OUTPUT Y
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
tr
tf
VCC
GND
OUTPUT Y
tPHL
tPLH
10%
50%
90%
10%
50%
90%
tTLH
tTHL
tr
tf
VCC
GND
SELECT
OUTPUT Y
tPHL
tPLH
tTLH
tTHL
10%
50%
90%
10%
50%
90%
Figure 3. HCT157
Figure 4. Y versus Selected, Noninverted
Figure 5. HCT157
Figure 6. Test Circuit


Podobny numer części - 74HCT157

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT157 PHILIPS-74HCT157 Datasheet
44Kb / 7P
   Quad 2-input multiplexer
December 1990
74HCT157 NXP-74HCT157 Datasheet
159Kb / 18P
   Quad 2-input multiplexer
Rev. 3-31 December 2010
logo
Nexperia B.V. All right...
74HCT157 NEXPERIA-74HCT157 Datasheet
262Kb / 15P
   Quad 2-input multiplexer
Rev. 9 - 24 July 2020
74HCT157-Q100 NEXPERIA-74HCT157-Q100 Datasheet
261Kb / 15P
   Quad 2-input multiplexer
Rev. 3 - 24 July 2020
logo
NXP Semiconductors
74HCT157BQ NXP-74HCT157BQ Datasheet
159Kb / 18P
   Quad 2-input multiplexer
Rev. 3-31 December 2010
More results

Podobny opis - 74HCT157

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74HC08 ONSEMI-74HC08 Datasheet
126Kb / 7P
   Quad 2?묲nput AND Gate High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
74HC02 ONSEMI-74HC02 Datasheet
121Kb / 7P
   Quad 2?묲nput NOR Gate High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HC00A ONSEMI-MC74HC00A_06 Datasheet
140Kb / 9P
   Quad 2?묲nput NAND Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
MC74HC32A ONSEMI-MC74HC32A_06 Datasheet
154Kb / 9P
   Quad 2?묲nput OR Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 9
MC74HC02A ONSEMI-MC74HC02A_06 Datasheet
145Kb / 8P
   Quad 2?묲nput NOR Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
MC74HC08A ONSEMI-MC74HC08A_06 Datasheet
140Kb / 9P
   Quad 2?묲nput AND Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 10
74HC32 ONSEMI-74HC32 Datasheet
127Kb / 8P
   Quad 2?묲nput OR Gate High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HC157A ONSEMI-MC74HC157A_05 Datasheet
115Kb / 10P
   Quad 2?묲nput Data Selectors / Multiplexers
June, 2005 ??Rev. 9
74HC86 ONSEMI-74HC86 Datasheet
129Kb / 8P
   Quad 2?묲nput Exclusive OR Gate High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HC86A ONSEMI-MC74HC86A_06 Datasheet
163Kb / 8P
   Quad 2?묲nput Exclusive OR Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com