Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT157 Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części 74HCT157
Szczegółowy opis  Quad 2?묲nput Data Selectors / Multiplexers High?뭁erformance Silicon?묰ate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HCT157 Arkusz danych(HTML) 3 Page - ON Semiconductor

  74HCT157 Datasheet HTML 1Page - ON Semiconductor 74HCT157 Datasheet HTML 2Page - ON Semiconductor 74HCT157 Datasheet HTML 3Page - ON Semiconductor 74HCT157 Datasheet HTML 4Page - ON Semiconductor 74HCT157 Datasheet HTML 5Page - ON Semiconductor 74HCT157 Datasheet HTML 6Page - ON Semiconductor 74HCT157 Datasheet HTML 7Page - ON Semiconductor 74HCT157 Datasheet HTML 8Page - ON Semiconductor 74HCT157 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
74HCT157
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
– 0.5 to + 7.0
V
Vin
DC Input Voltage (Referenced to GND)
– 0.5 to VCC + 0.5
V
Vout
DC Output Voltage (Referenced to GND)
– 0.5 to VCC + 0.5
V
Iin
DC Input Current, per Pin
±20
mA
Iout
DC Output Current, per Pin
±25
mA
ICC
DC Supply Current, VCC and GND Pins
±50
mA
PD
Power Dissipation in Still Air,
SOIC Package†
TSSOP Package†
500
450
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(SOIC or TSSOP Package)
260
_C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress
ratings only. Functional operation above the Recommended Operating Conditions is not implied.
Extended exposure to stresses above the Recommended Operating Conditions may affect device
reliability.
†Derating — SOIC Package: – 7 mW/_C from 65_ to 125_C
TSSOP Package: − 6.1 mW/_C from 65_ to 125_C
For high frequency or heavy load considerations, see Chapter 2 of the ON Semiconductor High−Speed CMOS Data Book (DL129/D).
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
4.5
5.5
V
Vin, Vout DC Input Voltage, Output Voltage
(Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
– 55
+ 125
_C
tr, tf
Input Rise and Fall Time
VCC = 2.0 V
(Figure 1)
VCC = 4.5 V
VCC = 6.0 V
0
0
0
1000
500
400
ns
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
(V)
Guaranteed Limit
Symbol
Parameter
Condition
−55 to 25°C
≤85°C
≤125°C
Unit
VIH
Minimum High−Level Input Voltage
Vout = 0.1V
|Iout| ≤ 20mA
4.5
5.5
2.0
2.0
2.0
2.0
2.0
2.0
V
VIL
Maximum Low−Level Input Voltage
Vout = VCC − 0.1V
|Iout| ≤ 20mA
4.5
5.5
0.8
0.8
0.8
0.8
0.8
0.8
V
VOH
Minimum High−Level Output
Voltage
Vin = VIL
|Iout| ≤ 20mA
4.5
5.5
4.4
5.4
4.4
5.4
4.4
5.4
V
Vin = VIL
|Iout| ≤ 4.0mA
4.5
3.98
3.84
3.70
VOL
Maximum Low−Level Output
Voltage
Vin = VIH
|Iout| ≤ 20mA
4.5
5.5
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIH
|Iout| ≤ 4.0mA
4.5
0.26
0.33
0.40
Iin
Maximum Input Leakage Current
Vin = VCC or GND
5.5
±0.1
±1.0
±1.0
mA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0mA
5.5
4.0
40
40
mA
DICC
Additional Quiescent Supply
Current
Vin = 2.4V, Any One Input
Vin = VCC or GND, Other Inputs
Iout = 0mA
5.5
≥ −55°C
25 to 125°C
mA
2.9
2.4
1. Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High−Speed CMOS Data Book (DL129/D).
2. Total Supply Current = ICC + ΣDICC.
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high−impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


Podobny numer części - 74HCT157

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT157 PHILIPS-74HCT157 Datasheet
44Kb / 7P
   Quad 2-input multiplexer
December 1990
74HCT157 NXP-74HCT157 Datasheet
159Kb / 18P
   Quad 2-input multiplexer
Rev. 3-31 December 2010
logo
Nexperia B.V. All right...
74HCT157 NEXPERIA-74HCT157 Datasheet
262Kb / 15P
   Quad 2-input multiplexer
Rev. 9 - 24 July 2020
74HCT157-Q100 NEXPERIA-74HCT157-Q100 Datasheet
261Kb / 15P
   Quad 2-input multiplexer
Rev. 3 - 24 July 2020
logo
NXP Semiconductors
74HCT157BQ NXP-74HCT157BQ Datasheet
159Kb / 18P
   Quad 2-input multiplexer
Rev. 3-31 December 2010
More results

Podobny opis - 74HCT157

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74HC08 ONSEMI-74HC08 Datasheet
126Kb / 7P
   Quad 2?묲nput AND Gate High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
74HC02 ONSEMI-74HC02 Datasheet
121Kb / 7P
   Quad 2?묲nput NOR Gate High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HC00A ONSEMI-MC74HC00A_06 Datasheet
140Kb / 9P
   Quad 2?묲nput NAND Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
MC74HC32A ONSEMI-MC74HC32A_06 Datasheet
154Kb / 9P
   Quad 2?묲nput OR Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 9
MC74HC02A ONSEMI-MC74HC02A_06 Datasheet
145Kb / 8P
   Quad 2?묲nput NOR Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
MC74HC08A ONSEMI-MC74HC08A_06 Datasheet
140Kb / 9P
   Quad 2?묲nput AND Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 10
74HC32 ONSEMI-74HC32 Datasheet
127Kb / 8P
   Quad 2?묲nput OR Gate High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HC157A ONSEMI-MC74HC157A_05 Datasheet
115Kb / 10P
   Quad 2?묲nput Data Selectors / Multiplexers
June, 2005 ??Rev. 9
74HC86 ONSEMI-74HC86 Datasheet
129Kb / 8P
   Quad 2?묲nput Exclusive OR Gate High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HC86A ONSEMI-MC74HC86A_06 Datasheet
163Kb / 8P
   Quad 2?묲nput Exclusive OR Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com