Zakładka z wyszukiwarką danych komponentów |
|
74HCT08DTR2G Arkusz danych(PDF) 2 Page - ON Semiconductor |
|
74HCT08DTR2G Arkusz danych(HTML) 2 Page - ON Semiconductor |
2 / 7 page 74HCT08 http://onsemi.com 2 ORDERING INFORMATION Device Package Shipping† 74HCT08DR2G SOIC−14 (Pb−Free) 2500/Tape & Reel 74HCT08DR2GH SOIC−14 (Halide−Free) 74HCT08DTR2G TSSOP−14* †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb−Free. MAXIMUM RATINGS Symbol Parameter Value Unit VCC DC Supply Voltage (Referenced to GND) – 0.5 to + 7.0 V Vin DC Input Voltage (Referenced to GND) – 0.5 to + 7.0 V Vout DC Output Voltage (Referenced to GND) – 0.5 to VCC + 0.5 V Iin DC Input Current, per Pin ±20 mA Iout DC Output Current, per Pin ±25 mA ICC DC Supply Current, VCC and GND Pins ±50 mA PD Power Dissipation in Still Air, SOIC Package† TSSOP Package† 500 450 mW Tstg Storage Temperature – 65 to + 150 _C TL Lead Temperature, 1 mm from Case for 10 Seconds SOIC or TSSOP Package 260 _C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. †Derating — SOIC Package: – 7 mW/_C from 65_ to 125_C TSSOP Package: − 6.1 mW/_C from 65_ to 125_C For high frequency or heavy load considerations, see Chapter 2 of the ON Semiconductor High−Speed CMOS Data Book (DL129/D). RECOMMENDED OPERATING CONDITIONS Symbol Parameter Min Max Unit VCC DC Supply Voltage (Referenced to GND) 4.5 5.5 V Vin DC Input Voltage (Referenced to GND) 0 5.5 V Vout DC Output Voltage (Referenced to GND) 0 VCC V TA Operating Temperature, All Package Types −55 +125 _C tr, tf Input Rise and Fall Time VCC = 2.0 V (Figure 1) VCC = 4.5 V VCC = 6.0 V 0 0 0 1000 500 400 ns This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high−impedance cir- cuit. For proper operation, Vin and Vout should be constrained to the range GND v (Vin or Vout) v VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open. |
Podobny numer części - 74HCT08DTR2G |
|
Podobny opis - 74HCT08DTR2G |