Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P-U86-D1627-X0XX1 Arkusz danych(PDF) 2 Page - Amphenol Corporation

Numer części P-U86-D1627-X0XX1
Szczegółowy opis  2X1 SFP ULTRA-PORT COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMPHENOL [Amphenol Corporation]
Strona internetowa  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-U86-D1627-X0XX1 Arkusz danych(HTML) 2 Page - Amphenol Corporation

  P-U86-D1627-X0XX1 Datasheet HTML 1Page - Amphenol Corporation P-U86-D1627-X0XX1 Datasheet HTML 2Page - Amphenol Corporation P-U86-D1627-X0XX1 Datasheet HTML 3Page - Amphenol Corporation P-U86-D1627-X0XX1 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
51.63
B10
B11
B1
B20
T20
T1
T11
T10
TOP PORT OUTER
LIGHT PIPE
BOTTOM PORT
INNER LIGHT PIPE
BOTTOM PORT
OUTER LIGHT PIPE
TOP PORT
INNER LIGHT PIPE
-C-
11.00
(TYP.)
8.95±0.15
(TYP.)
16.25
14.00
14.00±0.10
(TYP.)
(0.25)
16.00
0.10 M C M A B
B
A
B
8.00 (TYP.)
11.50
42.10
(1.25) (TYP.)
25.45
25.20
SCALE 2 : 1
DETAIL B
B
3.43
1.98
1.15
2.70
B
C
D
12
A
3
2
1
4
B
A
56
C
P-U86-D1627-X0XX1
X
X
X
FEB23/09
FEB23/09
X
X
X
J.SI
J.SI
03554
CODE IDENT. NO.
A
1.5:1
TITLE
2 OF 4
DESIGNED
N/A
MATERIAL AND FINISH
X.XX 0.15
X.X 0.25
1
DECIMALS
ANGLES
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETERS
TOLERANCES ARE:
DWG APP'D
IE APP'D
QA APPD
CHECKED
DRAWN
APPROVALS
DATE
2X1 SFP+ ULTRA-PORT COMBO
WITH LIGHT PIPE
(SPRING FINGER GASKET)
REV.
SHEET
A4
DWG. NO.
PROJECT
SIZE
SCALE
REF.
Amphenol Canada Corp.
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED
TO OTHERS FOR ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM
AMPHENOL CANADA CORP.
DO NOT SCALE DRAWING
3
X
REVISIONS
REV
DESCRIPTION
DATE
APPRD
A
PROPOSAL DRAWING
JUN18/09


Podobny numer części - P-U86-D1627-X0XX1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
P-U86-D1427-10121 AMPHENOL-P-U86-D1427-10121 Datasheet
165Kb / 4P
   2X1 SFP ULTRA-PORT COMBO WITH LIGHT PIPE (ELASTOMERIC EMI GASKET)
P-U86-D1427-10421 AMPHENOL-P-U86-D1427-10421 Datasheet
165Kb / 4P
   2X1 SFP ULTRA-PORT COMBO WITH LIGHT PIPE (ELASTOMERIC EMI GASKET)
P-U86-D1427-20121 AMPHENOL-P-U86-D1427-20121 Datasheet
165Kb / 4P
   2X1 SFP ULTRA-PORT COMBO WITH LIGHT PIPE (ELASTOMERIC EMI GASKET)
P-U86-D1427-20421 AMPHENOL-P-U86-D1427-20421 Datasheet
165Kb / 4P
   2X1 SFP ULTRA-PORT COMBO WITH LIGHT PIPE (ELASTOMERIC EMI GASKET)
P-U86-D1427-30121 AMPHENOL-P-U86-D1427-30121 Datasheet
165Kb / 4P
   2X1 SFP ULTRA-PORT COMBO WITH LIGHT PIPE (ELASTOMERIC EMI GASKET)
More results

Podobny opis - P-U86-D1627-X0XX1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
P-U86-D1427-X0XX1 AMPHENOL-P-U86-D1427-X0XX1 Datasheet
165Kb / 4P
   2X1 SFP ULTRA-PORT COMBO WITH LIGHT PIPE (ELASTOMERIC EMI GASKET)
P-U86-DX627-X0XX1 AMPHENOL-P-U86-DX627-X0XX1 Datasheet
466Kb / 6P
   2XN SFP EXPRESSPORT COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
P-U86-DX427-X0XX1 AMPHENOL-P-U86-DX427-X0XX1 Datasheet
390Kb / 6P
   2XN SFP EXPRESSPORT??COMBO WITH LIGHT PIPE (ELASTOMERIC GASKET)
P-U77-AX61M-X081 AMPHENOL-P-U77-AX61M-X081 Datasheet
422Kb / 6P
   1XN SFP GAGE ASSY WITH SPRING FINGER GASKET
P-U77-CX41M-X081 AMPHENOL-P-U77-CX41M-X081 Datasheet
673Kb / 11P
   1XN SFP CAGE ELASTOMER EMI GASKET, WITH LIGHT PIPE
logo
Molex Electronics Ltd.
0747540103 MOLEX1-0747540103 Datasheet
43Kb / 1P
   SFP Cage, Single Port, Spring Finger Bezel Gasket, 3.38mm Solder Post Pins
0747540101 MOLEX1-0747540101 Datasheet
43Kb / 1P
   SFP Cage, Single Port, Spring Finger Bezel Gasket, 3.05mm Press Fit Pins
74754-0101 MOLEX-74754-0101 Datasheet
50Kb / 3P
   SFP Plus (SFP) Cage, Single Port, Spring Finger Bezel Gasket, 3.05mm Press Fit Pins
0747540106 MOLEX1-0747540106 Datasheet
42Kb / 1P
   SFP Cage, Single Port, Spring Finger Bezel Gasket 3.60mm Solder Post Pins For PCI
0747540104 MOLEX1-0747540104 Datasheet
42Kb / 1P
   SFP Cage, Single Port, Spring Finger Bezel Gasket, 3.05mm Press Fit Pins for PCI
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com