Zakładka z wyszukiwarką danych komponentów |
|
TSB43AB22APDTG4 Arkusz danych(PDF) 11 Page - Texas Instruments |
|
|
TSB43AB22APDTG4 Arkusz danych(HTML) 11 Page - Texas Instruments |
11 / 113 page 1–3 1.2 Features The TSB43AB22A device supports the following features: • Fully compliant with provisions of IEEE Std 1394-1995 for a high-performance serial bus† and IEEE Std 1394a-2000 • Fully interoperable with FireWire and i.LINK implementations of IEEE Std 1394 • Compliant with Intel Mobile Power Guideline 2000 • Full IEEE Std 1394a-2000 support includes: connection debounce, arbitrated short reset, multispeed concatenation, arbitration acceleration, fly-by concatenation, and port disable/suspend/resume • Power-down features to conserve energy in battery-powered applications include: automatic device power down during suspend, PCI power management for link-layer, and inactive ports powered down • Ultralow-power sleep mode • Two IEEE Std 1394a-2000 fully compliant cable ports at 100M bits/s, 200M bits/s, and 400M bits/s • Cable ports monitor line conditions for active connection to remote node • Cable power presence monitoring • Separate cable bias (TPBIAS) for each port • 1.8-V core logic with universal PCI interfaces compatible with 3.3-V and 5-V PCI signaling environments • Physical write posting of up to three outstanding transactions • PCI burst transfers and deep FIFOs to tolerate large host latency • PCI_CLKRUN protocol • External cycle timer control for customized synchronization • Extended resume signaling for compatibility with legacy DV components • PHY-Link logic performs system initialization and arbitration functions • PHY-Link encode and decode functions included for data-strobe bit level encoding • PHY-Link incoming data resynchronized to local clock • Low-cost 24.576-MHz crystal provides transmit and receive data at 100M bits/s, 200M bits/s, and 400M bits/s • Node power class information signaling for system power management • Serial ROM interface supports 2-wire serial EEPROM devices • Two general-purpose I/Os • Register bits give software control of contender bit, power class bits, link active control bit, and IEEE Std 1394a-2000 features • Fabricated in advanced low-power CMOS process • PCI and CardBus register support • Isochronous receive dual-buffer mode • Out-of-order pipelining for asynchronous transmit requests • Register access fail interrupt when the PHY SCLK is not active † Implements technology covered by one or more patents of Apple Computer, Incorporated and SGS Thompson, Limited. |
Podobny numer części - TSB43AB22APDTG4 |
|
Podobny opis - TSB43AB22APDTG4 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |