Zakładka z wyszukiwarką danych komponentów |
|
ADP3193A Arkusz danych(PDF) 11 Page - ON Semiconductor |
|
ADP3193A Arkusz danych(HTML) 11 Page - ON Semiconductor |
11 / 29 page ADP3193A Rev. 1 | Page 11 of 29 | www.onsemi.com respect to the VID DAC. The main loop compensation is incor- porated into the feedback network between FB and COMP pins. CURRENT REFERENCE The IREF pin is used to set an internal current reference. This reference current sets IFB, IDELAY, ISS, and ILIMIT. A resistor to ground programs the current based on the 1.5 V output. IREF R IREF V 5 . 1 = Typically, RIREF is set to 100 kΩ to program IREF = 15 μA. Therefore, IFB = IREF = 15 μA IDELAY = IREF = 15 μA ISS = IREF = 15 μA ILIMIT = 2/3 (IREF) = 10 μA FAST ENHANCED PWM MODE Fast enhanced PWM mode is intended to improve the transient response of the ADP3193A to a load step-up. In previous genera- tions of controllers, when a load step-up occurred, the controller could only respond to the load change after the PWM signal was turned on. Enhanced PWM mode allows the controller to immediately respond when a load step-up occurs. This allows the phases to respond more quickly when a load increase takes place. DELAY TIMER The delay times for the start-up timing sequence are set with a capacitor from the DELAY pin to ground. In UVLO or when EN is logic low, the DELAY pin is held at ground. After the UVLO and EN signals are asserted, the first delay time (TD1 in Figure 7) is initiated. A current flows out of the DELAY pin to charge CDLY. This current is equal to IREF, which is normally 15 μA. A comparator monitors the DELAY voltage with a threshold of 1.7 V. The delay time is therefore set by the IREF current charging a capacitor from 0 V to 1.7 V. This DELAY pin is used for multiple delay timings (TD1, TD3, and TD5) during the start-up sequence. In addition, DELAY is used for timing the current-limit latch-off, as explained in the Current-Limit, Short-Circuit, and Latch-Off Protection section. SOFT START The soft start times for the output voltage are set with a capacitor from the SS pin to ground. After TD1 and the phase detection cycle have been completed, the SS time (TD2 in Figure 7) starts. The SS pin is disconnected from GND, and the capacitor is charged up to the 1.1 V boot voltage by the SS amplifier, which has an output current equal to IREF (normally 15 μA). The voltage at the FB pin follows the ramping voltage on the SS pin, limiting the inrush current during startup. The soft start time depends on the value of the boot voltage and CSS. When the SS voltage is within 100 mV of the boot voltage, the boot voltage delay time (TD3 in Figure 7) starts. The end of the boot voltage delay time signals the beginning of the second soft start time (TD4 in Figure 7). The SS voltage changes from the boot voltage to the programmed VID DAC voltage (either higher or lower) using the SS amplifier with the output current equal to IREF. The voltage of the FB pin follows the ramping voltage of the SS pin, limiting the inrush current during the transition from the boot voltage to the final DAC voltage. The second soft start time depends on the boot voltage, the programmed VID DAC voltage, and the CSS. If EN is taken low or if VCC drops below UVLO, DELAY and SS are reset to ground to be ready for another soft start cycle. Figure 8 shows typical start-up waveforms for the ADP3193A. CH1 1V CH2 1V CH4 10V CH3 1V M 1ms A CH1 700mV 1 2 3 4 T 40.4% Figure 8. Typical Start-Up Waveforms (Channel 1: CSREF, Channel 2: DELAY, Channel 3: SS, Channel 4: Phase 1 Switch Node) CURRENT-LIMIT, SHORT-CIRCUIT, AND LATCH-OFF PROTECTION The ADP3193A compares a programmable current-limit setpoint to the voltage from the output of the current sense amplifier. The level of current limit is set with the resistor from the ILIMIT pin to ground. During operation, the current from ILIMIT is equal to 2/3 of IREF, resulting in 10 μA normally. This current through the external resistor sets the ILIMIT voltage, which is internally scaled to provide a current limit threshold of 82.6 mV/V. If the difference in voltage between CSREF and CSCOMP rises above the current-limit threshold, the internal current-limit amplifier controls the internal COMP voltage to maintain the average output current at the limit. If the limit is reached and TD5 in Figure 7 has completed, a latch-off delay time starts, and the controller shuts down if the fault is not removed. The current-limit delay time shares the |
Podobny numer części - ADP3193A |
|
Podobny opis - ADP3193A |