Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP3193AJCPZ-RL Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części ADP3193AJCPZ-RL
Szczegółowy opis  8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3193AJCPZ-RL Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button ADP3193AJCPZ-RL Datasheet HTML 2Page - ON Semiconductor ADP3193AJCPZ-RL Datasheet HTML 3Page - ON Semiconductor ADP3193AJCPZ-RL Datasheet HTML 4Page - ON Semiconductor ADP3193AJCPZ-RL Datasheet HTML 5Page - ON Semiconductor ADP3193AJCPZ-RL Datasheet HTML 6Page - ON Semiconductor ADP3193AJCPZ-RL Datasheet HTML 7Page - ON Semiconductor ADP3193AJCPZ-RL Datasheet HTML 8Page - ON Semiconductor ADP3193AJCPZ-RL Datasheet HTML 9Page - ON Semiconductor ADP3193AJCPZ-RL Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
ADP3193A
Rev. 1 | Page 6 of 29 | www.onsemi.com
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
EN
2
PWRGD
3
FBRTN
4
FB
5
COMP
6
SS
7
DELAY
8
ILIMIT
24 VID7
23 VCC
22 PWM1
21 PWM2
20 PWM3
19 SW1
18 SW2
17 SW3
ADP3193A
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED EPAD ON BOTTOM SIDE OF PACKAGE IS AN
ELECTRICAL CONNECTION AND SHOULD BE SOLDERED TO GROUND.
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
EN
Power Supply Enable Input. Pulling this pin to GND disables the PWM outputs and pulls the PWRGD output low.
2
PWRGD
Power-Good Output. Open-drain output that signals when the output voltage is outside of the proper operating range.
3
FBRTN
Feedback Return. VID DAC and error amplifier reference for remote sensing of the output voltage.
4
FB
Feedback Input. Error amplifier input for remote sensing of the output voltage. An external resistor between this pin
and the output voltage sets the no load offset point.
5
COMP
Error Amplifier Output and Compensation Point.
6
SS
Soft Start Delay Setting Input. An external capacitor connected between this pin and GND sets the soft start ramp-up time.
7
DELAY
Delay Timer Setting Input. An external capacitor connected between this pin and GND sets the overcurrent latch-off
delay time, boot voltage hold time, EN delay time, and PWRGD delay time.
8
ILIMIT
Current-Limit Set Point. An external resistor from this pin to GND sets the current-limit threshold of the converter.
9
RT
Frequency Setting Resistor Input. An external resistor connected between this pin and GND sets the oscillator
frequency of the device.
10
RAMPADJ
PWM Ramp Current Input. An external resistor from the converter input voltage to this pin sets the internal PWM ramp.
11
CSREF
Current Sense Reference Voltage Input. The voltage on this pin is used as the reference for the current sense amplifier
and the power-good and crowbar functions. This pin should be connected to the common point of the output inductors.
12
CSSUM
Current Sense Summing Node. External resistors from each switch node to this pin sum the average inductor currents
to measure the total output current.
13
CSCOMP
Current Sense Compensation Point. A resistor and capacitor from this pin to CSSUM determines the gain of the
current sense amplifier and the positioning loop response time.
14
GND
Ground. All internal biasing and the logic output signals of the device are referenced to this ground.
15
OD
Output Disable Logic Output. This pin is actively pulled low when the EN input is low or when VCC is below its UVLO
threshold to signal to the driver IC that the driver high-side and low-side outputs should go low.
16
IREF
Current Reference Input. An external resistor from this pin to ground sets the reference current for IFB, IDELAY, ISS, and IILIMIT.
17 to 19
SW3 to SW1
Current Balance Inputs. Inputs for measuring the current level in each phase. The SW pins of unused phases should be
left open.
20 to 22
PWM3 to PWM1
Logic-Level PWM Outputs. Each output is connected to the input of an external MOSFET driver, such as the ADP3120A.
Connecting PWM3 output to VCC causes that phase to turn off, allowing the ADP3193A to operate as a 2- or 3-phase
controller.
23
VCC
Supply Voltage. A 340 Ω resistor should be placed between the 12 V system supply and the VCC pin. The internal
shunt regulator maintains VCC = 5 V.
24 to 31
VID7 to VID0
Voltage Identification DAC Inputs. These eight pins are pulled down to GND, providing a logic zero if left open. When
in normal operation mode, the DAC output programs the FB regulation voltage from 0.5 V to 1.6 V (see
Table 4).
32
VIDSEL
VID DAC Selection Pin. The logic state of this pin determines whether the internal VID DAC decodes VID0 to VID7 as
extended VR10 or VR11 inputs.


Podobny numer części - ADP3193AJCPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3193AJCPZ-RL AD-ADP3193AJCPZ-RL Datasheet
1,007Kb / 32P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
REV. 0
More results

Podobny opis - ADP3193AJCPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3193A AD-ADP3193A Datasheet
1,007Kb / 32P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
REV. 0
logo
Fairchild Semiconductor
FAN5033 FAIRCHILD-FAN5033 Datasheet
873Kb / 39P
   8-Bit Programmable, 2- to 3-Phase, Synchronous Buck Controller
logo
ON Semiconductor
ADP3293 ONSEMI-ADP3293 Datasheet
456Kb / 30P
   8-Bit, Programmable 2- to 3-Phase Synchronous Buck Controller
July, 2009 ??Rev. 3
logo
Analog Devices
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. A
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029_07 Datasheet
139Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3192A AD-ADP3192A Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
logo
Fairchild Semiconductor
FAN5031 FAIRCHILD-FAN5031 Datasheet
424Kb / 3P
   8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
logo
Analog Devices
ADP3189 AD-ADP3189 Datasheet
1Mb / 36P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
REV. 0
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029 Datasheet
443Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3192 AD-ADP3192 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com