Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP3293JCPZ-RL Arkusz danych(PDF) 10 Page - ON Semiconductor

Numer części ADP3293JCPZ-RL
Szczegółowy opis  8-Bit, Programmable 2- to 3-Phase Synchronous Buck Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3293JCPZ-RL Arkusz danych(HTML) 10 Page - ON Semiconductor

Back Button ADP3293JCPZ-RL Datasheet HTML 6Page - ON Semiconductor ADP3293JCPZ-RL Datasheet HTML 7Page - ON Semiconductor ADP3293JCPZ-RL Datasheet HTML 8Page - ON Semiconductor ADP3293JCPZ-RL Datasheet HTML 9Page - ON Semiconductor ADP3293JCPZ-RL Datasheet HTML 10Page - ON Semiconductor ADP3293JCPZ-RL Datasheet HTML 11Page - ON Semiconductor ADP3293JCPZ-RL Datasheet HTML 12Page - ON Semiconductor ADP3293JCPZ-RL Datasheet HTML 13Page - ON Semiconductor ADP3293JCPZ-RL Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
ADP3293
http://onsemi.com
10
Master Clock Frequency
The clock frequency of the ADP3293 is set with an external
resistor connected from the RT pin to ground. The frequency
follows the graph in Figure NO TAG. To determine the
frequency per phase, the clock is divided by the number of
phases in use. If all phases are in use, divide by 3. If PWM3
is tied to VCC, divide by 2.
NOTE: Single−Phase operation is also possible; contact
ON Semiconductor for more details.
Output Voltage Differential Sensing
The ADP3293 combines differential sensing with a high
accuracy VID DAC and reference, and a low offset error
amplifier. This maintains a worse case specification of
±7.0 mV differential sensing error over its full operating
output voltage and with tighter accuracy over a 0 °C to 60 °C
temperature range. The output voltage is sensed between the
FB pin and FBRTN pin. FB is connected through a resistor
to the regulation point, usually the remote sense pin of the
microprocessor. FBRTN is connected directly to the remote
sense ground point. The internal VID DAC and precision
reference are referenced to FBRTN, which has a minimal
current of 125
mA to allow accurate remote sensing. The
internal error amplifier compares the output of the DAC
to the FB pin to regulate the output voltage.
Output Current Sensing
The ADP3293 provides a dedicated current sense
amplifier (CSA) to monitor the total output current for
proper voltage positioning versus load current, for the IMON
output, and for current limit detection. Sensing the load
current at the output gives the total real−time current being
delivered to the load, which is an inherently more accurate
method than peak current detection or sampling the current
across a sense element such as the low−side MOSFET. This
amplifier can be configured several ways, depending on
the objectives of the system, as follows:
Output inductor DCR sensing without a thermistor for
lowest cost.
Output inductor DCR sensing with a thermistor for
improved accuracy with tracking of inductor
temperature.
Sense resistors for highest accuracy measurements.
The positive input of the CSA is connected to the
CSREF pin, which is connected to the average output
voltage. The inputs to the amplifier are summed together
through resistors from the sensing element, such as the
switch node side of the output inductors, to the inverting
input CSSUM. The feedback resistor between CSCOMP
and CSSUM sets the gain of the amplifier and a filter
capacitor is placed in parallel with this resistor. The gain of
the amplifier is programmable by adjusting the input
summing resistor.
An additional resistor divider connected between CSREF
and CSCOMP (with the midpoint connected to LLINE) can
be used to set the load line required by the microprocessor.
The current information is then given as CSREF − LLINE.
This difference signal is used internally to offset the
VID DAC for voltage positioning. The difference between
CSREF and CSCOMP is then used as a differential input for
the current limit comparator. This allows the load line to be
set independently of the current limit threshold. In the event
that the current limit threshold and load line are not
independent, the resistor divider between CSREF and
CSCOMP can be removed and the CSCOMP pin can be
directly connected to LLINE. To disable voltage positioning
entirely (that is, no load line) connect LLINE to CSREF.
To provide the best accuracy for sensing current, the CSA
is designed to have a low offset input voltage. Also, the
sensing gain is determined by external resistors to make it
extremely accurate.
Active Impedance Control Mode
For controlling the dynamic output voltage droop as a
function of output current, a signal proportional to the total
output current at the LLINE pin can be scaled to equal the
regulator droop impedance multiplied by the output current.
This droop voltage is then used to set the input control
voltage to the system. The droop voltage is subtracted from
the DAC reference input voltage to tell the error amplifier
where the output voltage should be. This allows enhanced
feed−forward response.
Current Control Mode and Thermal Balance
The ADP3293 has individual inputs (SW1 to SW3) for
each phase that are used for monitoring the current of each
phase. This information is combined with an internal ramp
to create a current balancing feedback system that has been
optimized for initial current balance accuracy and dynamic
thermal balancing during operation. This current balance
information is independent of the average output current
information used for positioning as described in the Load
Line Setting section.
The magnitude of the internal ramp can be set to optimize
the transient response of the system. It also monitors the
supply voltage for feed−forward control for changes in the
supply. A resistor connected from the power input voltage
to the RAMP pin determines the slope of the internal PWM
ramp.
External resistors can be placed in series with individual
phases to create an intentional current imbalance if desired,
such as when one phase has better cooling and can support
higher currents. Resistor RSW1 through RSW3 can be used
for adjusting thermal balance. It is best to have the ability to
add these resistors during the initial design, therefore, ensure
that placeholders are provided in the layout.
To increase the current in any given phase, enlarge RSW
for that phase (make RSW = 0 for the hottest phase and do not
change it during balancing). Increasing RSW by 1 kW can
make an increase in phase current. Increase each RSW value
by small amounts to achieve balance, starting with the
coolest phase first.


Podobny numer części - ADP3293JCPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ADP3290 ONSEMI-ADP3290 Datasheet
534Kb / 30P
   8-Bit, Programmable 2- to 4-Phase Synchronous Buck Controller
July, 2009 ??Rev. 2
ADP3290JCPZ-RL ONSEMI-ADP3290JCPZ-RL Datasheet
534Kb / 30P
   8-Bit, Programmable 2- to 4-Phase Synchronous Buck Controller
July, 2009 ??Rev. 2
More results

Podobny opis - ADP3293JCPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ADP3193A ONSEMI-ADP3193A Datasheet
577Kb / 29P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Analog Devices
ADP3193A AD-ADP3193A Datasheet
1,007Kb / 32P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
REV. 0
logo
Fairchild Semiconductor
FAN5033 FAIRCHILD-FAN5033 Datasheet
873Kb / 39P
   8-Bit Programmable, 2- to 3-Phase, Synchronous Buck Controller
logo
Analog Devices
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. A
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029_07 Datasheet
139Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3192A AD-ADP3192A Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
logo
Fairchild Semiconductor
FAN5031 FAIRCHILD-FAN5031 Datasheet
424Kb / 3P
   8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
logo
Analog Devices
ADP3189 AD-ADP3189 Datasheet
1Mb / 36P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
REV. 0
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029 Datasheet
443Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3192 AD-ADP3192 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com