Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP3418 Arkusz danych(PDF) 9 Page - ON Semiconductor

Numer części ADP3418
Szczegółowy opis  Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3418 Arkusz danych(HTML) 9 Page - ON Semiconductor

Back Button ADP3418 Datasheet HTML 5Page - ON Semiconductor ADP3418 Datasheet HTML 6Page - ON Semiconductor ADP3418 Datasheet HTML 7Page - ON Semiconductor ADP3418 Datasheet HTML 8Page - ON Semiconductor ADP3418 Datasheet HTML 9Page - ON Semiconductor ADP3418 Datasheet HTML 10Page - ON Semiconductor ADP3418 Datasheet HTML 11Page - ON Semiconductor ADP3418 Datasheet HTML 12Page - ON Semiconductor ADP3418 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ADP3418
Rev. 6 | Page 9 of 13 | www.onsemi.com
THEORY OF OPERATION
The ADP3418 is a dual MOSFET driver optimized for driving
two N-channel MOSFETs in a synchronous buck converter
topology. A single PWM input signal is all that is required to
properly drive the high-side and the low-side MOSFETs. Each
driver is capable of driving a 3 nF load at speeds up to 500 kHz.
A more detailed description of the ADP3418 and its features
follows. Refer to Figure 1.
LOW-SIDE DRIVER
The low-side driver is designed to drive a ground-referenced
N-channel MOSFET. The bias to the low-side driver is internally
connected to the VCC supply and PGND.
When the driver is enabled, the driver’s output is 180° out of
phase with the PWM input. When the ADP3418 is disabled,
the low-side gate is held low.
HIGH-SIDE DRIVER
The high-side driver is designed to drive a floating N-channel
MOSFET. The bias voltage for the high-side driver is developed
by an external bootstrap supply circuit, which is connected
between the BST and SW pins.
The bootstrap circuit comprises a diode, D1, and bootstrap
capacitor, CBST1. CBST2 and RBST are included to reduce the high-
side gate drive voltage and limit the switch node slew rate
(referred to as a Boot-Snap™ circuit, see the Application
Information section for more details). When the ADP3418
starts up, the SW pin is at ground; therefore, the bootstrap
capacitor charges up to VCC through D1. When the PWM input
goes high, the high-side driver begins to turn on the high-side
MOSFET, Q1, by pulling charge out of CBST1 and CBST2. As Q1
turns on, the SW pin rises up to VIN, forcing the BST pin to VIN
+ VC (BST), which is enough gate-to-source voltage to hold Q1 on.
To complete the cycle, Q1 is switched off by pulling the gate
down to the voltage at the SW pin. When the low-side MOSFET,
Q2, turns on, the SW pin pulls to ground. This allows the
bootstrap capacitor to charge up to VCC again.
The high-side driver’s output is in phase with the PWM input.
When the driver is disabled, the high-side gate is held low.
OVERLAP PROTECTION CIRCUIT
The overlap protection circuit prevents both of the main power
switches, Q1 and Q2, from being on at the same time. This is
done to prevent shoot-through currents from flowing through
both power switches and the associated losses that can occur
during their on/off transitions. The overlap protection circuit
accomplishes this by adaptively controlling the delay from the
Q1 turn off to the Q2 turn on, and by internally setting the
delay from the Q2 turn off to the Q1 turn on.
To prevent the overlap of the gate drives during the Q1 turn off
and the Q2 turn on, the overlap circuit monitors the voltage at
the SW pin. When the PWM input signal goes low, Q1 begins to
turn off (after propagation delay). Before Q2 can turn on, the
overlap protection circuit ensures that SW has first gone high
and then waits for the voltage at the SW pin to fall from VIN to
1 V. Once the voltage on the SW pin falls to 1 V, Q2 begins to
turn on. If the SW pin had not gone high first, the Q2 turn on is
delayed by a fixed 120 ns. By waiting for the voltage on the SW
pin to reach 1 V or for the fixed delay time, the overlap protection
circuit ensures that Q1 is off before Q2 turns on, regardless of
variations in temperature, supply voltage, input pulse width,
gate charge, and drive current. If SW does not go below 1 V
after 240 ns, DRVL turns on. This can occur if the current
flowing in the output inductor is negative and is flowing
through the high-side MOSFET body diode.
To prevent the overlap of the gate drives during the Q2 turn off
and the Q1 turn on, the overlap circuit provides an internal
delay that is set to 40 ns. When the PWM input signal goes
high, Q2 begins to turn off (after a propagation delay), but
before Q1 can turn on, the overlap protection circuit waits for
the voltage at DRVL to drop to approximately one sixth of VCC.
Once the voltage at DRVL has reached this point, the overlap
protection circuit waits for the 40 ns internal delay time. Once
the delay period has expired, Q1 turns on.


Podobny numer części - ADP3418

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3418 AD-ADP3418 Datasheet
326Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. B
ADP3418KRZ-REEL1 AD-ADP3418KRZ-REEL1 Datasheet
326Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. B
ADP3418KRZ1 AD-ADP3418KRZ1 Datasheet
326Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. B
More results

Podobny opis - ADP3418

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418 Datasheet
90Kb / 10P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
NCP3418 ONSEMI-NCP3418_06 Datasheet
110Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2006 ??Rev. 12
logo
Analog Devices
ADP3650 AD-ADP3650 Datasheet
279Kb / 12P
   Dual, Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. A
ADP3418 AD-ADP3418 Datasheet
326Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. B
logo
ON Semiconductor
ADP3121 ONSEMI-ADP3121 Datasheet
147Kb / 10P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
April, 2009 ??Rev. 0
logo
Analog Devices
ADP3120A AD-ADP3120A Datasheet
292Kb / 16P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3110A ONSEMI-ADP3110A Datasheet
132Kb / 8P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
August, 2008 ??Rev. 4
logo
Analog Devices
ADP3110 AD-ADP3110 Datasheet
245Kb / 12P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
NCP3418BDR2G ONSEMI-NCP3418BDR2G Datasheet
255Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
April, 2007 -- Rev. 13
logo
Analog Devices
ADP3120 AD-ADP3120 Datasheet
272Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com