Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADT7468ARQ-REEL7 Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części ADT7468ARQ-REEL7
Szczegółowy opis  dBCool짰 Remote Thermal Controller and Voltage Monitor
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7468ARQ-REEL7 Arkusz danych(HTML) 4 Page - ON Semiconductor

  ADT7468ARQ-REEL7 Datasheet HTML 1Page - ON Semiconductor ADT7468ARQ-REEL7 Datasheet HTML 2Page - ON Semiconductor ADT7468ARQ-REEL7 Datasheet HTML 3Page - ON Semiconductor ADT7468ARQ-REEL7 Datasheet HTML 4Page - ON Semiconductor ADT7468ARQ-REEL7 Datasheet HTML 5Page - ON Semiconductor ADT7468ARQ-REEL7 Datasheet HTML 6Page - ON Semiconductor ADT7468ARQ-REEL7 Datasheet HTML 7Page - ON Semiconductor ADT7468ARQ-REEL7 Datasheet HTML 8Page - ON Semiconductor ADT7468ARQ-REEL7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 81 page
background image
ADT7468
Rev. 3 | Page 4 of 81 | www.onsemi.com
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OPEN-DRAIN DIGITAL OUTPUTS,
PWM1 TO PWM3, XTO
Current Sink, IOL
8.0
mA
Output Low Voltage, VOL
0.4
V
IOUT = −8.0 mA, VCC = +3.3 V
High Level Output Current, IOH
0.1
1.0
µA
VOUT = VCC
OPEN-DRAIN SERIAL DATA BUS OUTPUT (SDA)
Output Low Voltage, VOL
0.4
V
IOUT = −4.0 mA, VCC = +3.3 V
High Level Output Current, IOH
0.1
1.0
µA
VOUT = VCC
SMBUS DIGITAL INPUTS (SCL, SDA)
Input High Voltage, VIH
2.0
V
Input Low Voltage, VIL
0.4
V
Hysteresis
500
mV
DIGITAL INPUT LOGIC LEVELS (TACH INPUTS)
Input High Voltage, VIH
2.0
V
5.5
V
Maximum input voltage
Input Low Voltage, VIL
0.8
V
−0.3
V
Minimum input voltage
Hysteresis
0.5
V p-p
DIGITAL INPUT LOGIC LEVELS (THERM) ADTL+
Input High Voltage, VIH
0.75 × VCCP
V
Input Low Voltage, VIL
0.4
V
DIGITAL INPUT CURRENT
Input High Current, IIH
−1
µA
VIN = VCC
Input Low Current, IIL
1
µA
VIN = 0
Input Capacitance, CIN
5
pF
SERIAL BUS TIMING
See Figure 2
Clock Frequency, fSCLK
10
400
kHz
Glitch Immunity, tSW
50
ns
Bus Free Time, tBUF
4.7
µs
Start Setup Time, tSU;STA
4.7
µs
Start Hold Time, tHD;STA
4.0
µs
SCL Low Time, tLOW
4.7
µs
SCL High Time, tHIGH
4.0
50
µs
SCL, SDA Rise Time, tR
1000
ns
SCL, SDA Fall Time, tF
300
µs
Data Setup Time, tSU;DAT
250
ns
Data Hold Time, tHD;DAT
300
ns
Detect Clock Low Timeout, tTIMEOUT
15
35
ms
Can be optionally disabled
SCL
SDA
P
S
S
P
tBUF
tHD; STA
tHD; DAT
tSU; DAT
tF
tR
tLOW
tSU; STA
tHIGH
tHD; STA
tSU; STO
Figure 2. Serial Bus Timing Diagram


Podobny numer części - ADT7468ARQ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADT7468ARQ-REEL7 AD-ADT7468ARQ-REEL7 Datasheet
1,021Kb / 80P
   dBCool??Remote Thermal Controller and Voltage Monitor
REV. 0
More results

Podobny opis - ADT7468ARQ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ADT7466 ONSEMI-ADT7466 Datasheet
691Kb / 48P
   dBCool짰 Remote Thermal Controller and Voltage Monitor
May 2010 ??Rev. 3
ADT7476A ONSEMI-ADT7476A_16 Datasheet
541Kb / 69P
   Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 7
ADT7463 ONSEMI-ADT7463_13 Datasheet
732Kb / 50P
   Remote Thermal Controller and Voltage Monitor
May, 2013 ??Rev. 7
ADT7476 ONSEMI-ADT7476_16 Datasheet
543Kb / 68P
   Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 10
logo
Analog Devices
ADT7476 AD-ADT7476 Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. A
ADT7468 AD-ADT7468 Datasheet
1,021Kb / 80P
   dBCool??Remote Thermal Controller and Voltage Monitor
REV. 0
logo
ON Semiconductor
ADT7476A ONSEMI-ADT7476A Datasheet
613Kb / 67P
   dBCOOL Remote Thermal Controller and Voltage Monitor
May, 2010 ??Rev. 3
ADM1027 ONSEMI-ADM1027 Datasheet
1Mb / 56P
   dBCOOL??Remote Thermal Controller and Voltage Monitor
May 2010 - Rev. 3
ADT7476 ONSEMI-ADT7476 Datasheet
620Kb / 67P
   dBCOOL Remote Thermal Controller and Voltage Monitor
May, 2010 ??Rev. 6
logo
Analog Devices
ADT7466 AD-ADT7466 Datasheet
1Mb / 48P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com