Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADT7481 Arkusz danych(PDF) 10 Page - ON Semiconductor

Numer części ADT7481
Szczegółowy opis  Dual Channel Temperature Sensor and Overtemperature Alarm
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7481 Arkusz danych(HTML) 10 Page - ON Semiconductor

Back Button ADT7481 Datasheet HTML 6Page - ON Semiconductor ADT7481 Datasheet HTML 7Page - ON Semiconductor ADT7481 Datasheet HTML 8Page - ON Semiconductor ADT7481 Datasheet HTML 9Page - ON Semiconductor ADT7481 Datasheet HTML 10Page - ON Semiconductor ADT7481 Datasheet HTML 11Page - ON Semiconductor ADT7481 Datasheet HTML 12Page - ON Semiconductor ADT7481 Datasheet HTML 13Page - ON Semiconductor ADT7481 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADT7481
http://onsemi.com
10
Table 6. Conversion Rate/Channel Selector Register (Read Address 0x04, Write Address 0x0A)
Bit
Mnemonic
Function
7
Averaging
Setting this bit to 1 disables averaging of the temperature measurements at the slower conversion
rates (averaging cannot take place at the three faster rates, so setting this bit has no effect). When
default = 0, averaging is enabled.
6
Reserved
Reserved for future use. Do not write to this bit.
<5:4>
Channel Selector
These bits are used to select the temperature measurement channels:
00 = Round robin = default = all channels measured
01 = Local temperature only measured
10 = Remote 1 temperature only measured
11 = Remote 2 temperature only measured
<3:0>
Conversion Rates
These bits set how often the ADT7481 measures each temperature channel.
Conversion rates are as follows:
Conversions/sec
Time (seconds)
0000 = 0.0625
0001 = 0.125
0010 = 0.25
0011 = 0.5
0100 = 1
0101 = 2
0110 = 4
0111 = 8 = default
1000 = 16
1001 = 32
1010 = 64
1011 = continuous measurements
16
8
4
2
1
500 m
250 m
125 m
62.5 m
31.25 m
15.5 m
73 m (averaging enabled)
Limit Registers
The ADT7481 has three limits for each temperature
channel: high, low, and THERM temperature limits for
local, Remote 1, and Remote 2 temperature measurements.
The remote temperature high and low limits span two
registers each to contain an upper and lower byte for each
limit. There is also a THERM hysteresis register. All limit
registers can be written to, and read back from, the SMBus.
See Table 11 for details of the limit register addresses and
power−on default values.
C will result in an out−of−limit condition, setting a flag in
the status register.
If the low limit register is programmed with 0
°C,
measuring 0
°C or lower will result in an out−of−limit
condition.
Exceeding either the local or remote THERM limit asserts
THERM low. When Pin 8 is configured as THERM2,
exceeding either the local or remote high limit asserts
THERM2 low. A default hysteresis value of 10
°C is
provided that applies to both THERM channels. This
hysteresis value may be reprogrammed.
It is important to remember that the temperature limits
data format is the same as the temperature measurement data
format. So if the temperature measurement uses the default
binary scale, then the temperature limits also use the binary
scale. If the temperature measurement scale is switched,
however, the temperature limits do not automatically
switch.
The user must reprogram the limit registers to the desired
value in the correct data format. For example, if the remote
low limit is set at 10
°C and the default binary scale is being
used, the limit register value should be 0000 1010b. If the
scale is switched to offset binary, the value in the low
temperature limit register should be reprogrammed to be
0100 1010b.
Status Registers
The status registers are read−only registers, at Address
0x02 (Status Register 1) and Address 0x23 (Status
Register 2). They contain status information for the
ADT7481.
Table 7. Status Register 1 Bit Assignments
Bit
Mnemonic
Function
ALERT
7
BUSY
1 when ADC converting
No
6
LHIGH
(Note 1)
1 when local high
temperature limit tripped
Yes
5
LLOW
(Note 1)
1 when local low
temperature limit tripped
Yes
4
R1HIGH1
1 When Remote 1 High
Temperature Limit Tripped
Yes
3
R1LOW
(Note 1)
1 When Remote 1 Low
Temperature Limit Tripped
Yes
2
D1 OPEN
(Note 1)
1 When Remote 1 Sensor
Open Circuit
Yes
1
R1THRM1
1 when Remote1 THERM
Limit Tripped
No
0
LTHRM1
1 when local THERM Limit
Tripped
No
1. These flags stay high until the status register is read, or they
are reset by POR.


Podobny numer części - ADT7481

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADT7481 AD-ADT7481 Datasheet
498Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
logo
ON Semiconductor
ADT7481 ONSEMI-ADT7481 Datasheet
198Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
September, 2014 ??Rev. 8
logo
Analog Devices
ADT7481ARMZ AD-ADT7481ARMZ Datasheet
498Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
ADT7481ARMZ-1 AD-ADT7481ARMZ-1 Datasheet
498Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
ADT7481ARMZ-1REEL AD-ADT7481ARMZ-1REEL Datasheet
498Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
More results

Podobny opis - ADT7481

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADT7482 AD-ADT7482 Datasheet
543Kb / 24P
   Dual Channel Temperature Sensor and Overtemperature Alarm
REV. 0
logo
ON Semiconductor
ADT7482 ONSEMI-ADT7482 Datasheet
262Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
December, 2009 ??Rev. 3
ADT7481 ONSEMI-ADT7481_14 Datasheet
198Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
September, 2014 ??Rev. 8
logo
Analog Devices
ADT7481 AD-ADT7481 Datasheet
498Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
logo
ON Semiconductor
ADT7483A ONSEMI-ADT7483A Datasheet
316Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
February 2008 ??Rev. 1
logo
Analog Devices
ADT7483A AD-ADT7483A Datasheet
499Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
logo
ON Semiconductor
ADT7483A ONSEMI-ADT7483A_12 Datasheet
285Kb / 20P
   Dual Channel Temperature Sensor and Over Temperature Alarm
July, 2012 - Rev. 2
logo
Maxim Integrated Produc...
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642 MAXIM-MAX6642_V01 Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
MAX6642 MAXIM-MAX6642_09 Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com