Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADT7481ARMZ-001 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części ADT7481ARMZ-001
Szczegółowy opis  Dual Channel Temperature Sensor and Overtemperature Alarm
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7481ARMZ-001 Arkusz danych(HTML) 2 Page - ON Semiconductor

  ADT7481ARMZ-001 Datasheet HTML 1Page - ON Semiconductor ADT7481ARMZ-001 Datasheet HTML 2Page - ON Semiconductor ADT7481ARMZ-001 Datasheet HTML 3Page - ON Semiconductor ADT7481ARMZ-001 Datasheet HTML 4Page - ON Semiconductor ADT7481ARMZ-001 Datasheet HTML 5Page - ON Semiconductor ADT7481ARMZ-001 Datasheet HTML 6Page - ON Semiconductor ADT7481ARMZ-001 Datasheet HTML 7Page - ON Semiconductor ADT7481ARMZ-001 Datasheet HTML 8Page - ON Semiconductor ADT7481ARMZ-001 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADT7481
http://onsemi.com
2
Figure 1. Functional Block Diagram
11−BIT A−TO−D
CONVERTER
RUN/STANDBY
BUSY
REMOTE 1 AND 2 TEMP
OFFSET REGISTERS
STATUS REGISTERS
INTERRUPT
MASKING
CONFIGURATION
REGISTERS
REMOTE 1 AND 2 TEMP
HIGH LIMIT REGISTERS
REMOTE 1 AND 2 TEMP
LOW LIMIT REGISTERS
REMOTE 1 AND 2 TEMP
THERM LIMIT REGISTER
LOCAL TEMPERATURE
HIGH LIMIT REGISTER
LOCAL TEMPERATURE
LOW LIMIT REGISTER
LOCAL TEMPERATURE
THERM LIMIT REGISTER
ONE−SHOT
REGISTER
ADDRESS POINTER
REGISTER
CONVERSION RATE
REGISTER
REMOTE 1 AND 2 TEMP
VALUE REGISTERS
LOCAL TEMPERATURE
VALUE REGISTER
ON−CHIP TEMP
SENSOR
ANALOG
MUX
EXTERNAL DIODES OPEN−CIRCUIT
SMBUS INTERFACE
ADT7481
7
8
3
2
10
4
1
69
VDD
GND
SDATA
SCLK
THERM
8
D1+
D1–
D2+
D2–
ALERT/THERM2
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Positive Supply Voltage (VDD) to GND
−0.3 to +3.6
V
D+
−0.3 to VDD + 0.3
V
D− to GND
−0.3 to +0.6
V
SCLK, SDATA, ALERT, THERM
−0.3 to +3.6
V
Input Current, SDATA, THERM
−1 to +50
mA
Input Current, D−
±1
mA
ESD Rating, All Pins (Human Body Model)
1500
V
Maximum Junction Temperature (TJ max)
150
°C
Storage Temperature Range
−65 to +150
°C
IR Reflow Peak Temperature
220
°C
IR Reflow Peak Temperature for Pb−Free
260
°C
Lead Temperature, Soldering (10 sec)
300
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
NOTE: This device is ESD sensitive. Use standard ESD precautions when handling.
THERMAL CHARACTERISTICS
Package Type
qJA
qJC
Unit
10−Lead MSOP
142
43.74
°C/W


Podobny numer części - ADT7481ARMZ-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADT7481ARMZ-1 AD-ADT7481ARMZ-1 Datasheet
498Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
ADT7481ARMZ-1REEL AD-ADT7481ARMZ-1REEL Datasheet
498Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
ADT7481ARMZ-1REEL7 AD-ADT7481ARMZ-1REEL7 Datasheet
498Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
logo
ON Semiconductor
ADT7481ARMZ-1RL ONSEMI-ADT7481ARMZ-1RL Datasheet
198Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
September, 2014 ??Rev. 8
logo
Analog Devices
ADT7481ARMZ-REEL AD-ADT7481ARMZ-REEL Datasheet
498Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
More results

Podobny opis - ADT7481ARMZ-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADT7482 AD-ADT7482 Datasheet
543Kb / 24P
   Dual Channel Temperature Sensor and Overtemperature Alarm
REV. 0
logo
ON Semiconductor
ADT7482 ONSEMI-ADT7482 Datasheet
262Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
December, 2009 ??Rev. 3
ADT7481 ONSEMI-ADT7481_14 Datasheet
198Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
September, 2014 ??Rev. 8
logo
Analog Devices
ADT7481 AD-ADT7481 Datasheet
498Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
logo
ON Semiconductor
ADT7483A ONSEMI-ADT7483A Datasheet
316Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
February 2008 ??Rev. 1
logo
Analog Devices
ADT7483A AD-ADT7483A Datasheet
499Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
logo
ON Semiconductor
ADT7483A ONSEMI-ADT7483A_12 Datasheet
285Kb / 20P
   Dual Channel Temperaturenull Sensor and Over Temperature Alarm
July, 2012 ??Rev. 2
logo
Maxim Integrated Produc...
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642 MAXIM-MAX6642_V01 Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
MAX6642 MAXIM-MAX6642_09 Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com