Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT24AA16 Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części CAT24AA16
Szczegółowy opis  16-Kb I2C CMOS Serial EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24AA16 Arkusz danych(HTML) 4 Page - ON Semiconductor

  CAT24AA16 Datasheet HTML 1Page - ON Semiconductor CAT24AA16 Datasheet HTML 2Page - ON Semiconductor CAT24AA16 Datasheet HTML 3Page - ON Semiconductor CAT24AA16 Datasheet HTML 4Page - ON Semiconductor CAT24AA16 Datasheet HTML 5Page - ON Semiconductor CAT24AA16 Datasheet HTML 6Page - ON Semiconductor CAT24AA16 Datasheet HTML 7Page - ON Semiconductor CAT24AA16 Datasheet HTML 8Page - ON Semiconductor CAT24AA16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CAT24AA16
http://onsemi.com
4
Power−On Reset (POR)
Each CAT24AA16 incorporates Power−On Reset (POR)
circuitry which protects the internal logic against powering
up in the wrong state. The device will power up into Standby
mode after VCC exceeds the POR trigger level and will
power down into Reset mode when VCC drops below the
POR trigger level.
This bi−directional POR behavior protects the device
against brown−out failure, following a temporary loss of
power.
Pin Description
SCL: The Serial Clock input pin accepts the clock signal
generated by the Master.
SDA: The Serial Data I/O pin accepts input data and delivers
output data. In transmit mode, this pin is open drain. Data is
acquired on the positive edge, and delivered on the negative
edge of SCL.
WP: When the Write Protect input pin is forced HIGH by an
external source, all write operations are inhibited. When the
pin is not driven by an external source, it is pulled LOW
internally.
Functional Description
The CAT24AA16 supports the Inter−Integrated Circuit
(I2C) Bus protocol. The protocol relies on the use of a Master
device, which provides the clock and directs bus traffic, and
Slave devices which execute requests. The CAT24AA16
operates as a Slave device. Both Master and Slave can
transmit or receive, but only the Master can assign those
roles.
I2C Bus Protocol
The 2−wire I2C bus consists of two lines, SCL and SDA,
connected to the VCC supply via pullup resistors. The Master
provides the clock to the SCL line, and the Master and Slaves
drive the SDA line. A ‘0’ is transmitted by pulling a line
LOW and a ‘1’ by releasing it HIGH. Data transfer may be
initiated only when the bus is not busy (see AC
Characteristics). During data transfer, SDA must remain
stable while SCL is HIGH.
START/STOP Condition
An SDA transition while SCL is HIGH creates a START
or STOP condition (Figure 2). A START is generated by a
HIGH to LOW transition, while a STOP is generated by a
LOW to HIGH transition. The START acts like a wake−up
call. Absent a START, no Slave will respond to the Master.
The STOP completes all commands.
Device Addressing
The Master addresses a Slave by creating a START
condition and then broadcasting an 8−bit Slave address
(Figure 3). The four most significant bits of the Slave
address are 1010 (Ah). The next three bits are internal
address bits, a10, a9, a8. The last bit, R/W, instructs the Slave
to either provide (1) or accept (0) data, i.e. it specifies a Read
(1) or a Write (0) operation.
Acknowledge
During the 9th clock cycle following every byte sent onto
the bus, the transmitter releases the SDA line, allowing the
receiver to respond. The receiver then either acknowledges
(ACK) by pulling SDA LOW, or does not acknowledge
(NoACK) by letting SDA stay HIGH (Figure 4). Bus timing
is illustrated in Figure 5.
START
CONDITION
STOP
CONDITION
SDA
SCL
Figure 2. Start/Stop Timing
1
0
1
0
a10
a9
a8
R/W
Figure 3. Slave Address Bits


Podobny numer części - CAT24AA16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT24AA16 ONSEMI-CAT24AA16 Datasheet
211Kb / 11P
   EEPROM Serial 16-Kb I2C
May, 2018 ??Rev. 2
CAT24AA16 ONSEMI-CAT24AA16_18 Datasheet
211Kb / 11P
   EEPROM Serial 16-Kb I2C
May, 2018 ??Rev. 2
More results

Podobny opis - CAT24AA16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LE2416RDXA ONSEMI-LE2416RDXA Datasheet
343Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
LE2416DXA ONSEMI-LE2416DXA Datasheet
295Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
logo
Catalyst Semiconductor
CAT24FC17 CATALYST-CAT24FC17 Datasheet
452Kb / 10P
   16-kb I2C Serial EEPROM
CAT24FC16 CATALYST-CAT24FC16 Datasheet
419Kb / 11P
   16-kb I2C Serial EEPROM
CAT24FC16 CATALYST-CAT24FC16_05 Datasheet
595Kb / 11P
   16-kb I2C Serial EEPROM
logo
ON Semiconductor
CAT24AA16 ONSEMI-CAT24AA16_18 Datasheet
211Kb / 11P
   EEPROM Serial 16-Kb I2C
May, 2018 ??Rev. 2
CAT24C64LI ONSEMI-CAT24C64LI Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
logo
Catalyst Semiconductor
CAT24C32 CATALYST-CAT24C32 Datasheet
527Kb / 18P
   32-Kb I2C CMOS Serial EEPROM
CAT24C64 CATALYST-CAT24C64 Datasheet
552Kb / 18P
   64-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
LE2432RDXA ONSEMI-LE2432RDXA Datasheet
353Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com