Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT28C65BLA12 Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części CAT28C65BLA12
Szczegółowy opis  64K-Bit CMOS PARALLEL EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C65BLA12 Arkusz danych(HTML) 3 Page - ON Semiconductor

  CAT28C65BLA12 Datasheet HTML 1Page - ON Semiconductor CAT28C65BLA12 Datasheet HTML 2Page - ON Semiconductor CAT28C65BLA12 Datasheet HTML 3Page - ON Semiconductor CAT28C65BLA12 Datasheet HTML 4Page - ON Semiconductor CAT28C65BLA12 Datasheet HTML 5Page - ON Semiconductor CAT28C65BLA12 Datasheet HTML 6Page - ON Semiconductor CAT28C65BLA12 Datasheet HTML 7Page - ON Semiconductor CAT28C65BLA12 Datasheet HTML 8Page - ON Semiconductor CAT28C65BLA12 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CAT28C65B
3
Doc. No. MD-1009, Rev. H
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Min.
Max.
Units
Test Method
NEND(1)
Endurance
105
Cycles/Byte
MIL-STD-883, Test Method 1033
TDR(1)
Data Retention
100
Years
MIL-STD-883, Test Method 1008
VZAP(1)
ESD Susceptibility
2000
Volts
MIL-STD-883, Test Method 3015
ILTH(1)(4)
Latch-Up
100
mA
JEDEC Standard 17
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias ................. –55
°C to +125°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on Any Pin with
Respect to Ground(2) ........... –2.0V to +VCC + 2.0V
VCC with Respect to Ground ............... –2.0V to +7.0V
Package Power Dissipation
Capability (Ta = 25
°C)................................... 1.0W
Lead Soldering Temperature (10 secs) ............ 300
°C
Output Short Circuit Current(3) ........................ 100 mA
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation
of the device at these or any other conditions outside of
those listed in the operational sections of this specifica-
tion is not implied. Exposure to any absolute maximum
rating for extended periods may affect device perfor-
mance and reliability.
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20 ns.
(3) Output shorted for no more than one second. No more than one output shorted at a time.
(4) Latch-up protection is provided for stresses up to 100mA on address and data pins from –1V to VCC +1V.
MODE SELECTION
Mode
CE
WE
OE
I/O
Power
Read
L
H
L
DOUT
ACTIVE
Byte Write (WE Controlled)
L
H
DIN
ACTIVE
Byte Write (CE Controlled)
L
H
DIN
ACTIVE
Standby, and Write Inhibit
H
X
X
High-Z
STANDBY
Read and Write Inhibit
X
H
H
High-Z
ACTIVE
CAPACITANCE TA = 25°C, F = 1.0 MHZ, VCC = 5V
Symbol
Test
Max.
Units
Conditions
CI/O(1)
Input/Output Capacitance
10
pF
VI/O = 0V
CIN(1)
Input Capacitance
6
pF
VIN = 0V


Podobny numer części - CAT28C65BLA12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT28C65BLA-12T CATALYST-CAT28C65BLA-12T Datasheet
418Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C65BLA-15T CATALYST-CAT28C65BLA-15T Datasheet
418Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C65BLA-90T CATALYST-CAT28C65BLA-90T Datasheet
418Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
More results

Podobny opis - CAT28C65BLA12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT28C64BL12 ONSEMI-CAT28C64BL12 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64B ONSEMI-CAT28C64B Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BN-20 ONSEMI-CAT28C64BN-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BP-20 ONSEMI-CAT28C64BP-20 Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C65BP12 ONSEMI-CAT28C65BP12 Datasheet
81Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
logo
Catalyst Semiconductor
CAT28LV65 CATALYST-CAT28LV65_05 Datasheet
74Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C64B CATALYST-CAT28C64B_05 Datasheet
415Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
Seiko Instruments Inc
S-2860B SII-S-2860B Datasheet
971Kb / 18P
   CMOS 64K-bit PARALLEL EEPROM
logo
Catalyst Semiconductor
28LV64 CATALYST-28LV64 Datasheet
527Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C65B CATALYST-CAT28C65B_05 Datasheet
418Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C64BJ-20 ONSEMI-CAT28C64BJ-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com