Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT28C64BXA-90T Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części CAT28C64BXA-90T
Szczegółowy opis  64K-Bit CMOS PARALLEL EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C64BXA-90T Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button CAT28C64BXA-90T Datasheet HTML 3Page - ON Semiconductor CAT28C64BXA-90T Datasheet HTML 4Page - ON Semiconductor CAT28C64BXA-90T Datasheet HTML 5Page - ON Semiconductor CAT28C64BXA-90T Datasheet HTML 6Page - ON Semiconductor CAT28C64BXA-90T Datasheet HTML 7Page - ON Semiconductor CAT28C64BXA-90T Datasheet HTML 8Page - ON Semiconductor CAT28C64BXA-90T Datasheet HTML 9Page - ON Semiconductor CAT28C64BXA-90T Datasheet HTML 10Page - ON Semiconductor CAT28C64BXA-90T Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CAT28C64B
7
Doc. No. MD-1011, Rev. I
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
Byte Write
A write cycle is executed when both CE and WE are low,
and OE is high. Write cycles can be initiated using either
WE or CE, with the address input being latched on the
falling edge of WE or CE, whichever occurs last. Data,
conversely, is latched on the rising edge of WE or CE,
whichever occurs first. Once initiated, a byte write cycle
automatically erases the addressed byte and the new
data is written within 5 ms.
DEVICE OPERATION
Read
Data stored in the CAT28C64B is transferred to the data
bus when WE is held high, and both OE and CE are held
low. The data bus is set to a high impedance state when
either CE or OE goes high. This 2-line control architec-
ture can be used to eliminate bus contention in a system
environment.
Figure 3. Read Cycle
Figure 4. Byte Write Cycle [WE Controlled]
ADDRESS
CE
OE
WE
DATA OUT
tAS
DATA IN
DATA VALID
HIGH-Z
tCS
tAH
tCH
tWC
tOEH
tBLC
tOES
tWP
ADDRESS
CE
OE
WE
tRC
DATA OUT
DATA VALID
DATA VALID
tCE
tOE
tOH
tAA
tOHZ
tHZ
VIH
HIGH-Z
tLZ
tOLZ


Podobny numer części - CAT28C64BXA-90T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT28C64BXA-90T CATALYST-CAT28C64BXA-90T Datasheet
415Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C64BXA-90T ONSEMI-CAT28C64BXA-90T Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BXA-90T ONSEMI-CAT28C64BXA-90T Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BXA-90T ONSEMI-CAT28C64BXA-90T Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results

Podobny opis - CAT28C64BXA-90T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT28C64BL12 ONSEMI-CAT28C64BL12 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BN-20 ONSEMI-CAT28C64BN-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BP-20 ONSEMI-CAT28C64BP-20 Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C65BP12 ONSEMI-CAT28C65BP12 Datasheet
81Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
logo
Catalyst Semiconductor
CAT28LV65 CATALYST-CAT28LV65_05 Datasheet
74Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C64B CATALYST-CAT28C64B_05 Datasheet
415Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
Seiko Instruments Inc
S-2860B SII-S-2860B Datasheet
971Kb / 18P
   CMOS 64K-bit PARALLEL EEPROM
logo
Catalyst Semiconductor
28LV64 CATALYST-28LV64 Datasheet
527Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C65B CATALYST-CAT28C65B_05 Datasheet
418Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C64BJ-20 ONSEMI-CAT28C64BJ-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com