Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT28C512LI12 Arkusz danych(PDF) 11 Page - ON Semiconductor

Numer części CAT28C512LI12
Szczegółowy opis  512K-Bit CMOS PARALLEL EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C512LI12 Arkusz danych(HTML) 11 Page - ON Semiconductor

Back Button CAT28C512LI12 Datasheet HTML 4Page - ON Semiconductor CAT28C512LI12 Datasheet HTML 5Page - ON Semiconductor CAT28C512LI12 Datasheet HTML 6Page - ON Semiconductor CAT28C512LI12 Datasheet HTML 7Page - ON Semiconductor CAT28C512LI12 Datasheet HTML 8Page - ON Semiconductor CAT28C512LI12 Datasheet HTML 9Page - ON Semiconductor CAT28C512LI12 Datasheet HTML 10Page - ON Semiconductor CAT28C512LI12 Datasheet HTML 11Page - ON Semiconductor CAT28C512LI12 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CAT28C512/513
11
Doc. No. MD-1007, Rev . I
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
EXAMPLE OF ORDERING INFORMATION
(1)
Speed
12: 120ns
15: 150ns
Prefix
Device #
Suffix
28C512
Product
Number
28C512
28C513
CAT
Optional
Company
ID
NT
Tape & Reel
Package
N: PLCC
(2)
T: TSOP (8mmx20mm)
(2)
-15
Temperature Range
Blank = Commercial (0
°C to +70°C)
I = Industrial (-40
°C to +85°C)
A = Automotive (-40
°C to +105°C)(4)
I
L: PDIP (Lead free, Halogen free)
G: PLCC (Lead free, Halogen free)
(3)
H: TSOP (8mmx20mm) (Lead free, Halogen free)
s
r
e
b
m
u
N
t
r
a
P
e
l
b
a
r
e
d
r
O
)
s
e
c
i
v
e
D
e
e
r
F
-
b
P
r
o
f
(
T
2
1
-
G
2
1
5
C
8
2
T
A
CT
2
1
-
G
3
1
5
C
8
2
T
A
C
T
5
1
-
G
2
1
5
C
8
2
T
A
CT
5
1
-
G
3
1
5
C
8
2
T
A
C
T
2
1
-
A
G
2
1
5
C
8
2
T
A
CT
2
1
-
A
G
3
1
5
C
8
2
T
A
C
T
5
1
-
A
G
2
1
5
C
8
2
T
A
CT
5
1
-
A
G
3
1
5
C
8
2
T
A
C
T
2
1
-
I
G
2
1
5
C
8
2
T
A
CT
2
1
-
I
G
3
1
5
C
8
2
T
A
C
T
5
1
-
I
G
2
1
5
C
8
2
T
A
CT
5
1
-
I
G
3
1
5
C
8
2
T
A
C
T
2
1
-
H
2
1
5
C
8
2
T
A
C
T
5
1
-
H
2
1
5
C
8
2
T
A
C
T
2
1
-
A
H
2
1
5
C
8
2
T
A
C
T
5
1
-
A
H
2
1
5
C
8
2
T
A
C
T
2
1
-
I
H
2
1
5
C
8
2
T
A
C
T
5
1
-
I
H
2
1
5
C
8
2
T
A
C
2
1
L
2
1
5
C
8
2
T
A
C
5
1
L
2
1
5
C
8
2
T
A
C
2
1
A
L
2
1
5
C
8
2
T
A
C
5
1
A
L
2
1
5
C
8
2
T
A
C
2
1
I
L
2
1
5
C
8
2
T
A
C
5
1
I
L
2
1
5
C
8
2
T
A
C
ORDERING INFORMATION
Notes:
(1)
The device used in the above example is a CAT28C512NI-15T (PLCC, Industrial temperature, 150 ns Access Time, Tape & Reel).
(2)
Solder-plate (tin-lead) packages, contact Factory for availability.
(3)
28C513 is offered only in PLCC package.
(4)
-40
°C to +125°C is available upon request.


Podobny numer części - CAT28C512LI12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT28C512LI-12T CATALYST-CAT28C512LI-12T Datasheet
416Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
CAT28C512LI-15T CATALYST-CAT28C512LI-15T Datasheet
416Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
More results

Podobny opis - CAT28C512LI12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT28C512 CATALYST-CAT28C512_01 Datasheet
81Kb / 11P
   512K-Bit CMOS PARALLEL EEPROM
CAT28C512 CATALYST-CAT28C512_04 Datasheet
416Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
logo
ON Semiconductor
CAT28C64BN-20 ONSEMI-CAT28C64BN-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BP-20 ONSEMI-CAT28C64BP-20 Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C65BP12 ONSEMI-CAT28C65BP12 Datasheet
81Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
logo
Catalyst Semiconductor
CAT28LV65 CATALYST-CAT28LV65_05 Datasheet
74Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
logo
Seiko Instruments Inc
S-2812A SII-S-2812A Datasheet
1,007Kb / 18P
   CMOS 16K-bit PARALLEL EEPROM
logo
ON Semiconductor
CAT28C64BL12 ONSEMI-CAT28C64BL12 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64B ONSEMI-CAT28C64B Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com