Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSH512CYFT Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części TSH512CYFT
Szczegółowy opis  Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512CYFT Arkusz danych(HTML) 4 Page - STMicroelectronics

  TSH512CYFT Datasheet HTML 1Page - STMicroelectronics TSH512CYFT Datasheet HTML 2Page - STMicroelectronics TSH512CYFT Datasheet HTML 3Page - STMicroelectronics TSH512CYFT Datasheet HTML 4Page - STMicroelectronics TSH512CYFT Datasheet HTML 5Page - STMicroelectronics TSH512CYFT Datasheet HTML 6Page - STMicroelectronics TSH512CYFT Datasheet HTML 7Page - STMicroelectronics TSH512CYFT Datasheet HTML 8Page - STMicroelectronics TSH512CYFT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Device diagrams and schematics
TSH512
4/31
Doc ID 8120 Rev 7
2
Device diagrams and schematics
This section contains a detailed block diagram of the TSH512 (Figure 1), with an
accompanying pin description (Table 3 on page 5), as well as the schematics of a typical
application (Figure 2 on page 6).
Figure 1.
Block diagram
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
1
+
-+
-
TSH512
Monostable
ALC
ALC
VCO
VCO
Output
buffer
Output
buffer
TX1
TX2
LNA
LNA
VOX
-
+
PEA
PEA
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
1
--+
-
+
-
TSH512
Monostable
ALC
ALC
VCO
VCO
Output
buffer
Output
buffer
TX1
TX2
LNA
LNA
VOX
-
+
PEA
PEA
DEC2
MIC-BIAS2
GND
VCC
SBY
VOX-INTS
VOX-SENS
VCC
GND
MIC-BIAS1
DEC1
DEC2
MIC-BIAS2
GND
VCC
SBY
VOX-INTS
VOX-SENS
VCC
GND
MIC-BIAS1
DEC1
GND
BUF-IN2
BUF-OUT2
GND
VOX-TIMER
VOX-INTN
VOX-MUTE
VCC
BUF-OUT1
BUF-IN1
GND
GND
BUF-IN2
BUF-OUT2
GND
VOX-TIMER
VOX-INTN
VOX-MUTE
VCC
BUF-OUT1
BUF-IN1
GND


Podobny numer części - TSH512CYFT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TSH512C STMICROELECTRONICS-TSH512C Datasheet
1Mb / 19P
   HiFi stereo/mono infrared transmitter Stereo sub-carrier generator
TSH512CF STMICROELECTRONICS-TSH512CF Datasheet
1Mb / 19P
   HiFi stereo/mono infrared transmitter Stereo sub-carrier generator
TSH512CFT STMICROELECTRONICS-TSH512CFT Datasheet
1Mb / 19P
   HiFi stereo/mono infrared transmitter Stereo sub-carrier generator
More results

Podobny opis - TSH512CYFT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TSH511 STMICROELECTRONICS-TSH511_07 Datasheet
1Mb / 25P
   Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
TSH512 STMICROELECTRONICS-TSH512 Datasheet
1Mb / 19P
   HiFi stereo/mono infrared transmitter Stereo sub-carrier generator
TSH511 STMICROELECTRONICS-TSH511 Datasheet
1Mb / 18P
   HiFi stereo/mono infrared receiver Stereo sub-carrier demodulator
logo
List of Unclassifed Man...
500028 ETC2-500028 Datasheet
57Kb / 2P
   Stereo Hi-Fi Balun
logo
Rohm
BU2682MUV-E2 ROHM-BU2682MUV-E2 Datasheet
41Kb / 2P
   Broadcast station-level Hi-Fi stereo
logo
List of Unclassifed Man...
TWS-F86L ETC2-TWS-F86L Datasheet
494Kb / 3P
   HI POWER 10mW FM stereo transmitter
logo
NXP Semiconductors
TDA8425 PHILIPS-TDA8425 Datasheet
285Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8421 PHILIPS-TDA8421 Datasheet
294Kb / 26P
   Hi-fi stereo audio processor; I2C bus
May 1988
TDA8425V7 PHILIPS-TDA8425V7 Datasheet
286Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8424 PHILIPS-TDA8424 Datasheet
254Kb / 23P
   Hi-Fi stereo audio processor; I2C-bus
September 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com