Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT25128YI-GT3 Arkusz danych(PDF) 9 Page - ON Semiconductor

Numer części CAT25128YI-GT3
Szczegółowy opis  128-Kb SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25128YI-GT3 Arkusz danych(HTML) 9 Page - ON Semiconductor

Back Button CAT25128YI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT25128YI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT25128YI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT25128YI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT25128YI-GT3 Datasheet HTML 9Page - ON Semiconductor CAT25128YI-GT3 Datasheet HTML 10Page - ON Semiconductor CAT25128YI-GT3 Datasheet HTML 11Page - ON Semiconductor CAT25128YI-GT3 Datasheet HTML 12Page - ON Semiconductor CAT25128YI-GT3 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CAT25128
http://onsemi.com
9
READ OPERATIONS
Read from Memory Array
To read from memory, the host sends a READ instruction
followed by a 16−bit address (see Table 11 for the number
of significant address bits).
After receiving the last address bit, the CAT25128 will
respond by shifting out data on the SO pin (as shown in
Figure 9). Sequentially stored data can be read out by simply
continuing to run the clock. The internal address pointer is
automatically incremented to the next higher address as data
is shifted out. After reaching the highest memory address,
the address counter “rolls over” to the lowest memory
address, and the read cycle can be continued indefinitely.
The read operation is terminated by taking CS high.
Read Status Register
To read the status register, the host simply sends a RDSR
command. After receiving the last bit of the command, the
CAT25128 will shift out the contents of the status register on
the SO pin (Figure 10). The status register may be read at
any time, including during an internal write cycle. While the
internal write cycle is in progress, the RDSR command will
output the RDY (Ready) bit status only (i.e., data out = FFh).
Figure 9. READ Timing
SCK
SI
SO
BYTE ADDRESS*
01
23
45
67
89
7
6
5
4
3
2
1
0
DATA OUT
MSB
HIGH IMPEDANCE
OPCODE
21
20
22 23 24 25 26 27 28 29 30
00
00
0
1
1
Dashed Line = mode (1, 1)
A0
AN
CS
* Please check the Byte Address Table (Table 11)
0
10
Figure 10. RDSR Timing
01
2
3
4
5
6
7
8
10
911
12
13
14
SCK
SI
DATA OUT
MSB
HIGH IMPEDANCE
OPCODE
SO
7
6
5
4
3
2
1
0
00
0
00
1
0
1
Dashed Line = mode (1, 1)
CS


Podobny numer części - CAT25128YI-GT3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT25128YI-GT3 ONSEMI-CAT25128YI-GT3 Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128YI-GT3 ONSEMI-CAT25128YI-GT3 Datasheet
220Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
February, 2014 ??Rev. 8
CAT25128YI-GT3 ONSEMI-CAT25128YI-GT3 Datasheet
388Kb / 22P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 9
More results

Podobny opis - CAT25128YI-GT3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128VI-G ONSEMI-CAT25128VI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_12 Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_14 Datasheet
220Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
February, 2014 ??Rev. 8
CAT25128 ONSEMI-CAT25128_18 Datasheet
388Kb / 22P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 9
NV25128WF ONSEMI-NV25128WF Datasheet
211Kb / 13P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
CAV25128 ONSEMI-CAV25128_18 Datasheet
279Kb / 15P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
CAT24C128 ONSEMI-CAT24C128 Datasheet
166Kb / 14P
   128 kb I2C CMOS Serial EEPROM
September, 2009 ??Rev. 11
logo
Catalyst Semiconductor
CAT24C128 CATALYST-CAT24C128 Datasheet
520Kb / 17P
   128-Kb I2C CMOS Serial EEPROM
CAT24C128 CATALYST-CAT24C128_07 Datasheet
433Kb / 18P
   128-Kb I2C CMOS Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com