Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14022 Arkusz danych(PDF) 1 Page - Motorola, Inc

Numer części MC14022
Szczegółowy opis  Octal Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14022 Arkusz danych(HTML) 1 Page - Motorola, Inc

  MC14022 Datasheet HTML 1Page - Motorola, Inc MC14022 Datasheet HTML 2Page - Motorola, Inc MC14022 Datasheet HTML 3Page - Motorola, Inc MC14022 Datasheet HTML 4Page - Motorola, Inc MC14022 Datasheet HTML 5Page - Motorola, Inc MC14022 Datasheet HTML 6Page - Motorola, Inc MC14022 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOTOROLA CMOS LOGIC DATA
93
MC14022B
Octal Counter
The MC14022B is a four–stage Johnson octal counter with built–in code
converter. High–speed operation and spike–free outputs are obtained by
use of a Johnson octal counter design. The eight decoded outputs are
normally low, and go high only at their appropriate octal time period. The
output changes occur on the positive–going edge of the clock pulse. This
part can be used in frequency division applications as well as octal counter
or octal decode display applications.
• Fully Static Operation
• DC Clock Input Circuit Allows Slow Rise Times
• Carry Out Output for Cascading
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Capable of Driving Two Low–power TTL Loads or One Low–power
Schottky TTL Load Over the Rated Temperature Range
• Pin–for–Pin Replacement for CD4022B
• Triple Diode Protection on All Inputs
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 18.0
V
Vin, Vout Input or Output Voltage (DC or Transient)
– 0.5 to VDD + 0.5
V
lin, lout
Input or Output Current (DC or Transient),
per Pin
± 10
mA
PD
Power Dissipation, per Package†
500
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature (8–Second Soldering)
260
_C
* Maximum Ratings are those values beyond which damage to the device may occur.
†Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
Ceramic “L” Packages: – 12 mW/
_C From 100_C To 125_C
LOGIC DIAGRAM
11
1
5
7
Q4
Q1
Q6
Q3
12
14
13
CLOCK
CLOCK
ENABLE
RESET
15
VSS
VDD
Q0
Q5
Q2
Q7
2
4
3
10
CARRY
C
C
DR
Q
Q
C
C
DR
Q
Q
C
C
DR
Q
Q
C
C
DR
Q
Q
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
REV 3
1/94
MC14021B
See Page 6-37
MC14022B
L SUFFIX
CERAMIC
CASE 620
ORDERING INFORMATION
MC14XXXBCP
Plastic
MC14XXXBCL
Ceramic
MC14XXXBD
SOIC
TA = – 55° to 125°C for all packages.
P SUFFIX
PLASTIC
CASE 648
D SUFFIX
SOIC
CASE 751B
BLOCK DIAGRAM
FUNCTIONAL TRUTH TABLE
(Positive Logic)
Clock
Clock
Enable
Reset
Output=n
0
X
0
n
X
1
0
n
0
0
n+1
X
0
n
1
0
n+1
X
0
n
X
X
1
Q0
X = Don’t Care. If n < 4 Carry = 1,
Otherwise = 0.
12
10
5
4
11
7
3
1
2
Cout
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
14
13
15
CLOCK
CLOCK
ENABLE
RESET
VDD = PIN 16
VSS = PIN 8
NC = PIN 6, 9


Podobny numer części - MC14022

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14022 ONSEMI-MC14022 Datasheet
219Kb / 8P
   Octal Counter
March, 2000 ??Rev. 3
MC14022B ONSEMI-MC14022B Datasheet
219Kb / 8P
   Octal Counter
March, 2000 ??Rev. 3
MC14022B ONSEMI-MC14022B Datasheet
104Kb / 8P
   Octal Counter
February, 2005 ??Rev. 5
MC14022B ONSEMI-MC14022B Datasheet
115Kb / 7P
   Octal Counter
August, 2014 ??Rev. 8
MC14022BCP ONSEMI-MC14022BCP Datasheet
219Kb / 8P
   Octal Counter
March, 2000 ??Rev. 3
More results

Podobny opis - MC14022

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14022B ONSEMI-MC14022B_14 Datasheet
115Kb / 7P
   Octal Counter
August, 2014 ??Rev. 8
MC14022B ONSEMI-MC14022B_05 Datasheet
104Kb / 8P
   Octal Counter
February, 2005 ??Rev. 5
MC14022B ONSEMI-MC14022B Datasheet
219Kb / 8P
   Octal Counter
March, 2000 ??Rev. 3
logo
National Semiconductor ...
DM74LS461 NSC-DM74LS461 Datasheet
120Kb / 4P
   Octal Counter
logo
Hitachi Semiconductor
HD14022B HITACHI-HD14022B Datasheet
87Kb / 6P
   Octal Counter/Divider
logo
STMicroelectronics
M54HC4022 STMICROELECTRONICS-M54HC4022 Datasheet
256Kb / 12P
   OCTAL COUNTER/DIVIDER
HCF4022B STMICROELECTRONICS-HCF4022B Datasheet
233Kb / 11P
   OCTAL COUNTER WITH 8 DECODED OUTPUTS
logo
Omron Electronics LLC
H7GP-C OMRON-H7GP-C Datasheet
397Kb / 7P
   Total Counter/Time Counter
logo
Pepperl+Fuchs Inc.
KCM-51-C PF-KCM-51-C Datasheet
263Kb / 2P
   Counter
KCM-51-V PF-KCM-51-V Datasheet
264Kb / 2P
   Counter
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com