Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14024B Arkusz danych(PDF) 3 Page - Motorola, Inc

Numer części MC14024B
Szczegółowy opis  7-Stage Ripple Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14024B Arkusz danych(HTML) 3 Page - Motorola, Inc

  MC14024B Datasheet HTML 1Page - Motorola, Inc MC14024B Datasheet HTML 2Page - Motorola, Inc MC14024B Datasheet HTML 3Page - Motorola, Inc MC14024B Datasheet HTML 4Page - Motorola, Inc MC14024B Datasheet HTML 5Page - Motorola, Inc MC14024B Datasheet HTML 6Page - Motorola, Inc MC14024B Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MOTOROLA CMOS LOGIC DATA
MC14024B
102
SWITCHING CHARACTERISTICS* (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Min
Typ #
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
Clock to Q1
tPLH, tPHL = (1.7 ns/pF) CL + 295 ns
tPLH, tPHL = (0.66 ns/pF) CL + 117 ns
tPLH, tPHL = (0.5 ns/pF) CL + 85 ns
Clock to Q7
tPLH, tPHL = (1.7 ns/pF) CL + 915 ns
tPLH, tPHL = (0.66 ns/pF) CL + 367 ns
tPLH, tPHL = (0.5 ns/pF) CL + 275 ns
Reset to Qn
tPLH, tPHL = (1.7 ns/pF) CL + 415 ns
tPLH, tPHL = (0.66 ns/pF) CL + 217 ns
tPLH, tPHL = (0.5 ns/pF) CL + 155 ns
tPLH,
tPHL
5.0
10
15
5.0
10
15
5.0
10
15
380
150
110
1000
400
300
500
250
180
600
230
175
2000
750
565
800
400
300
ns
Clock Pulse Width
tWH
5.0
10
15
500
165
125
200
60
40
ns
Reset Pulse Width
tWH
5.0
10
15
600
350
260
375
200
150
ns
Reset Removal Time
trem
5.0
10
15
625
190
145
250
75
50
ns
Clock Input Rise and Fall Time
tTLH, tTHL
5.0
10
15
1.0
8.0
200
s
ms
µs
Input Pulse Frequency
fcl
5.0
10
15
2.5
8.0
12
1.0
3.0
4.0
MHz
* The formulas given are for the typical characteristics only at 25
_C.
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
TRUTH TABLE
Clock
Reset
State
0
0
No Change
0
1
All Outputs Low
1
0
No Change
1
1
All Outputs Low
0
No Change
1
All Outputs Low
0
Advance One Count
1
All Outputs Low


Podobny numer części - MC14024B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14024B ONSEMI-MC14024B Datasheet
183Kb / 8P
   7-Stage Ripple Counter
March, 2000 ??Rev. 3
MC14024B ONSEMI-MC14024B Datasheet
149Kb / 9P
   7?뭆tage Ripple Counter
October, 2006 ??Rev. 7
MC14024B ONSEMI-MC14024B Datasheet
104Kb / 7P
   7-Stage Ripple Counter
August, 2014 ??Rev. 10
MC14024BCP ONSEMI-MC14024BCP Datasheet
183Kb / 8P
   7-Stage Ripple Counter
March, 2000 ??Rev. 3
MC14024BCP ONSEMI-MC14024BCP Datasheet
149Kb / 9P
   7?뭆tage Ripple Counter
October, 2006 ??Rev. 7
More results

Podobny opis - MC14024B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14024B ONSEMI-MC14024B Datasheet
183Kb / 8P
   7-Stage Ripple Counter
March, 2000 ??Rev. 3
MC14024B ONSEMI-MC14024B_14 Datasheet
104Kb / 7P
   7-Stage Ripple Counter
August, 2014 ??Rev. 10
logo
NXP Semiconductors
74HC4024N PHILIPS-74HC4024N Datasheet
99Kb / 18P
   7-stage binary ripple counter
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC4024 NEXPERIA-74HC4024 Datasheet
218Kb / 13P
   7-stage binary ripple counter
Rev. 10 - 23 November 2018
logo
NXP Semiconductors
74HC4024 PHILIPS-74HC4024 Datasheet
42Kb / 7P
   7-stage binary ripple counter
December 1990
logo
Nexperia B.V. All right...
74HC4024-Q100 NEXPERIA-74HC4024-Q100 Datasheet
219Kb / 13P
   7-stage binary ripple counter
logo
National Semiconductor ...
CD4024BM NSC-CD4024BM Datasheet
114Kb / 6P
   7-Stage Ripple Carry Binary Counter
CD4024BC NSC-CD4024BC Datasheet
114Kb / 6P
   7-Stage Ripple Carry Binary Counter
logo
Fairchild Semiconductor
CD4024BC FAIRCHILD-CD4024BC Datasheet
56Kb / 6P
   7-Stage Ripple Carry Binary Counter
logo
STMicroelectronics
HCF4024B STMICROELECTRONICS-HCF4024B Datasheet
235Kb / 10P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 7 STAGE
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com