Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT25040YI-T3 Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części CAT25040YI-T3
Szczegółowy opis  1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25040YI-T3 Arkusz danych(HTML) 8 Page - ON Semiconductor

Back Button CAT25040YI-T3 Datasheet HTML 4Page - ON Semiconductor CAT25040YI-T3 Datasheet HTML 5Page - ON Semiconductor CAT25040YI-T3 Datasheet HTML 6Page - ON Semiconductor CAT25040YI-T3 Datasheet HTML 7Page - ON Semiconductor CAT25040YI-T3 Datasheet HTML 8Page - ON Semiconductor CAT25040YI-T3 Datasheet HTML 9Page - ON Semiconductor CAT25040YI-T3 Datasheet HTML 10Page - ON Semiconductor CAT25040YI-T3 Datasheet HTML 11Page - ON Semiconductor CAT25040YI-T3 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
CAT25010, CAT25020, CAT25040
http://onsemi.com
8
READ OPERATIONS
Read from Memory Array
To read from memory, the host sends a READ instruction
followed by a 8−bit address (for the CAT25040, bit 3 of the
read instruction opcode contains A8 address bit).
After receiving the last address bit, the CAT25010/20/40
will respond by shifting out data on the SO pin (as shown in
Figure 9). Sequentially stored data can be read out by simply
continuing to run the clock. The internal address pointer is
automatically incremented to the next higher address as data
is shifted out. After reaching the highest memory address,
the address counter “rolls over” to the lowest memory
address, and the read cycle can be continued indefinitely.
The read operation is terminated by taking CS high.
Read Status Register
To read the status register, the host simply sends a RDSR
command. After receiving the last bit of the command, the
CAT25010/20/40 will shift out the contents of the status
register on the SO pin (Figure 10). The status register may
be read at any time, including during an internal write cycle.
While the internal write cycle is in progress, the RDSR
command will output the RDY (Ready) bit status only (i.e.,
data out = FFh).
Figure 9. READ Timing
SCK
SI
SO
BYTE ADDRESS
01
23
45
67
89
D7 D6 D5 D4 D3 D2 D1 D0
DATA OUT
MSB
HIGH IMPEDANCE
OPCODE
13
12
14 15 16 17 18 19 20 21 22
00
00
X*
0
1
1
Dashed Line = mode (1, 1)
* X = 0 for CAT25010, CAT25020. X = A8 for CAT25040
A0
A7
CS
Figure 10. RDSR Timing
01
2
3
4
5
6
7
8
10
911
12
13
14
SCK
SI
DATA OUT
MSB
HIGH IMPEDANCE
OPCODE
SO
7
6
5
4
3
2
1
0
00
0
00
1
0
1
Dashed Line = mode (1, 1)
CS


Podobny numer części - CAT25040YI-T3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT25040YI-G ONSEMI-CAT25040YI-G Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT25040YI-GT3 CATALYST-CAT25040YI-GT3 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25040YI-GT3 CATALYST-CAT25040YI-GT3 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25040YI-GT3 ONSEMI-CAT25040YI-GT3 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
CAT25040YI-GT3 ONSEMI-CAT25040YI-GT3 Datasheet
308Kb / 17P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 26
More results

Podobny opis - CAT25040YI-T3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_12 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25040LI-G ONSEMI-CAT25040LI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010_07 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010 ONSEMI-CAT25010_15 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com