Zakładka z wyszukiwarką danych komponentów |
|
CAT25020ZE-T3 Arkusz danych(PDF) 6 Page - ON Semiconductor |
|
CAT25020ZE-T3 Arkusz danych(HTML) 6 Page - ON Semiconductor |
6 / 15 page CAT25010, CAT25020, CAT25040 http://onsemi.com 6 Byte Write Once the WEL bit is set, the user may execute a write sequence, by sending a WRITE instruction, a 8−bit address and data as shown in Figure 5. For the CAT25040, bit 3 of the write instruction opcode contains A8 address bit. Internal programming will start after the low to high CS transition. During an internal write cycle, all commands, except for RDSR (Read Status Register) will be ignored. The RDY bit will indicate if the internal write cycle is in progress (RDY high), or the device is ready to accept commands (RDY low). Page Write After sending the first data byte to the CAT25010/20/40, the host may continue sending data, up to a total of 16 bytes, according to timing shown in Figure 6. After each data byte, the lower order address bits are automatically incremented, while the higher order address bits (page address) remain unchanged. If during this process the end of page is exceeded, then loading will “roll over” to the first byte in the page, thus possibly overwriting previously loaded data. Following completion of the write cycle, the CAT25010/20/40 is automatically returned to the write disable state. Figure 5. Byte WRITE Timing SCK SI SO 00 00 X* 0 1 0 D7 D6 D5 D4 D3 D2 D1 D0 01 23 45 67 8 OPCODE DATA IN HIGH IMPEDANCE BYTE ADDRESS 13 14 15 16 17 18 19 20 21 22 23 Dashed Line = mode (1, 1) * X = 0 for CAT25010, CAT25020. x = A8 for CAT25040 CS A0 A7 Figure 6. Page WRITE Timing SCK SI SO 00 00 X* 0 1 0 BYTEADDRESS Data Byte 1 01 23 45 67 8 13 14 15 16−23 24−31 Data Byte N OPCODE 7..1 0 16+(N−1)x8−1..16+(N−1)x8 16+Nx8−1 DATA IN HIGH IMPEDANCE Dashed Line = mode (1, 1) * X = 0 for CAT25010, CAT25020. x = A8 for CAT25040 CS A7 A0 Data Byte 3 Data Byte 2 |
Podobny numer części - CAT25020ZE-T3 |
|
Podobny opis - CAT25020ZE-T3 |