Zakładka z wyszukiwarką danych komponentów |
|
CAT25040ZE-T3 Arkusz danych(PDF) 1 Page - ON Semiconductor |
|
CAT25040ZE-T3 Arkusz danych(HTML) 1 Page - ON Semiconductor |
1 / 15 page © Semiconductor Components Industries, LLC, 2010 February, 2010 − Rev. 21 1 Publication Order Number: CAT25010/D CAT25010, CAT25020, CAT25040 1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM Description The CAT25010/20/40 are 1−Kb/2−Kb/4−Kb Serial CMOS EEPROM devices internally organized as 128x8/256x8/512x8 bits. They feature a 16−byte page write buffer and support the Serial Peripheral Interface (SPI) protocol. The device is enabled through a Chip Select (CS) input. In addition, the required bus signals are a clock input (SCK), data input (SI) and data output (SO) lines. The HOLD input may be used to pause any serial communication with the CAT25010/20/40 device. These devices feature software and hardware write protection, including partial as well as full array protection. Features • 10 MHz SPI Compatible • 1.8 V to 5.5 V Supply Voltage Range • SPI Modes (0,0) & (1,1) • 16−byte Page Write Buffer • Self−timed Write Cycle • Hardware and Software Protection • Block Write Protection − Protect 1/4, 1/2 or Entire EEPROM Array • Low Power CMOS Technology • 1,000,000 Program/Erase Cycles • 100 Year Data Retention • Industrial and Extended Temperature Range • 8−lead PDIP, SOIC, TSSOP and 8−pad TDFN Packages • These Devices are Pb−Free, Halogen Free/BFR Free, and RoHS Compliant SI SO CAT25010 CAT25020 CAT25040 SCK VSS VCC CS WP HOLD Figure 1. Functional Symbol http://onsemi.com PIN CONFIGURATION SI HOLD VCC VSS WP SO CS 1 See detailed ordering and shipping information in the package dimensions section on page 15 of this data sheet. ORDERING INFORMATION SOIC−8 V SUFFIX CASE 751BD TDFN−8 VP2 SUFFIX CASE 511AK SCK PDIP (L), SOIC (V), MSOP (Z) TSSOP (Y), TDFN (VP2) PDIP−8 L SUFFIX CASE 646AA TSSOP−8 Y SUFFIX CASE 948AL Chip Select CS Serial Data Output SO Write Protect WP Ground VSS Serial Data Input SI Serial Clock SCK Function Pin Name PIN FUNCTION MSOP−8 Z SUFFIX CASE 846AD Hold Transmission Input HOLD Power Supply VCC |
Podobny numer części - CAT25040ZE-T3 |
|
Podobny opis - CAT25040ZE-T3 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |