Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14027B Arkusz danych(PDF) 2 Page - Motorola, Inc

Numer części MC14027B
Szczegółowy opis  Dual J-K Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14027B Arkusz danych(HTML) 2 Page - Motorola, Inc

  MC14027B Datasheet HTML 1Page - Motorola, Inc MC14027B Datasheet HTML 2Page - Motorola, Inc MC14027B Datasheet HTML 3Page - Motorola, Inc MC14027B Datasheet HTML 4Page - Motorola, Inc MC14027B Datasheet HTML 5Page - Motorola, Inc MC14027B Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MOTOROLA CMOS LOGIC DATA
MC14027B
108
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
– 55
_C
25
_C
125
_C
Unit
Characteristic
Symbol
VDD
Vdc
Min
Max
Min
Typ #
Max
Min
Max
Unit
Output Voltage
“0” Level
Vin = VDD or 0
Vin = 0 or VDD
“1” Level
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
Vin = 0 or VDD
“1” Level
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
(VO = 0.5 or 4.5 Vdc) “1” Level
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
(VO = 0.5 or 4.5 Vdc) “1” Level
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
IOH
5.0
5.0
10
15
– 3.0
– 0.64
– 1.6
– 4.2
– 2.4
– 0.51
– 1.3
– 3.4
– 4.2
– 0.88
– 2.25
– 8.8
– 1.7
– 0.36
– 0.9
– 2.4
mAdc
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
± 0.1
±0.00001
± 0.1
± 1.0
µAdc
Input Capacitance
(Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Per Package)
IDD
5.0
10
15
1.0
2.0
4.0
0.002
0.004
0.006
1.0
2.0
4.0
30
60
120
µAdc
Total Supply Current**†
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs, all
buffers switching)
IT
5.0
10
15
IT = (0.8 µA/kHz) f + IDD
IT = (1.6 µA/kHz) f + IDD
IT = (2.4 µA/kHz) f + IDD
µAdc
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
** The formulas given are for the typical characteristics only at 25
_C.
†To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL – 50) Vfk
where: IT is in µA (per package), CL in pF, V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.002.
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
RB
CB
QB
QB
VDD
SB
JB
KB
RA
CA
QA
QA
VSS
SA
JA
KA
PIN ASSIGNMENT


Podobny numer części - MC14027B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14027B ONSEMI-MC14027B Datasheet
183Kb / 8P
   Dual J-K Flip-Flop
March, 2000 ??Rev. 3
MC14027B ONSEMI-MC14027B Datasheet
103Kb / 8P
   Dual J?묷 Flip?묯lop
August, 2005 ??Rev. 6
MC14027B ONSEMI-MC14027B Datasheet
103Kb / 6P
   Dual J-K Flip-Flop
August, 2014 ??Rev. 8
MC14027BCP ONSEMI-MC14027BCP Datasheet
183Kb / 8P
   Dual J-K Flip-Flop
March, 2000 ??Rev. 3
MC14027BCP ONSEMI-MC14027BCP Datasheet
103Kb / 8P
   Dual J?묷 Flip?묯lop
August, 2005 ??Rev. 6
More results

Podobny opis - MC14027B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14027B ONSEMI-MC14027B Datasheet
183Kb / 8P
   Dual J-K Flip-Flop
March, 2000 ??Rev. 3
logo
Pyramid Semiconductor C...
ML688T PYRAMID-ML688T Datasheet
2Mb / 3P
   Dual J-K Flip-Flop
logo
Hitachi Semiconductor
HD14027B HITACHI-HD14027B Datasheet
79Kb / 7P
   Dual J-K Flip Flop
logo
List of Unclassifed Man...
MC524 ETC1-MC524 Datasheet
297Kb / 6P
   DUAL J-K FLIP-FLOP
logo
ON Semiconductor
MC14027B ONSEMI-MC14027B_14 Datasheet
103Kb / 6P
   Dual J-K Flip-Flop
August, 2014 ??Rev. 8
logo
Motorola, Inc
MC74HC73 MOTOROLA-MC74HC73 Datasheet
170Kb / 5P
   Dual J-K Flip-Flop with Reset
logo
STMicroelectronics
M54HC107 STMICROELECTRONICS-M54HC107 Datasheet
248Kb / 11P
   DUAL J-K FLIP FLOP WITH CLEAR
logo
ON Semiconductor
MC10135 ONSEMI-MC10135_02 Datasheet
112Kb / 8P
   Dual J-K Master-Slave Flip-Flop
January, 2002 ??Rev. 7
MC10H135 ONSEMI-MC10H135 Datasheet
97Kb / 3P
   Dual J-K Master-Slave Flip-Flop
REV 6
MC10135 ONSEMI-MC10135 Datasheet
110Kb / 5P
   Dual J-K Master-Slave Flip-Flop
1996 REV 5
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com