Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STG3684QTR Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części STG3684QTR
Szczegółowy opis  LOW VOLTAGE 0.5廓 MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3684QTR Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button STG3684QTR Datasheet HTML 2Page - STMicroelectronics STG3684QTR Datasheet HTML 3Page - STMicroelectronics STG3684QTR Datasheet HTML 4Page - STMicroelectronics STG3684QTR Datasheet HTML 5Page - STMicroelectronics STG3684QTR Datasheet HTML 6Page - STMicroelectronics STG3684QTR Datasheet HTML 7Page - STMicroelectronics STG3684QTR Datasheet HTML 8Page - STMicroelectronics STG3684QTR Datasheet HTML 9Page - STMicroelectronics STG3684QTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STG3684
6/11
Table 9: Test Circuit
CL = 5/35pF or equivalent (includes jig and probe capacitance)
RL = 50Ω or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
Figure 7: Break Before Make Time Delay
Figure 8: Charge Injection (VGEN=0V, RGEN=0Ω, RL=1MΩ, CL=100pF)


Podobny numer części - STG3684QTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STG3684QTR STMICROELECTRONICS-STG3684QTR Datasheet
256Kb / 11P
   LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
More results

Podobny opis - STG3684QTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STG3680 STMICROELECTRONICS-STG3680_05 Datasheet
531Kb / 11P
   LOW VOLTAGE 0.5/0.8廓 MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3699 STMICROELECTRONICS-STG3699_05 Datasheet
371Kb / 12P
   LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3699A STMICROELECTRONICS-STG3699A_06 Datasheet
523Kb / 14P
   LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK-BEFORE-MAKE FEATURE
STG3155 STMICROELECTRONICS-STG3155 Datasheet
383Kb / 18P
   Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
STG3699B STMICROELECTRONICS-STG3699B_07 Datasheet
259Kb / 18P
   Low voltage 0.5 廓 max, quad SPDT switch with break-before-make feature
STG3684A STMICROELECTRONICS-STG3684A Datasheet
439Kb / 28P
   Low voltage 0.5 廓 max dual SPDT switch with break-before-make
STG3680 STMICROELECTRONICS-STG3680 Datasheet
260Kb / 11P
   LOW VOLTAGE 0.5/0.8??MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
May 2004 Rev. 3
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
   LOW VOLTAGE 0.5??MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3689 STMICROELECTRONICS-STG3689 Datasheet
200Kb / 16P
   Low Voltage 0.9廓 max dual SPDT Switch with break-before-make feature
STG5223 STMICROELECTRONICS-STG5223 Datasheet
328Kb / 19P
   Low voltage 0.5 廓 dual SPDT switch with break-before-make
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com