Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14028BD Arkusz danych(PDF) 1 Page - Motorola, Inc

Numer części MC14028BD
Szczegółowy opis  BCD-To-Decimal Decoder Binary-To-Octal Decoder
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14028BD Arkusz danych(HTML) 1 Page - Motorola, Inc

  MC14028BD Datasheet HTML 1Page - Motorola, Inc MC14028BD Datasheet HTML 2Page - Motorola, Inc MC14028BD Datasheet HTML 3Page - Motorola, Inc MC14028BD Datasheet HTML 4Page - Motorola, Inc MC14028BD Datasheet HTML 5Page - Motorola, Inc MC14028BD Datasheet HTML 6Page - Motorola, Inc MC14028BD Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOTOROLA CMOS LOGIC DATA
113
MC14028B
BCD-To-Decimal Decoder
Binary-To-Octal Decoder
The MC14028B decoder is constructed so that an 8421 BCD code on the
four inputs provides a decimal (one–of–ten) decoded output, while a 3–bit
binary input provides a decoded octal (one–of–eight) code output with D
forced to a logic “0”. Expanded decoding such as binary–to–hexadecimal
(one–of–16), etc., can be achieved by using other MC14028B devices. The
part is useful for code conversion, address decoding, memory selection
control, demultiplexing, or readout decoding.
• Diode Protection on All Inputs
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Capable of Driving Two Low–power TTL Loads or One Low–power
Schottky TTL Load Over the Rated Temperature Range
• Positive Logic Design
• Low Outputs on All Illegal Input Combinations
• Similar to CD4028B.
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 18.0
V
Vin, Vout Input or Output Voltage (DC or Transient)
– 0.5 to VDD + 0.5
V
lin, lout
Input or Output Current (DC or Transient),
per Pin
± 10
mA
PD
Power Dissipation, per Package†
500
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature (8–Second Soldering)
260
_C
* Maximum Ratings are those values beyond which damage to the device may occur.
†Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
Ceramic “L” Packages: – 12 mW/
_C From 100_C To 125_C
BLOCK DIAGRAM
8421
BCD
INPUTS
DECIMAL
DECODED
OUTPUTS
OCTAL
DECODED
OUTPUTS
3
14
2
15
1
6
7
4
9
5
A
B
C
D
Q9
Q8
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
3–BIT
BINARY
INPUTS
10
13
12
11
VDD = PIN 16
VSS = PIN 8
TRUTH TABLE
D C B A Q9 Q8 Q7 Q6 Q5 Q4 Q3 Q2 Q1 Q0
0 0
0
0
0
0
0
0
0
0
0
0
0
1
0 0
0
1
0
0
0
0
0
0
0
0
1
0
0 0
1
0
0
0
0
0
0
0
0
1
0
0
0 0
1
1
0
0
0
0
0
0
1
0
0
0
0 1
0
0
0
0
0
0
0
1
0
0
0
0
0 1
0
1
0
0
0
0
1
0
0
0
0
0
0 1
1
0
0
0
0
1
0
0
0
0
0
0
0 1
1
1
0
0
1
0
0
0
0
0
0
0
1 0
0
0
0
1
0
0
0
0
0
0
0
0
1 0
0
1
1
0
0
0
0
0
0
0
0
0
1 0
1
0
0
0
0
0
0
0
0
0
0
0
1 0
1
1
0
0
0
0
0
0
0
0
0
0
1 1
0
0
0
0
0
0
0
0
0
0
0
0
1 1
0
1
0
0
0
0
0
0
0
0
0
0
1 1
1
0
0
0
0
0
0
0
0
0
0
0
1 1
1
1
0
0
0
0
0
0
0
0
0
0
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
REV 3
1/94
MC14028B
L SUFFIX
CERAMIC
CASE 620
ORDERING INFORMATION
MC14XXXBCP
Plastic
MC14XXXBCL
Ceramic
MC14XXXBD
SOIC
TA = – 55° to 125°C for all packages.
P SUFFIX
PLASTIC
CASE 648
D SUFFIX
SOIC
CASE 751B


Podobny numer części - MC14028BD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14028BD ONSEMI-MC14028BD Datasheet
216Kb / 8P
   BCD-To-Decimal Decoder Binary-To-Octal Decoder
March, 2000 ??Rev. 3
MC14028BD ONSEMI-MC14028BD Datasheet
122Kb / 7P
   BCD?뭈o?묭ecimal Decoder Binary?뭈o?뭀ctal Decoder
June, 2006 ??Rev. 6
MC14028BDG ONSEMI-MC14028BDG Datasheet
122Kb / 7P
   BCD?뭈o?묭ecimal Decoder Binary?뭈o?뭀ctal Decoder
June, 2006 ??Rev. 6
MC14028BDG ONSEMI-MC14028BDG Datasheet
116Kb / 6P
   BCD-To-Decimal Decoder Binary-To-Octal Decoder
August, 2014 ??Rev. 9
MC14028BDR2 ONSEMI-MC14028BDR2 Datasheet
216Kb / 8P
   BCD-To-Decimal Decoder Binary-To-Octal Decoder
March, 2000 ??Rev. 3
More results

Podobny opis - MC14028BD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
HD14028B HITACHI-HD14028B Datasheet
77Kb / 6P
   BCD-to-Decimal Decoder/Binary-to-Octal Decoder
logo
ON Semiconductor
MC14028B ONSEMI-MC14028B_14 Datasheet
116Kb / 6P
   BCD-To-Decimal Decoder Binary-To-Octal Decoder
August, 2014 ??Rev. 9
MC14028B ONSEMI-MC14028B Datasheet
216Kb / 8P
   BCD-To-Decimal Decoder Binary-To-Octal Decoder
March, 2000 ??Rev. 3
logo
Fairchild Semiconductor
DM7442A FAIRCHILD-DM7442A Datasheet
41Kb / 4P
   BCD to Decimal Decoder
CD4028BC FAIRCHILD-CD4028BC_02 Datasheet
76Kb / 6P
   BCD-to-Decimal Decoder
logo
National Semiconductor ...
CD4028BM NSC-CD4028BM Datasheet
116Kb / 4P
   BCD-to-Decimal Decoder
MM54C42 NSC-MM54C42 Datasheet
107Kb / 4P
   BCD-to-Decimal Decoder
logo
Micro Electronics
MCC4028 MICRO-ELECTRONICS-MCC4028 Datasheet
136Kb / 4P
   BCD-TO-DECIMAL DECODER
logo
Nexperia B.V. All right...
HEF4028B NEXPERIA-HEF4028B Datasheet
209Kb / 10P
   BCD to decimal decoder
Rev. 10 - 7 December 2021
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC Datasheet
53Kb / 6P
   BCD-to-Decimal Decoder
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com