Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14032B Arkusz danych(PDF) 4 Page - Motorola, Inc

Numer części MC14032B
Szczegółowy opis  Triple Serial Adders
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14032B Arkusz danych(HTML) 4 Page - Motorola, Inc

  MC14032B Datasheet HTML 1Page - Motorola, Inc MC14032B Datasheet HTML 2Page - Motorola, Inc MC14032B Datasheet HTML 3Page - Motorola, Inc MC14032B Datasheet HTML 4Page - Motorola, Inc MC14032B Datasheet HTML 5Page - Motorola, Inc MC14032B Datasheet HTML 6Page - Motorola, Inc MC14032B Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MOTOROLA CMOS LOGIC DATA
131
MC14032B MC14038B
Figure 1. Typical Output Source Test Circuit
Figure 2. Typical Output Sink Test Circuit
VDS = VOH – VDD
VOH
VDD = – VGS
VDD
VSS
IOH
A1
B1
INV1
A2
B2
INV2
A3
B3
INV3
CLOCK
CR
S3
S2
S1
EXTERNAL
POWER
SUPPLY
EXTERNAL
POWER
SUPPLY
VDS = VOL
VOL
VDD = VGS
VDD
VSS
IOL
A1
B1
INV1
A2
B2
INV2
A3
B3
INV3
CLOCK
CR
S3
S2
S1
Figure 3. Power Dissipation Test Circuit and Waveforms
VDD
VDD
VSS
500 pF
0.01
µF
CERAMIC
PROGRAMMABLE
PULSE
GENERATOR
A1
B1
INV1
A2
B2
INV2
A3
B3
INV3
CLOCK
CR
S3
S2
S1
CL
CL
CL
CLOCK
A,B
20 ns
20 ns
VDD
VSS
VDD
VSS
tTLH
tTHL
90%
10%
50%
90%
10%
VARIABLE
WIDTH
ID


Podobny numer części - MC14032B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
127Kb / 8P
   Low Voltage Reference
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
   PRECISION LOW VOLTAGE REFERENCE
REV 1
logo
STMicroelectronics
MC1403 STMICROELECTRONICS-MC1403 Datasheet
37Kb / 4P
   2.5V PRECISION SERIAL VOLTAGE REFERENCE
October 1997
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
450Kb / 12P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS) 3 1/2 DIGIT A/D CONVERTER
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
91Kb / 8P
   Low Voltage Reference
March, 2005 ??Rev. 4
More results

Podobny opis - MC14032B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
HCC4032B STMICROELECTRONICS-HCC4032B Datasheet
236Kb / 11P
   TRIPLE SERIAL ADDERS
logo
Texas Instruments
SN54LS385 TI-SN54LS385 Datasheet
130Kb / 3P
[Old version datasheet]   QUADRUPLE SERIAL ADDERS/SUBTRACTORS
SN54LS385_1998 TI1-SN54LS385_1998 Datasheet
143Kb / 4P
[Old version datasheet]   QUADRUPLE SERIAL ADDERS/SUBTRACTORS
SN7480 TI-SN7480 Datasheet
158Kb / 3P
[Old version datasheet]   GATED FULL ADDERS
SN74LS183D TI1-SN74LS183D Datasheet
149Kb / 4P
[Old version datasheet]   DUAL CARRY-SAVE FULL ADDERS
logo
TRINAMIC Motion Control...
TMC424 TRINAMIC-TMC424 Datasheet
446Kb / 21P
   Serial Triple Incremental Encoder Interface
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
logo
NXP Semiconductors
SA5778 PHILIPS-SA5778 Datasheet
122Kb / 16P
   Serial triple gauge driver STGD
1998 Apr 03
logo
Texas Instruments
SN54LS183 TI1-SN54LS183 Datasheet
149Kb / 4P
[Old version datasheet]   DUAL CARRY SAVE FULL ADDERS
logo
List of Unclassifed Man...
SN74LS183 ETC-SN74LS183 Datasheet
147Kb / 4P
   DUAL CARRY SAVE FULL ADDERS
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com