Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14029BD Arkusz danych(PDF) 1 Page - Motorola, Inc

Numer części MC14029BD
Szczegółowy opis  Binary/Decade Up/Down Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14029BD Arkusz danych(HTML) 1 Page - Motorola, Inc

  MC14029BD Datasheet HTML 1Page - Motorola, Inc MC14029BD Datasheet HTML 2Page - Motorola, Inc MC14029BD Datasheet HTML 3Page - Motorola, Inc MC14029BD Datasheet HTML 4Page - Motorola, Inc MC14029BD Datasheet HTML 5Page - Motorola, Inc MC14029BD Datasheet HTML 6Page - Motorola, Inc MC14029BD Datasheet HTML 7Page - Motorola, Inc MC14029BD Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOTOROLA CMOS LOGIC DATA
MC14029B
120
Binary/Decade Up/Down
Counter
The MC14029B Binary/Decade up/down counter is constructed with MOS
P–channel and N–channel enhancement mode devices in a single
monolithic structure. The counter consists of type D flip–flop stages with a
gating structure to provide toggle flip–flop capability. The counter can be
used in either Binary or BCD operation. This complementary MOS counter
finds primary use in up/down and difference counting and frequency
synthesizer applications where low power dissipation and/or high noise
immunity is desired. It is also useful in A/D and D/A conversion and for
magnitude and sign generation.
• Diode Protection on All Inputs
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Internally Synchronous for High Speed
• Logic Edge–Clocked Design — Count Occurs on Positive Going Edge
of Clock
• Asynchronous Preset Enable Operation
• Capable of Driving Two Low–power TTL Loads or One Low–power
Schottky TTL Load Over the Rated Temperature Range
• Pin for Pin Replacement for CD4029B
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 18.0
V
Vin, Vout Input or Output Voltage (DC or Transient)
– 0.5 to VDD + 0.5
V
lin, lout
Input or Output Current (DC or Transient),
per Pin
± 10
mA
PD
Power Dissipation, per Package†
500
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature (8–Second Soldering)
260
_C
* Maximum Ratings are those values beyond which damage to the device may occur.
†Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
Ceramic “L” Packages: – 12 mW/
_C From 100_C To 125_C
TRUTH TABLE
Carry In
Up/Down
Preset
Enable
Action
1
X
0
No Count
0
1
0
Count Up
0
0
0
Count Down
X
X
1
Preset
X = Don’t Care
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
REV 3
1/94
MC14029B
L SUFFIX
CERAMIC
CASE 620
ORDERING INFORMATION
MC14XXXBCP
Plastic
MC14XXXBCL
Ceramic
MC14XXXBD
SOIC
TA = – 55° to 125°C for all packages.
P SUFFIX
PLASTIC
CASE 648
D SUFFIX
SOIC
CASE 751B
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
P1
P2
Q2
CLK
VDD
B/D
U/D
Q1
P0
P3
Q3
PE
VSS
Cout
Q0
Cin
PIN ASSIGNMENT


Podobny numer części - MC14029BD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14029BD ONSEMI-MC14029BD Datasheet
241Kb / 8P
   Binary/Decade Up/Down Counter
March, 2000 ??Rev. 3
MC14029BDR2 ONSEMI-MC14029BDR2 Datasheet
241Kb / 8P
   Binary/Decade Up/Down Counter
March, 2000 ??Rev. 3
MC14029BDR2 ONSEMI-MC14029BDR2 Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
MC14029BDR2G ONSEMI-MC14029BDR2G Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
MC14029BDR2G ONSEMI-MC14029BDR2G Datasheet
93Kb / 8P
   Binary/Decade Up/Down Counter
March, 2015 ??Rev. 10
More results

Podobny opis - MC14029BD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_05 Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
MC14029B ONSEMI-MC14029B_15 Datasheet
93Kb / 8P
   Binary/Decade Up/Down Counter
March, 2015 ??Rev. 10
MC14029B ONSEMI-MC14029B Datasheet
241Kb / 8P
   Binary/Decade Up/Down Counter
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF4029B PHILIPS-HEF4029B Datasheet
188Kb / 14P
   Synchronous up/down counter, binary/decade counter
January 1995
logo
National Semiconductor ...
CD4029BM NSC-CD4029BM Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
STMicroelectronics
M54HC192 STMICROELECTRONICS-M54HC192 Datasheet
312Kb / 15P
   SYNCHRONOUS UP/DOWN DECADE(,BINARY) COUNTER
logo
Fairchild Semiconductor
CD4029BC FAIRCHILD-CD4029BC Datasheet
94Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
National Semiconductor ...
CD4029BC NSC-CD4029BC Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
STMicroelectronics
HCC4029B STMICROELECTRONICS-HCC4029B Datasheet
295Kb / 13P
   BINARY OR BCD DECADE PRESETTABLE UP/DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com