Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14034B Arkusz danych(PDF) 8 Page - Motorola, Inc

Numer części MC14034B
Szczegółowy opis  8-Bit Universal Bus Register
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14034B Arkusz danych(HTML) 8 Page - Motorola, Inc

  MC14034B Datasheet HTML 1Page - Motorola, Inc MC14034B Datasheet HTML 2Page - Motorola, Inc MC14034B Datasheet HTML 3Page - Motorola, Inc MC14034B Datasheet HTML 4Page - Motorola, Inc MC14034B Datasheet HTML 5Page - Motorola, Inc MC14034B Datasheet HTML 6Page - Motorola, Inc MC14034B Datasheet HTML 7Page - Motorola, Inc MC14034B Datasheet HTML 8Page - Motorola, Inc MC14034B Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MOTOROLA CMOS LOGIC DATA
MC14034B
142
OUTLINE DIMENSIONS
P SUFFIX
PLASTIC DIP PACKAGE
CASE 709–02
ISSUE C
L SUFFIX
CERAMIC DIP PACKAGE
CASE 623–05
ISSUE M
NOTES:
1. POSITIONAL TOLERANCE OF LEADS (D),
SHALL BE WITHIN 0.25 (0.010) AT MAXIMUM
MATERIAL CONDITION, IN RELATION TO
SEATING PLANE AND EACH OTHER.
2. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
3. DIMENSION B DOES NOT INCLUDE MOLD
FLASH.
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
31.37
32.13
1.235
1.265
B
13.72
14.22
0.540
0.560
C
3.94
5.08
0.155
0.200
D
0.36
0.56
0.014
0.022
F
1.02
1.52
0.040
0.060
G
2.54 BSC
0.100 BSC
H
1.65
2.03
0.065
0.080
J
0.20
0.38
0.008
0.015
K
2.92
3.43
0.115
0.135
L
15.24 BSC
0.600 BSC
M
0
15
0
15
N
0.51
1.02
0.020
0.040
_
_
_
_
1
12
13
24
B
H
A
F
D
G
K
SEATING
PLANE
N
C
M
J
L
NOTES:
1. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
2. LEADS WITHIN 0.13 (0.005) RADIUS OF TRUE
POSITION AT SEATING PLANE AT MAXIMUM
MATERIAL CONDITION (WHEN FORMED
PARALLEL).
1
12
24
13
B
A
SEATING
PLANE
F
D
G
K
N
C
M
J
L
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
31.24
32.77
1.230
1.290
B
12.70
15.49
0.500
0.610
C
4.06
5.59
0.160
0.220
D
0.41
0.51
0.016
0.020
F
1.27
1.52
0.050
0.060
G
2.54 BSC
0.100 BSC
J
0.20
0.30
0.008
0.012
K
3.18
4.06
0.125
0.160
L
15.24 BSC
0.600 BSC
M
0
15
0
15
N
0.51
1.27
0.020
0.050
_
_
_
_


Podobny numer części - MC14034B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
127Kb / 8P
   Low Voltage Reference
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
   PRECISION LOW VOLTAGE REFERENCE
REV 1
logo
STMicroelectronics
MC1403 STMICROELECTRONICS-MC1403 Datasheet
37Kb / 4P
   2.5V PRECISION SERIAL VOLTAGE REFERENCE
October 1997
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
450Kb / 12P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS) 3 1/2 DIGIT A/D CONVERTER
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
91Kb / 8P
   Low Voltage Reference
March, 2005 ??Rev. 4
More results

Podobny opis - MC14034B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74F166 PHILIPS-74F166 Datasheet
94Kb / 12P
   8-bit bidirectional universal shift register
1991 Feb 14
74F198 PHILIPS-74F198 Datasheet
95Kb / 12P
   8-bit bidirectional universal shift register
1987 Oct 02
74HC299 PHILIPS-74HC299 Datasheet
85Kb / 11P
   8-bit universal shift register; 3-state
December 1990
logo
National Semiconductor ...
MM54HC299 NSC-MM54HC299 Datasheet
143Kb / 6P
   8-Bit TRI-STATEÉ Universal Shift Register
January 1988
logo
NXP Semiconductors
74HC299 NXP-74HC299 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Nexperia B.V. All right...
74HC299-Q100 NEXPERIA-74HC299-Q100 Datasheet
254Kb / 15P
   8-bit universal shift register; 3-state
Rev. 1 - 2 March 2020
logo
NXP Semiconductors
74HC_HCT299 PHILIPS-74HC_HCT299_15 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Nexperia B.V. All right...
74HC299 NEXPERIA-74HC299 Datasheet
269Kb / 15P
   8-bit universal shift register; 3-state
Rev. 6 - 11 May 2021
logo
NXP Semiconductors
74F299 PHILIPS-74F299 Datasheet
120Kb / 14P
   8-bit universal shift/storage register 3-State
1990 Mar 01
logo
Fairchild Semiconductor
DM74S299 FAIRCHILD-DM74S299 Datasheet
58Kb / 5P
   3-STATE 8-Bit Universal Shift/Storage Register
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com