Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14034B Arkusz danych(PDF) 2 Page - Motorola, Inc

Numer części MC14034B
Szczegółowy opis  8-Bit Universal Bus Register
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14034B Arkusz danych(HTML) 2 Page - Motorola, Inc

  MC14034B Datasheet HTML 1Page - Motorola, Inc MC14034B Datasheet HTML 2Page - Motorola, Inc MC14034B Datasheet HTML 3Page - Motorola, Inc MC14034B Datasheet HTML 4Page - Motorola, Inc MC14034B Datasheet HTML 5Page - Motorola, Inc MC14034B Datasheet HTML 6Page - Motorola, Inc MC14034B Datasheet HTML 7Page - Motorola, Inc MC14034B Datasheet HTML 8Page - Motorola, Inc MC14034B Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MOTOROLA CMOS LOGIC DATA
MC14034B
136
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
– 55
_C
25
_C
125
_C
Unit
Characteristic
Symbol
VDD
Vdc
Min
Max
Min
Typ #
Max
Min
Max
Unit
Output Voltage
“0” Level
Vin = VDD or 0
“1” Level
Vin = 0 or VDD
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
“1” Level
Vin = 0 or VDD
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
IOH
5.0
5.0
10
15
– 1.2
– 0.25
– 0.62
– 1.8
– 1.0
– 0.2
– 0.5
– 1.5
– 1.7
– 0.36
– 0.9
– 3.5
– 0.7
– 0.14
– 0.35
– 1.1
mAdc
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
± 0.1
±0.00001
± 0.1
± 1.0
µAdc
Input Capacitance
(Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Per Package)
IDD
5.0
10
15
5.0
10
20
0.010
0.020
0.030
5.0
10
20
150
300
600
µAdc
Total Supply Current**†
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs, all
buffers switching)
IT
5.0
10
15
IT = (2.2 µA/kHz) f + IDD
IT = (4.4 µA/kHz) f + IDD
IT = (6.6 µA/kHz) f + IDD
µAdc
3–State Output Leakage Current
ITL
15
± 0.1
± 0.0001
± 0.1
± 3.0
µAdc
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
** The formulas given are for the typical characteristics only at 25
_C.
†To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL – 50) Vfk
where: IT is in µA (per package), CL in pF, V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.004.


Podobny numer części - MC14034B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
127Kb / 8P
   Low Voltage Reference
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
   PRECISION LOW VOLTAGE REFERENCE
REV 1
logo
STMicroelectronics
MC1403 STMICROELECTRONICS-MC1403 Datasheet
37Kb / 4P
   2.5V PRECISION SERIAL VOLTAGE REFERENCE
October 1997
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
450Kb / 12P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS) 3 1/2 DIGIT A/D CONVERTER
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
91Kb / 8P
   Low Voltage Reference
March, 2005 ??Rev. 4
More results

Podobny opis - MC14034B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74F166 PHILIPS-74F166 Datasheet
94Kb / 12P
   8-bit bidirectional universal shift register
1991 Feb 14
74F198 PHILIPS-74F198 Datasheet
95Kb / 12P
   8-bit bidirectional universal shift register
1987 Oct 02
74HC299 PHILIPS-74HC299 Datasheet
85Kb / 11P
   8-bit universal shift register; 3-state
December 1990
logo
National Semiconductor ...
MM54HC299 NSC-MM54HC299 Datasheet
143Kb / 6P
   8-Bit TRI-STATEÉ Universal Shift Register
January 1988
logo
NXP Semiconductors
74HC299 NXP-74HC299 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Nexperia B.V. All right...
74HC299-Q100 NEXPERIA-74HC299-Q100 Datasheet
254Kb / 15P
   8-bit universal shift register; 3-state
Rev. 1 - 2 March 2020
logo
NXP Semiconductors
74HC_HCT299 PHILIPS-74HC_HCT299_15 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Nexperia B.V. All right...
74HC299 NEXPERIA-74HC299 Datasheet
269Kb / 15P
   8-bit universal shift register; 3-state
Rev. 6 - 11 May 2021
logo
NXP Semiconductors
74F299 PHILIPS-74F299 Datasheet
120Kb / 14P
   8-bit universal shift/storage register 3-State
1990 Mar 01
logo
Fairchild Semiconductor
DM74S299 FAIRCHILD-DM74S299 Datasheet
58Kb / 5P
   3-STATE 8-Bit Universal Shift/Storage Register
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com