Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMSF3P02HDR2 Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MMSF3P02HDR2
Szczegółowy opis  Power MOSFET 3 Amps, 20 Volts P?묬hannel SO??
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF3P02HDR2 Arkusz danych(HTML) 3 Page - ON Semiconductor

  MMSF3P02HDR2 Datasheet HTML 1Page - ON Semiconductor MMSF3P02HDR2 Datasheet HTML 2Page - ON Semiconductor MMSF3P02HDR2 Datasheet HTML 3Page - ON Semiconductor MMSF3P02HDR2 Datasheet HTML 4Page - ON Semiconductor MMSF3P02HDR2 Datasheet HTML 5Page - ON Semiconductor MMSF3P02HDR2 Datasheet HTML 6Page - ON Semiconductor MMSF3P02HDR2 Datasheet HTML 7Page - ON Semiconductor MMSF3P02HDR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MMSF3P02HD
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
0
3
4
6
1
5
2
0
0.2
0.4
0.6
0.8
2
0
3
4
6
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
1.6
1.8
2
2.2
2.4
3.4
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
01
2
3
4
10
0.4
0.6
0
123
4
6
0.05
0.07
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 3. On−Resistance versus
Gate−To−Source Voltage
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
0.80
1.20
10
100
1000
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 6. Drain−To−Source Leakage
Current versus Voltage
TJ = 25°C
VDS ≥ 10 V
TJ = 100°C
25
°C
−55
°C
VGS = 0 V
ID = 1.5 A
TJ = 25°C
VGS = 4.5 V
VGS = 10 V
ID = 3.0 A
1
1.2
3.7 V
3.1 V
2.5 V
2.6
1
1.4
1.6
1.8
2.8
3
3.2
0.2
5
678
9
10 V
−50
0
25
50
75
100
125
150
TJ = 125°C
5
0.09
0.06
0.90
2
0
5
1.00
1.10
04
8
12
16
20
0.08
2.7 V
2.9 V
VGS = 10 V
3.3 V
3.5 V
3.9 V
4.5 V
TJ = 25°C


Podobny numer części - MMSF3P02HDR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
MMSF3P02HDR2G VBSEMI-MMSF3P02HDR2G Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Podobny opis - MMSF3P02HDR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MMDF2P02HD ONSEMI-MMDF2P02HD Datasheet
100Kb / 8P
   Power MOSFET 2 Amps, 20 Volts P?묬hannel SO??, Dual
February, 2006 ??Rev. 7
MMDF2P02E ONSEMI-MMDF2P02E Datasheet
99Kb / 7P
   Power MOSFET 2 Amps, 25 Volts P?묬hannel SO??, Dual
April, 2006 ??Rev. 8
MMDF7N02ZR2 ONSEMI-MMDF7N02ZR2 Datasheet
256Kb / 12P
   Power MOSFET 7 Amps, 20 Volts N?묬hannel SO??, Dual
September, 2004?뭃ev. XXX
MMDF2P03HDR2 ONSEMI-MMDF2P03HDR2 Datasheet
236Kb / 10P
   Power MOSFET 2 Amps, 30 Volts P?묬hannel SO??, Dual
August, 2006 ??Rev. 8
NTMS10P02R2 ONSEMI-NTMS10P02R2 Datasheet
92Kb / 6P
   Power MOSFET -10 Amps, -20 Volts P?묬hannel Enhancement?묺ode Single SO?? Package
December, 2003 ??Rev. 2
MMDF3N06VL ONSEMI-MMDF3N06VL Datasheet
52Kb / 4P
   Power MOSFET 3 Amps, 60 Volts N?묬hannel SO??, Dual
April, 2004 ??Rev. 2
NTGS3443T1 ONSEMI-NTGS3443T1 Datasheet
69Kb / 6P
   Power MOSFET 2 Amps, 20 Volts P?묬hannel TSOP??
December, 2003 ??Rev. 2
MTP12P10 ONSEMI-MTP12P10 Datasheet
78Kb / 6P
   Power MOSFET 12 Amps, 100 Volts P?묬hannel TO??20
June, 2006 ??Rev. 4
NTF6P02T3-D ONSEMI-NTF6P02T3-D_10 Datasheet
143Kb / 6P
   Power MOSFET -10 Amps, -20 Volts P?묬hannel SOT??23
January, 2010 ??Rev. 3
MMDF3N02HD ONSEMI-MMDF3N02HD Datasheet
127Kb / 12P
   Power MOSFET 3 Amps, 20 Volts N-Channel SO-, DuaL
November, 2000 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com