Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS6443IRGCT Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS6443IRGCT
Szczegółowy opis  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS6443IRGCT Arkusz danych(HTML) 1 Page - Texas Instruments

  ADS6443IRGCT Datasheet HTML 1Page - Texas Instruments ADS6443IRGCT Datasheet HTML 2Page - Texas Instruments ADS6443IRGCT Datasheet HTML 3Page - Texas Instruments ADS6443IRGCT Datasheet HTML 4Page - Texas Instruments ADS6443IRGCT Datasheet HTML 5Page - Texas Instruments ADS6443IRGCT Datasheet HTML 6Page - Texas Instruments ADS6443IRGCT Datasheet HTML 7Page - Texas Instruments ADS6443IRGCT Datasheet HTML 8Page - Texas Instruments ADS6443IRGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
ADS6445, ADS6444
ADS6443, ADS6442
www.ti.com
SLAS531B – MAY 2007 – REVISED DECEMBER 2009
QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
Check for Samples: ADS6445, ADS6444, ADS6443, ADS6442
1
FEATURES
Pin Compatible 12-Bit Family (ADS642X -
SLAS532A)
Maximum Sample Rate: 125 MSPS
Feature Compatible Dual Channel Family
14-Bit Resolution with No Missing Codes
(ADS624X - SLAS542A, ADS644X - SLAS543A)
Simultaneous Sample and Hold
3.5dB Coarse Gain and up to 6dB
APPLICATIONS
Programmable Fine Gain for SFDR/SNR
Base-Station IF Receivers
Trade-Off
Diversity Receivers
Serialized LVDS Outputs with Programmable
Medical Imaging
Internal Termination Option
Test Equipment
Supports Sine, LVCMOS, LVPECL, LVDS Clock
Inputs and Amplitude down to 400 mVPP
Table 1. ADS64XX Quad Channel Family
Internal Reference with External Reference
125 MSPS
105 MSPS
80 MSPS
65 MSPS
Support
ADS644X
ADS6445
ADS6444
ADS6443
ADS6442
No External Decoupling Required for
14 Bit
References
ADS642X
ADS6425
ADS6424
ADS6423
ADS6422
12 Bit
3.3-V Analog and Digital Supply
64 QFN Package (9 mm × 9 mm)
Table 2. Performance Summary
ADS6445
ADS6444
ADS6443
ADS6442
Fin = 10MHz (0 dB gain)
87
91
92
93
SFDR, dBc
Fin = 170MHz (3.5 dB gain)
79
83
84
84
Fin = 10MHz (0 dB gain)
73.4
73.4
74.2
74.3
SINAD, dBFS
Fin = 170MHz (3.5 dB gain)
68.3
69.3
69.4
70
Power, per channel, mW
420
340
300
265
DESCRIPTION
The ADS6445/ADS6444/ADS6443/ADS6442 (ADS644X) is a family of high performance 14-bit 125/105/80/65
MSPS quad channel A-D converters. Serial LVDS data outputs reduce the number of interface lines, resulting in
a compact 64-pin QFN package (9 mm × 9 mm) that allows for high system integration density. The device
includes 3.5dB coarse gain option that can be used to improve SFDR performance with little degradation in SNR.
In addition to the coarse gain, fine gain options also exist, programmable in 1dB steps up to 6dB.
The output interface is 2-wire, where each ADC data is serialized and output over two LVDS pairs. This makes it
possible to halve the serial data rate (compared to a 1-wire interface) and restrict it to less than 1Gbps easing
receiver design. The ADS644X also includes the traditional 1-wire interface that can be used at lower sampling
frequencies.
An internal phase lock loop (PLL) multiplies the incoming ADC sampling clock to derive the bit clock. The bit
clock is used to serialize the 14-bit data from each channel. In addition to the serial data streams, the frame and
bit clocks are also transmitted as LVDS outputs.
The LVDS output buffers have features such as programmable LVDS currents, current doubling modes and
internal termination options. These can be used to widen eye-openings and improve signal integrity, easing
capture by the receiver.
The ADC channel outputs can be transmitted either as MSB or LSB first and 2s complement or straight binary.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - ADS6443IRGCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ADS6443IRGCT STMICROELECTRONICS-ADS6443IRGCT Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6443IRGCT TI-ADS6443IRGCT Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6443IRGCT TI1-ADS6443IRGCT Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6443IRGCTG4 TI-ADS6443IRGCTG4 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6443IRGCTG4 TI1-ADS6443IRGCTG4 Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
More results

Podobny opis - ADS6443IRGCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS6445 TI-ADS6445_09 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI1-ADS6445_14 Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6245 TI-ADS6245 Datasheet
3Mb / 76P
[Old version datasheet]   DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445-EP TI1-ADS6445-EP_13 Datasheet
2Mb / 66P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125/105 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445-EP TI-ADS6445-EP Datasheet
3Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6424 TI-ADS6424_10 Datasheet
2Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com