Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8332IPWR Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS8332IPWR
Szczegółowy opis  Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS8332IPWR Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADS8332IPWR Datasheet HTML 6Page - Texas Instruments ADS8332IPWR Datasheet HTML 7Page - Texas Instruments ADS8332IPWR Datasheet HTML 8Page - Texas Instruments ADS8332IPWR Datasheet HTML 9Page - Texas Instruments ADS8332IPWR Datasheet HTML 10Page - Texas Instruments ADS8332IPWR Datasheet HTML 11Page - Texas Instruments ADS8332IPWR Datasheet HTML 12Page - Texas Instruments ADS8332IPWR Datasheet HTML 13Page - Texas Instruments ADS8332IPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
CS
EOC
(activelow)
INT
(activelow)
t
D5
t
H1
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
IN1
IN2
IN3
IN4/NC
(3)
IN5/NC
(3)
IN6/NC
(3)
IN7/NC
(3)
RESET
EOC/
/CDI
INT
SCLK
FS/CS
SDI
IN0
COM
MUXOUT
ADCIN
AGND
REF-
VA
VBD
CONVST
DGND
SDO
REF+
ADS8331
ADS8332
IN4/NC
(1)
IN5/NC
(1)
IN6/NC
(1)
IN7/NC
(1)
RESET
EOC/
/CDI
INT
ADCIN
AGND
REF-
REF+
VA
VBD
1
2
3
4
5
6
18
17
16
15
14
13
ADS8331
ADS8332
ThermalPad
(BottomSide)
(2)
ADS8331
ADS8332
SBAS363 – DECEMBER 2009
www.ti.com
TIMING DIAGRAMS (continued)
Figure 4. Relationship among CS, EOC, and INT
PIN ASSIGNMENTS
RGE PACKAGE
PW PACKAGE
4x4 QFN-24
TSSOP-24
(TOP VIEW)
(TOP VIEW)
(3)
NC = No internal connection (ADS8331
only).
(1)
NC = No internal connection (ADS8331
only).
(2)
Connect thermal pad to analog ground.
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS8331 ADS8332


Podobny numer części - ADS8332IPWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8332IPWR TI-ADS8332IPWR Datasheet
912Kb / 39P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8332IPWR TI-ADS8332IPWR Datasheet
916Kb / 40P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8332IPWR TI1-ADS8332IPWR Datasheet
978Kb / 45P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
DECEMBER2010
ADS8332IPWR TI1-ADS8332IPWR Datasheet
1Mb / 57P
[Old version datasheet]   Low-Power, 16-Bit, 500-kSPS, 4-/8-Channel Unipolar Input Analog-to-Digital Converters
More results

Podobny opis - ADS8332IPWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8331 TI1-ADS8331_14 Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331 TI1-ADS8331_10 Datasheet
978Kb / 45P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
DECEMBER2010
ADS8331_1003 TI-ADS8331_1003 Datasheet
916Kb / 40P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331 TI-ADS8331 Datasheet
912Kb / 39P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331 TI1-ADS8331_15 Datasheet
1Mb / 57P
[Old version datasheet]   Low-Power, 16-Bit, 500-kSPS, 4-/8-Channel Unipolar Input Analog-to-Digital Converters
ADS8329 TI1-ADS8329_14 Datasheet
2Mb / 51P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI1-ADS8327_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8330 TI-ADS8330 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8329 BURR-BROWN-ADS8329 Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 BURR-BROWN-ADS8327 Datasheet
2Mb / 40P
   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com