Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5341 Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FAN5341
Szczegółowy opis  Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5341 Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FAN5341 Datasheet HTML 1Page - Fairchild Semiconductor FAN5341 Datasheet HTML 2Page - Fairchild Semiconductor FAN5341 Datasheet HTML 3Page - Fairchild Semiconductor FAN5341 Datasheet HTML 4Page - Fairchild Semiconductor FAN5341 Datasheet HTML 5Page - Fairchild Semiconductor FAN5341 Datasheet HTML 6Page - Fairchild Semiconductor FAN5341 Datasheet HTML 7Page - Fairchild Semiconductor FAN5341 Datasheet HTML 8Page - Fairchild Semiconductor FAN5341 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5341 • Rev. 1.0.0
5
Electrical Specifications
VIN = 2.7V to 5.5V and TA = -40°C to +85°C unless otherwise noted. Typical values are at TA = 25°C and VIN = 3.6V.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Power Supplies
ISD
Shutdown Supply Current
EN = GND, VIN = 3.6V
0.30
0.75
μA
VUVLO
Under-Voltage Lockout
Threshold
VIN Rising
2.10
2.35
2.60
V
VIN Falling
1.90
2.15
2.40
VUVHYST
Under-Voltage Lockout
Hysteresis
250
mV
EN: Enable Pin
VIH
HIGH-Level Input Voltage
1.2
V
VIL
LOW-Level Input Voltage
0.4
V
REN
EN Pull-Down Resistance
200
300
400
k
Ω
TLO
EN Low Time for Dimming
VIN = 3.6V; See Figure 14
0.5
300
µs
THI
Time Delay Between Steps
VIN = 3.6V; See Figure 14
0.5
µs
TSD
EN Low, Shutdown Pulse Width
VIN = 3.6V; from Falling Edge of EN
1
ms
Feedback and Reference
VFB
Feedback Voltage
ILED = 20mA from -40°C to +85°C,
2.7V ≤ VIN ≤ 5.5V
240
253
266
mV
IFB
Feedback Input Current
VFB = 253mV
0.1
1.0
μA
Power Outputs
RDS(ON)_Q1
Boost Switch On-Resistance
VIN = 3.6V, ISW = 100mA
600
m
Ω
VIN = 2.7V, ISW = 100mA
650
ISW(OFF)
SW Node Leakage
(1)
EN = 0, VIN = VSW = VOUT = 5.5V,
VLED = 0
0.1
2.0
μA
ILIM-PK
Boost Switch Peak Current Limit
VIN = 3.6V
750
mA
Oscillator
fSW
Boost Regulator Switching
Frequency
1.0
1.2
1.4
MHz
Output and Protection
VOVP
Boost Output Over-Voltage
Protection
18.0
18.9
21.0
V
OVP Hysteresis
0.8
VTLSC
VOUT Short Circuit Detection
Threshold
VOUT Falling
VIN – 1.4
V
VTHSC
VOUT Short Circuit Detection
Threshold
VOUT Rising
VIN – 1.2
V
DMAX
Maximum Boost Duty Cycle
(2,3)
85
%
DMIN
Minimum Boost Duty Cycle
(2,3)
20
TTSD
Thermal Shutdown
150
°C
THYS
Thermal Shutdown Hysteresis
35
°C
Notes:
1.
SW leakage current includes the leakage current of 2 internal switches; SW to GND and SW to VOUT.
2.
Not tested in production and guaranteed by design.
3.
Application should guarantee that minimum and maximum duty cycle should fall between 20-85% to meet the specified
range.


Podobny numer części - FAN5341

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FAN5341 ONSEMI-FAN5341 Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
logo
Fairchild Semiconductor
FAN53418 FAIRCHILD-FAN53418 Datasheet
256Kb / 11P
   Synchronous DC-DC MOSFET Driver
FAN53418M FAIRCHILD-FAN53418M Datasheet
256Kb / 11P
   Synchronous DC-DC MOSFET Driver
logo
ON Semiconductor
FAN5341UMPX ONSEMI-FAN5341UMPX Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
More results

Podobny opis - FAN5341

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FAN5341 ONSEMI-FAN5341 Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
logo
Fairchild Semiconductor
FAN5343 FAIRCHILD-FAN5343 Datasheet
1Mb / 11P
   6-LED Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
FAN5345 FAIRCHILD-FAN5345 Datasheet
1Mb / 14P
   Series Boost LED Driver with Single-Wire Digital Interface
logo
Linear Technology
LT3519 LINER-LT3519_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519-2 LINER-LT3519-2_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519-1 LINER-LT3519-1_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519 LINER-LT3519 Datasheet
245Kb / 16P
   LED Driver with Integrated Schottky Diode
logo
Renesas Technology Corp
ISL97631 RENESAS-ISL97631 Datasheet
471Kb / 8P
   White LED Boost Regulator With Integrated Schottky Diode
logo
Intersil Corporation
ISL97631 INTERSIL-ISL97631 Datasheet
331Kb / 8P
   White LED Boost Regulator With Integrated Schottky Diode
logo
Fairchild Semiconductor
FAN5346 FAIRCHILD-FAN5346 Datasheet
1Mb / 14P
   Series Boost LED Driver with PWM Dimming Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com