Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD74HC4094NSR Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części CD74HC4094NSR
Szczegółowy opis  HIgh-Speed CMOS Logic 8-Stage Shift and Store Bus Register,Three-State
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4094NSR Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button CD74HC4094NSR Datasheet HTML 2Page - Texas Instruments CD74HC4094NSR Datasheet HTML 3Page - Texas Instruments CD74HC4094NSR Datasheet HTML 4Page - Texas Instruments CD74HC4094NSR Datasheet HTML 5Page - Texas Instruments CD74HC4094NSR Datasheet HTML 6Page - Texas Instruments CD74HC4094NSR Datasheet HTML 7Page - Texas Instruments CD74HC4094NSR Datasheet HTML 8Page - Texas Instruments CD74HC4094NSR Datasheet HTML 9Page - Texas Instruments CD74HC4094NSR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Data Set-up Time
tSU
2
50
-
65
-
75
-
ns
4.5
10
-
13
-
15
-
ns
6
9
-
11
-
13
-
ns
Data Hold Time
tH
2
3
-3-3-
ns
4.5
3
-
3
-
3
-
ns
6
3
-3-3-
ns
STR Set-up Time
tSU
2
100
-
125
-
150
-
ns
4.5
20
-
25
-
30
-
ns
6
17
-
21
-
26
-
ns
STR Hold Time
tH
2
0
-0-0-
ns
4.5
0
-
0
-
0
-
ns
6
0
-0-0-
ns
Maximum CP Frequency
fCL (MAX)
2
6
-5-4-
MHz
4.5
30
-
24
-
20
-
MHz
6
35
-
28
-
24
-
MHz
HCT TYPES
CP Pulse Width
tW
4.5
16
-
20
-
24
-
ns
STR Pulse Width
tWH
4.5
16
-
20
-
24
-
ns
Data Set-up Time
tSU
4.5
10
-
13
-
15
-
ns
Data Hold Time
tH
4.5
4
-
4
-
4
-
ns
STR Set-up Time
tSU
4.5
20
-
25
-
30
-
ns
STR Hold Time
tH
4.5
0
-
0
-
0
-
ns
Maximum CP Frequency
fCL (MAX)
4.5
30
-
24
-
20
-
MHz
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay Time
(Figure 1)
tPLH,
tPHL
CL = 50pF
2
-
-
150
-
190
-
225
ns
CP to QS1
4.5
-
-
30
-
38
-
45
ns
CL =15pF
5
-
12
-
-
-
-
-
ns
CL = 50pF
6
-
-
26
-
33
-
38
ns
CP to QS2
tPLH,
tPHL
CL = 50pF
2
-
-
135
-
170
-
205
ns
4.5
-
-
27
-
34
-
41
ns
CL =15pF
5
-
11
-
-
-
-
-
ns
CL = 50pF
6
-
-
23
-
29
-
35
ns
CP to Qn
tPLH,
tPHL
CL = 50pF
2
-
-
195
-
245
-
295
ns
4.5
-
-
39
-
49
-
59
ns
5
-
16
-
-
-
-
-
ns
6
-
-
33
-
42
-
50
ns
STR to Qn
tPLH,
tPHL
CL = 50pF
2
-
-
180
-
225
-
270
ns
4.5
-
-
36
-
45
-
54
ns
6
-
-
31
-
38
-
46
ns
Prerequisite for Switching Specifications
(Continued)
CHARACTERISTIC
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
CD54HC4094, CD74HC4094, CD74HCT4094


Podobny numer części - CD74HC4094NSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD74HC4094NSR TI-CD74HC4094NSR Datasheet
512Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
CD74HC4094NSRE4 TI-CD74HC4094NSRE4 Datasheet
512Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
CD74HC4094NSRG4 TI-CD74HC4094NSRG4 Datasheet
512Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
More results

Podobny opis - CD74HC4094NSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD54HC4094 TI-CD54HC4094 Datasheet
366Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
CD74HC4094 TI-CD74HC4094 Datasheet
50Kb / 10P
[Old version datasheet]   High Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
CD54HC4094 TI-CD54HC4094_07 Datasheet
512Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
logo
Harris Corporation
CD74HC4094 HARRIS-CD74HC4094 Datasheet
69Kb / 8P
   High Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
logo
Texas Instruments
CD4094BF3A TI-CD4094BF3A Datasheet
1Mb / 14P
[Old version datasheet]   CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
CD4094B TI1-CD4094B_15 Datasheet
1Mb / 14P
[Old version datasheet]   CMOS 8-Stage Shift-and-Store Bus Register
CD4094B TI-CD4094B Datasheet
281Kb / 5P
[Old version datasheet]   CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
Intersil Corporation
CD4094BMS INTERSIL-CD4094BMS Datasheet
87Kb / 11P
   CMOS 8-Stage Shift-and-Store Bus Register
December 1992
logo
Texas Instruments
CD4094B TI1-CD4094B Datasheet
1Mb / 14P
[Old version datasheet]   CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com