Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4051BE Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części CD4051BE
Szczegółowy opis  CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CD4051BE Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button CD4051BE Datasheet HTML 5Page - Texas Instruments CD4051BE Datasheet HTML 6Page - Texas Instruments CD4051BE Datasheet HTML 7Page - Texas Instruments CD4051BE Datasheet HTML 8Page - Texas Instruments CD4051BE Datasheet HTML 9Page - Texas Instruments CD4051BE Datasheet HTML 10Page - Texas Instruments CD4051BE Datasheet HTML 11Page - Texas Instruments CD4051BE Datasheet HTML 12Page - Texas Instruments CD4051BE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
Test Circuits and Waveforms
FIGURE 9. TYPICAL BIAS VOLTAGES
FIGURE 10. WAVEFORMS, CHANNEL BEING TURNED ON
(RL = 1kΩ)
FIGURE 11. WAVEFORMS, CHANNEL BEING TURNED OFF
(RL = 1kΩ)
FIGURE 12. OFF CHANNEL LEAKAGE CURRENT - ANY CHANNEL OFF
VDD = 5V
VSS = 0V
VEE = -7.5V
7
8
(B)
(C)
(D)
(A)
VDD = 7.5V
7.5V
16
16
16
16
7
8
7
8
VDD = 5V
VDD = 15V
VSS = 0V
VEE = 0V
7
8
5V
VEE = -10V
VSS = 0V
VSS = 0V
5V
VEE = -5V
NOTE: The ADDRESS (digital-control inputs) and INHIBIT logic levels
are: “0” = VSS and “1” = VDD. The analog signal (through the TG) may
swing from VEE to VDD.
tf = 20ns
10%
10%
90%
50%
10%
50%
90%
10%
50%
90%
tr = 20ns
TURN-OFF TIME
TURN-ON TIME
tf = 20ns
10%
90%
50%
10%
50%
90%
10%
90%
tr = 20ns
TURN-OFF TIME
TURN-ON
tPHZ
TIME
VDD
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IDD
IDD
IDD
VDD
VDD
CD4053
CD4052
CD4051
CD4051B, CD4052B, CD4053B


Podobny numer części - CD4051BE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4051BE TI-CD4051BE Datasheet
430Kb / 20P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Harris Corporation
CD4051BE HARRIS-CD4051BE Datasheet
146Kb / 15P
   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Texas Instruments
CD4051BE TI1-CD4051BE Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
CD4051BE TI-CD4051BE Datasheet
1Mb / 48P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED MARCH 2023
CD4051BE TI1-CD4051BE Datasheet
1Mb / 42P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED SEPTEMBER 2023
More results

Podobny opis - CD4051BE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Harris Corporation
CD4051B HARRIS-CD4051B Datasheet
146Kb / 15P
   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Texas Instruments
CD4051B TI-CD4051B Datasheet
430Kb / 20P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD4051B-Q1 TI-CD4051B-Q1 Datasheet
396Kb / 18P
[Old version datasheet]   CMOS ALALOG MULTIPLEXERS/DEMULTIPLEXERS WITH LOGIC-LEVEL CONVERSION
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com