Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AHCT04DBLE Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części SN74AHCT04DBLE
Szczegółowy opis  HEX INVERTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT04DBLE Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74AHCT04DBLE Datasheet HTML 1Page - Texas Instruments SN74AHCT04DBLE Datasheet HTML 2Page - Texas Instruments SN74AHCT04DBLE Datasheet HTML 3Page - Texas Instruments SN74AHCT04DBLE Datasheet HTML 4Page - Texas Instruments SN74AHCT04DBLE Datasheet HTML 5Page - Texas Instruments SN74AHCT04DBLE Datasheet HTML 6Page - Texas Instruments SN74AHCT04DBLE Datasheet HTML 7Page - Texas Instruments SN74AHCT04DBLE Datasheet HTML 8Page - Texas Instruments SN74AHCT04DBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN54AHCT04, SN74AHCT04
HEX INVERTERS
SCLS232N − OCTOBER 1995 − REVISED JULY 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN54AHCT04 ...J OR W PACKAGE
SN74AHCT04 ...D, DB, DGV, N, NS,
OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
SN54AHCT04 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
SN74AHCT04 . . . RGY PACKAGE
(TOP VIEW)
114
78
2
3
4
5
6
13
12
11
10
9
6A
6Y
5A
5Y
4A
1Y
2A
2Y
3A
3Y
description/ordering information
The ’AHCT04 devices contain six independent inverters. These devices perform the Boolean function Y = A.
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Tape and reel
SN74AHCT04RGYR
HB04
PDIP − N
Tube
SN74AHCT04N
SN74AHCT04N
SOIC
D
Tube
SN74AHCT04D
AHCT04
SOIC − D
Tape and reel
SN74AHCT04DR
AHCT04
−40
°C to 85°C
SOP − NS
Tape and reel
SN74AHCT04NSR
AHCT04
SSOP − DB
Tape and reel
SN74AHCT04DBR
HB04
TSSOP
PW
Tube
SN74AHCT04PW
HB04
TSSOP − PW
Tape and reel
SN74AHCT04PWR
HB04
TVSOP − DGV
Tape and reel
SN74AHCT04DGVR
HB04
CDIP − J
Tube
SNJ54AHCT04J
SNJ54AHCT04J
−55
°C to 125°C
CFP − W
Tube
SNJ54AHCT04W
SNJ54AHCT04W
55 C to 125 C
LCCC − FK
Tube
SNJ54AHCT04FK
SNJ54AHCT04FK
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
FUNCTION TABLE
(each inverter)
INPUT
A
OUTPUT
Y
H
L
L
H
Copyright
© 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Podobny numer części - SN74AHCT04DBLE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AHCT04DBLE TI-SN74AHCT04DBLE Datasheet
623Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04DBLE TI-SN74AHCT04DBLE Datasheet
921Kb / 22P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04DBLE TI-SN74AHCT04DBLE Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
More results

Podobny opis - SN74AHCT04DBLE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com