Zakładka z wyszukiwarką danych komponentów |
|
SN74AHC132NSRG4 Arkusz danych(PDF) 4 Page - Texas Instruments |
|
SN74AHC132NSRG4 Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 10 page SN54AHC132, SN74AHC132 QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS SCLS365G – MAY 1997 – REVISED SEPTEMBER 2002 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54AHC132 SN74AHC132 UNIT PARAMETER (INPUT) (OUTPUT) CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT tPLH AorB Y CL =15 pF 5.6* 11.9* 1* 14* 1 14 ns tPHL A or B Y CL = 15 pF 5.6* 11.9* 1* 14* 1 14 ns tPLH AorB Y CL =50 pF 7.6 15.4 1 17.5 1 17.5 ns tPHL A or B Y CL = 50 pF 7.6 15.4 1 17.5 1 17.5 ns * On products compliant to MIL-PRF-38535, this parameter is not production tested. switching characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54AHC132 SN74AHC132 UNIT PARAMETER (INPUT) (OUTPUT) CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT tPLH AorB Y CL =15 pF 3.9* 7.7* 1* 9* 1 9 ns tPHL A or B Y CL = 15 pF 3.9* 7.7* 1* 9* 1 9 ns tPLH AorB Y CL =50 pF 5.3 9.7 1 11 1 11 ns tPHL A or B Y CL = 50 pF 5.3 9.7 1 11 1 11 ns * On products compliant to MIL-PRF-38535, this parameter is not production tested. noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 5) PARAMETER SN74AHC132 UNIT PARAMETER MIN TYP MAX UNIT VOL(P) Quiet output, maximum dynamic VOL 0.45 0.8 V VOL(V) Quiet output, minimum dynamic VOL –0.35 –0.8 V VOH(V) Quiet output, minimum dynamic VOH 4.8 V VIH(D) High-level dynamic input voltage 3.5 V VIL(D) Low-level dynamic input voltage 1.5 V NOTE 5: Characteristics are for surface-mount packages only. operating characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance No load, f = 1 MHz 11 pF PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
Podobny numer części - SN74AHC132NSRG4 |
|
Podobny opis - SN74AHC132NSRG4 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |