Zakładka z wyszukiwarką danych komponentów |
|
SN74AUC1G66DCKR Arkusz danych(PDF) 8 Page - Texas Instruments |
|
|
SN74AUC1G66DCKR Arkusz danych(HTML) 8 Page - Texas Instruments |
8 / 17 page PARAMETER MEASUREMENT INFORMATION (Continued) NOTES: A. C includesprobeandjigcapacitance. B. Waveform1isforanoutputwithinternalconditionssuchthattheoutputislow,exceptwhendisabledbytheoutputcontrol. Waveform2isforanoutputwithinternalconditionssuchthattheoutputishigh,exceptwhendisabledbytheoutputcontrol. C. Allinputpulsesaresuppliedbygeneratorshavingthefollowingcharacteristics:PRR 10MHz,Z =50 , Slewrate 1V/ns. D. Theoutputsaremeasuredoneatatime,withonetransitionpermeasurement. E. t andt arethesameast . F. t andt arethesameast . G. t andt arethesameast . L O PLZ PHZ dis PZL PZH en PLH PHL pd £ W ³ 0V t W Input 0V Input Output Output VOLTAGEWAVEFORMS PROPAGATIONDELAY TIMES INVERTING ANDNONINVERTINGOUTPUTS VOLTAGEWAVEFORMS PULSEDURATION V M V M V M V M V OL V OH V I V I V OH V OL V M V M V M V M t PLH t PHL t PLH t PHL t h t su DataInput TimingInput 0V 0V Output Waveform1 S1atV (seeNoteB) LOAD Output Waveform2 S1atGND (seeNoteB) V OL V OH 0V »0V Output Control V M V M V M V M V M VOLTAGEWAVEFORMS ENABLE ANDDISABLETIMES LOW- ANDHIGH-LEVEL ENABLING VOLTAGEWAVEFORMS SETUP ANDHOLDTIMES V I V I V I V M V M V /2 LOAD t PZL t PLZ t PHZ t PZH V – V OH D V +V OL D FromOutput UnderTest C (seeNote A) L LOADCIRCUIT S1 V LOAD Open GND R L R L t /t PLH PHL Open TEST S1 V LOAD t /t PLZ PZL GND t /t PHZ PZH INPUTS V CC 2.5V 0.2V ± 0.8V 1.2V 0.1V ± 1.5V 0.1V ± 1.8V 0.15V ± 2.5V 0.2V ± 1.8V 0.15V ± R L 500 W 2kW 2kW 2kW 2kW 2kW 1kW V LOAD 2×V CC 2×V CC 2×V CC 2×V CC 2×V CC 2×V CC 2×V CC C L 30pF 15pF 15pF 15pF 15pF 15pF 30pF V D 0. V 15 0.1V 0.1V 0.1V 0.15V 0. V 15 0. V 15 V I V CC V CC V CC V CC V CC V CC V CC V M V /2 CC V /2 CC V /2 CC V /2 CC V /2 CC V /2 CC V /2 CC t /t r f £2ns £2ns £2ns £2ns £2ns £2ns £2ns SN74AUC1G66 SCES386L – MARCH 2002 – REVISED JULY 2009 .......................................................................................................................................................... www.ti.com Figure 4. Load Circuit and Voltage Waveforms 8 Submit Documentation Feedback Copyright © 2002–2009, Texas Instruments Incorporated Product Folder Link(s): SN74AUC1G66 |
Podobny numer części - SN74AUC1G66DCKR |
|
Podobny opis - SN74AUC1G66DCKR |