Zakładka z wyszukiwarką danych komponentów |
|
AM26C31INSRG4 Arkusz danych(PDF) 9 Page - Texas Instruments |
|
AM26C31INSRG4 Arkusz danych(HTML) 9 Page - Texas Instruments |
9 / 21 page Enable G Input (see Note C) Output WIth 0 V to A Input VOL + 0.3 V tPLZ tPHZ tPZH tPZL C3 = 40 pF C2 = 40 pF C1 = 40 pF Input A 50 Ω 50 Ω 500 Ω TEST CIRCUIT VOLTAGE WAVEFORMS 3 V 0 V 1.5 V VOL VOH VOH - 0.3 V 1.5 V See Note A G G Enable G Input Output Output Output WIth 3 V to A Input Enable Inputs (see Note B) 0 V 3 V 1.5 V S1 1.3 V1.3 V 2 V 0.8 V AM26C31 www.ti.com................................................................................................................................................... SLLS103M – DECEMBER 1990 – REVISED JUNE 2008 PARAMETER MEASUREMENT INFORMATION (continued) A. C1, C2, and C3 include probe and jig capacitance. B. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, duty cycle ≤ 50%, and tr, tf ≤ 6 ns. C. Each enable is tested separately. Figure 4. Output Enable- and Disable-Time Waveforms and Test Circuit Copyright © 1990–2008, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Link(s): AM26C31 |
Podobny numer części - AM26C31INSRG4 |
|
Podobny opis - AM26C31INSRG4 |