Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX232NE4 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części MAX232NE4
Szczegółowy opis  DUAL EIA-232 DRIVERS/RECEIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

MAX232NE4 Arkusz danych(HTML) 4 Page - Texas Instruments

  MAX232NE4 Datasheet HTML 1Page - Texas Instruments MAX232NE4 Datasheet HTML 2Page - Texas Instruments MAX232NE4 Datasheet HTML 3Page - Texas Instruments MAX232NE4 Datasheet HTML 4Page - Texas Instruments MAX232NE4 Datasheet HTML 5Page - Texas Instruments MAX232NE4 Datasheet HTML 6Page - Texas Instruments MAX232NE4 Datasheet HTML 7Page - Texas Instruments MAX232NE4 Datasheet HTML 8Page - Texas Instruments MAX232NE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MAX232, MAX232I
DUAL EIA232 DRIVERS/RECEIVERS
SLLS047L − FEBRUARY 1989 − REVISED MARCH 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DRIVER SECTION
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature range (see Note 4)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
T1OUT, T2OUT
RL = 3 kΩ to GND
5
7
V
VOL
Low-level output voltage‡
T1OUT, T2OUT
RL = 3 kΩ to GND
−7
−5
V
ro
Output resistance
T1OUT, T2OUT
VS+ = VS− = 0,
VO = ±2 V
300
IOS§
Short-circuit output current
T1OUT, T2OUT
VCC = 5.5 V,
VO = 0
±10
mA
IIS
Short-circuit input current
T1IN, T2IN
VI = 0
200
µA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The algebraic convention, in which the least-positive (most negative) value is designated minimum, is used in this data sheet for logic voltage
levels only.
§ Not more than one output should be shorted at a time.
NOTE 4: Test conditions are C1−C4 = 1
µF at VCC = 5 V ± 0.5 V.
switching characteristics, VCC = 5 V, TA = 25°C (see Note 4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Driver slew rate
RL = 3 kΩ to 7 kΩ,
See Figure 2
30
V
/µs
SR(t)
Driver transition region slew rate
See Figure 3
3
V
/µs
Data rate
One TOUT switching
120
kbit/s
NOTE 4: Test conditions are C1−C4 = 1
µF at VCC = 5 V ± 0.5 V.
RECEIVER SECTION
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature range (see Note 4)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
R1OUT, R2OUT
IOH = −1 mA
3.5
V
VOL
Low-level output voltage‡
R1OUT, R2OUT
IOL = 3.2 mA
0.4
V
VIT+
Receiver positive-going input
threshold voltage
R1IN, R2IN
VCC = 5 V,
TA = 25°C
1.7
2.4
V
VIT−
Receiver negative-going input
threshold voltage
R1IN, R2IN
VCC = 5 V,
TA = 25°C
0.8
1.2
V
Vhys
Input hysteresis voltage
R1IN, R2IN
VCC = 5 V
0.2
0.5
1
V
ri
Receiver input resistance
R1IN, R2IN
VCC = 5,
TA = 25°C
3
5
7
k
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The algebraic convention, in which the least-positive (most negative) value is designated minimum, is used in this data sheet for logic voltage
levels only.
NOTE 4: Test conditions are C1−C4 = 1
µF at VCC = 5 V ± 0.5 V.
switching characteristics, VCC = 5 V, TA = 25°C (see Note 4 and Figure 1)
PARAMETER
TYP
UNIT
tPLH(R)
Receiver propagation delay time, low- to high-level output
500
ns
tPHL(R)
Receiver propagation delay time, high- to low-level output
500
ns
NOTE 4: Test conditions are C1−C4 = 1
µF at VCC = 5 V ± 0.5 V.


Podobny numer części - MAX232NE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MAX232NE4 TI-MAX232NE4 Datasheet
412Kb / 14P
[Old version datasheet]   DUAL ELA-232 DRIVERS/RECEIVERS
MAX232NE4 TI-MAX232NE4 Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
MAX232NE4 TI1-MAX232NE4 Datasheet
581Kb / 17P
[Old version datasheet]   DUAL ELA-232 DRIBERS/RECEIVERS
More results

Podobny opis - MAX232NE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MAX232 TI-MAX232_07 Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
logo
Integral Corp.
IN145406 INTEGRAL-IN145406 Datasheet
112Kb / 3P
   EIA-232-E / V.28 DRIVERS/RECEIVERS
logo
Texas Instruments
MAX232 TI-MAX232 Datasheet
412Kb / 14P
[Old version datasheet]   DUAL ELA-232 DRIVERS/RECEIVERS
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403 Datasheet
916Kb / 8P
   Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
ML145403 LANSDALE-ML145403_08 Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
logo
Analog Devices
ADM232A AD-ADM232A_15 Datasheet
183Kb / 11P
   CMOS RS-232 Drivers/Receivers
REV. B
ADM232L AD-ADM232L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
logo
Texas Instruments
TL145406 TI-TL145406_06 Datasheet
345Kb / 14P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
logo
Analog Devices
ADM231L AD-ADM231L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com