Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AUP1G57DRLR Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74AUP1G57DRLR
Szczegółowy opis  LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G57DRLR Arkusz danych(HTML) 5 Page - Texas Instruments

  SN74AUP1G57DRLR Datasheet HTML 1Page - Texas Instruments SN74AUP1G57DRLR Datasheet HTML 2Page - Texas Instruments SN74AUP1G57DRLR Datasheet HTML 3Page - Texas Instruments SN74AUP1G57DRLR Datasheet HTML 4Page - Texas Instruments SN74AUP1G57DRLR Datasheet HTML 5Page - Texas Instruments SN74AUP1G57DRLR Datasheet HTML 6Page - Texas Instruments SN74AUP1G57DRLR Datasheet HTML 7Page - Texas Instruments SN74AUP1G57DRLR Datasheet HTML 8Page - Texas Instruments SN74AUP1G57DRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SN74AUP1G57
www.ti.com
SCES503I – NOVEMBER 2003 – REVISED MAY 2010
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
0.8 V
0.3
0.6
0.3
0.6
1.1 V
0.53
0.9
0.53
0.9
VT+
1.4 V
0.74
1.11
0.74
1.11
Positive-going
V
input threshold
1.65 V
0.91
1.29
0.91
1.29
voltage
2.3 V
1.37
1.77
1.37
1.77
3 V
1.88
2.29
1.88
2.29
0.8 V
0.1
0.6
0.1
0.6
1.1 V
0.26
0.65
0.26
0.65
VT-
1.4 V
0.39
0.75
0.39
0.75
Negative-going
V
input threshold
1.65 V
0.47
0.84
0.47
0.84
voltage
2.3 V
0.69
1.04
0.69
1.04
3 V
0.88
1.24
0.88
1.24
0.8 V
0.07
0.5
0.07
0.5
1.1 V
0.08
0.46
0.08
0.46
ΔVT
1.4 V
0.18
0.56
0.18
0.56
Hysteresis
V
1.65 V
0.27
0.66
0.27
0.66
(VT+ – VT–)
2.3 V
0.53
0.92
0.53
0.92
3 V
0.79
1.31
0.79
1.31
IOH = –20 mA
0.8 V to 3.6 V
VCC – 0.1
VCC – 0.1
IOH = –1.1 mA
1.1 V
0.75 × VCC
0.7 × VCC
IOH = –1.7 mA
1.4 V
1.11
1.03
IOH = –1.9 mA
1.65 V
1.32
1.3
VOH
V
IOH = –2.3 mA
2.05
1.97
2.3 V
IOH = –3.1 mA
1.9
1.85
IOH = –2.7 mA
2.72
2.67
3 V
IOH = –4 mA
2.6
2.55
IOL = 20 mA
0.8 V to 3.6 V
0.1
0.1
0.3 ×
IOL = 1.1 mA
1.1 V
0.3 × VCC
VCC
IOL = 1.7 mA
1.4 V
0.31
0.37
IOL = 1.9 mA
1.65 V
0.31
0.35
VOL
V
IOL = 2.3 mA
0.31
0.33
2.3 V
IOL = 3.1 mA
0.44
0.45
IOL = 2.7 mA
0.31
0.33
3 V
IOL = 4 mA
0.44
0.45
II
All inputs
VI = GND to 3.6 V
0 V to 3.6 V
0.1
0.5
mA
Ioff
VI or VO = 0 V to 3.6 V
0 V
0.2
0.6
mA
ΔIoff
VI or VO = 0 V to 3.6 V
0 V to 0.2 V
0.2
0.6
mA
ICC
VI = GND or (VCC to 3.6 V), IO = 0
0.8 V to 3.6 V
0.5
0.9
mA
ΔICC
VI = VCC – 0.6 V
(1),
IO = 0
3.3 V
40
50
mA
0 V
1.5
Ci
VI = VCC or GND
pF
3.6 V
1.5
Co
VO = GND
0 V
3
pF
(1)
One input at VCC – 0.6 V, other inputs at VCC or GND.
Copyright © 2003–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN74AUP1G57


Podobny numer części - SN74AUP1G57DRLR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUP1G57DRLR TI-SN74AUP1G57DRLR Datasheet
360Kb / 16P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G57DRLR TI-SN74AUP1G57DRLR Datasheet
547Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G57DRLR TI1-SN74AUP1G57DRLR Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
SN74AUP1G57DRLRG4 TI-SN74AUP1G57DRLRG4 Datasheet
547Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G57DRLRG4 TI1-SN74AUP1G57DRLRG4 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
More results

Podobny opis - SN74AUP1G57DRLR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com