Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AUP1G240DBVRE4 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części 74AUP1G240DBVRE4
Szczegółowy opis  LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

74AUP1G240DBVRE4 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button 74AUP1G240DBVRE4 Datasheet HTML 2Page - Texas Instruments 74AUP1G240DBVRE4 Datasheet HTML 3Page - Texas Instruments 74AUP1G240DBVRE4 Datasheet HTML 4Page - Texas Instruments 74AUP1G240DBVRE4 Datasheet HTML 5Page - Texas Instruments 74AUP1G240DBVRE4 Datasheet HTML 6Page - Texas Instruments 74AUP1G240DBVRE4 Datasheet HTML 7Page - Texas Instruments 74AUP1G240DBVRE4 Datasheet HTML 8Page - Texas Instruments 74AUP1G240DBVRE4 Datasheet HTML 9Page - Texas Instruments 74AUP1G240DBVRE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SN74AUP1G240
SCES627C – MARCH 2005 – REVISED MAY 2010
www.ti.com
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
22.4
1.2 V ± 0.1 V
6.4
9.7
12.9
5.4
19.8
1.5 V ± 0.1 V
4.8
7.1
8.7
3.8
13.3
tpd
A
Y
ns
1.8 V ± 0.15 V
3.9
5.8
7.2
3.1
10.8
2.5 V ± 0.2 V
2.9
4.4
5.4
2.3
7.6
3.3 V ± 0.3 V
2.4
3.6
4.5
1.9
6.1
0.8 V
23.3
1.2 V ± 0.1 V
6
10.1
15.8
4.6
22.9
1.5 V ± 0.1 V
4.9
7
9.9
3.9
15
ten
OE
Y
ns
1.8 V ± 0.15 V
4
5.5
7.5
3.3
12.1
2.5 V ± 0.2 V
3.2
4
4.9
2.6
8.6
3.3 V ± 0.3 V
2.8
3.4
4
2.2
7
0.8 V
11.1
1.2 V ± 0.1 V
4.1
5.3
5.8
3
14
1.5 V ± 0.1 V
2.7
4
5.5
2.4
10.1
tdis
OE
Y
ns
1.8 V ± 0.15 V
3.1
4.5
5.4
2.9
10.9
2.5 V ± 0.2 V
2.4
3
3.2
1.6
7.9
3.3 V ± 0.3 V
3.3
4.7
5.4
3
10
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 30 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
29
1.2 V ± 0.1 V
8.9
12.6
16.1
7.3
25.7
1.5 V ± 0.1 V
6.8
9.2
11
5.5
17.1
tpd
A
Y
ns
1.8 V ± 0.15 V
5.5
7.6
9.2
4.5
13.8
2.5 V ± 0.2 V
4.2
5.7
6.8
3.5
9.7
3.3 V ± 0.3 V
3.5
4.7
5.7
2.3
7.8
0.8 V
30.9
1.2 V ± 0.1 V
8.2
12.6
18.5
6.8
27.4
1.5 V ± 0.1 V
6.6
8.8
11.8
5.6
18
ten
OE
Y
ns
1.8 V ± 0.15 V
5.5
7.1
9.1
4.7
14.2
2.5 V ± 0.2 V
4.4
5.3
6.2
3.8
10.2
3.3 V ± 0.3 V
3.9
4.5
5.1
3.1
8.2
0.8 V
14
1.2 V ± 0.1 V
5
6.2
7.4
4.8
14.8
1.5 V ± 0.1 V
4.2
5.7
7.7
3.9
10.8
tdis
OE
Y
ns
1.8 V ± 0.15 V
5.1
7.2
9
4.9
11.7
2.5 V ± 0.2 V
4.3
5.3
5.9
4.1
9.1
3.3 V ± 0.3 V
7.4
8.3
9.4
4.3
11.6
6
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP1G240


Podobny numer części - 74AUP1G240DBVRE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AUP1G240 PHILIPS-74AUP1G240 Datasheet
99Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
74AUP1G240 NXP-74AUP1G240 Datasheet
107Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
logo
Nexperia B.V. All right...
74AUP1G240 NEXPERIA-74AUP1G240 Datasheet
296Kb / 20P
   Low-power inverting buffer/line driver; 3-state
Rev. 7 - 20 January 2022
logo
NXP Semiconductors
74AUP1G240GF PHILIPS-74AUP1G240GF Datasheet
99Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
74AUP1G240GF NXP-74AUP1G240GF Datasheet
107Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
More results

Podobny opis - 74AUP1G240DBVRE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUP1G240 TI-SN74AUP1G240 Datasheet
508Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUC1G240 TI-SN74AUC1G240_10 Datasheet
476Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240 Datasheet
331Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUC1G240 TI-SN74AUC1G240 Datasheet
487Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240_08 Datasheet
494Kb / 14P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI1-SN74LVC1G240_16 Datasheet
1Mb / 22P
[Old version datasheet]   Single Buffer/Driver With 3-State Output
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI-SN74AUP1G125_10 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com