Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AUP1G57DBVTG4 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części SN74AUP1G57DBVTG4
Szczegółowy opis  LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G57DBVTG4 Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74AUP1G57DBVTG4 Datasheet HTML 1Page - Texas Instruments SN74AUP1G57DBVTG4 Datasheet HTML 2Page - Texas Instruments SN74AUP1G57DBVTG4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G57DBVTG4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G57DBVTG4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G57DBVTG4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G57DBVTG4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G57DBVTG4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G57DBVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
See mechanical drawings for dimensions.
DBV PACKAGE
(TOP VIEW)
ln2
VCC
Y
ln1
GND
ln0
2
1
4
3
6
5
DCK PACKAGE
(TOP VIEW)
Y
ln2
ln1
VCC
GND
ln0
2
4
3
6
1
5
DRL PACKAGE
(TOP VIEW)
Y
ln2
ln1
VCC
GND
ln0
4
3
5
2
6
1
DRY PACKAGE
(TOP VIEW)
GND
V
CC
In1
6
5
4
2
3
In0
Y
In2
1
In0
Y
3
4
GND 2
5
In1
6
1
V
CC
In2
DSF PACKAGE
(TOP VIEW)
YZP PACKAGE
(TOP VIEW)
In0
In1
Y
In2
GND
3
6
2
1
4
A1
B1
C1
A2
C2
V
CC
5 B2
YFP PACKAGE
(
VIEW)
TOP
In0
In1
Y
In2
GND
3
6
2
1
4
A1
B1
C1
A2
C2
V
CC
5 B2
SN74AUP1G57
www.ti.com
SCES503I – NOVEMBER 2003 – REVISED MAY 2010
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
Check for Samples: SN74AUP1G57
1
FEATURES
Available in the Texas Instruments NanoStar™
Wide Operating VCC Range of 0.8 V to 3.6 V
Packages
Optimized for 3.3-V Operation
Low Static-Power Consumption
3.6-V I/O Tolerant to Support Mixed-Mode
(ICC = 0.9 mA Max)
Signal Operation
Low Dynamic-Power Consumption
tpd = 5.3 ns Max at 3.3 V
(Cpd = 4.3 pF Typ at 3.3 V)
Suitable for Point-to-Point Applications
Low Input Capacitance (Ci = 1.5 pF Typ)
Latch-Up Performance Exceeds 100 mA Per
Low Noise – Overshoot and Undershoot
JESD 78, Class II
<10% of VCC
ESD Performance Tested Per JESD 22
Ioff Supports Partial-Power-Down Mode
2000-V Human-Body Model
Operation
(A114-B, Class II)
Includes Schmitt-Trigger Inputs
1000-V Charged-Device Model (C101)
DESCRIPTION/ORDERING INFORMATION
The AUP family is TI's premier solution to the industry's low-power needs in battery-powered portable
applications. This family ensures a very low static and dynamic power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in an increased battery life. This product also maintains excellent signal integrity,
which produces very low undershoot and overshoot characteristics.
The SN74AUP1G57 features configurable multiple functions. The output state is determined by eight patterns of
3-bit input. The user can choose the logic functions AND, OR, NAND, NOR, XNOR, inverter, and noninverter. All
inputs can be connected to VCC or GND.
The device functions as an independent gate with Schmitt-trigger inputs, which allow for slow input transition and
better switching noise immunity at the input.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - SN74AUP1G57DBVTG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUP1G57DBVTG4 TI-SN74AUP1G57DBVTG4 Datasheet
547Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
More results

Podobny opis - SN74AUP1G57DBVTG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com